Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F2410TPMR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2410TPMR
Description  MIXED SIGNAL MICROCONTROLLER
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F2410TPMR Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F2410TPMR Datasheet HTML 1Page - Texas Instruments MSP430F2410TPMR Datasheet HTML 2Page - Texas Instruments MSP430F2410TPMR Datasheet HTML 3Page - Texas Instruments MSP430F2410TPMR Datasheet HTML 4Page - Texas Instruments MSP430F2410TPMR Datasheet HTML 5Page - Texas Instruments MSP430F2410TPMR Datasheet HTML 6Page - Texas Instruments MSP430F2410TPMR Datasheet HTML 7Page - Texas Instruments MSP430F2410TPMR Datasheet HTML 8Page - Texas Instruments MSP430F2410TPMR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
MSP430F23x
MSP430F24x(1)
MSP430F2410
www.ti.com
SLAS547H
– JUNE 2007 – REVISED AUGUST 2011
MIXED SIGNAL MICROCONTROLLER
1
FEATURES
2
Low Supply-Voltage Range, 1.8 V to 3.6 V
On-Chip Comparator
Ultra-Low Power Consumption
Supply Voltage Supervisor/Monitor With
Programmable Level Detection
– Active Mode: 270 µA at 1 MHz, 2.2 V
Brownout Detector
– Standby Mode (VLO): 0.3 µA
Bootstrap Loader
– Off Mode (RAM Retention): 0.1 µA
Serial Onboard Programming, No External
Ultra-Fast Wake-Up From Standby Mode in
Programming Voltage Needed, Programmable
Less Than 1
µs
Code Protection by Security Fuse
16-Bit RISC Architecture, 62.5-ns Instruction
Family Members Include:
Cycle Time
– MSP430F233
Basic Clock Module Configurations:
– 8KB+256B Flash Memory,
– Internal Frequencies up to 16 MHz
– 1KB RAM
– Internal Very Low-Power LF Oscillator
– MSP430F235
– 32-kHz Crystal
– 16KB+256B Flash Memory
– Internal Frequencies up to 16 MHz With
Four Calibrated Frequencies to
±1%
– 2KB RAM
– Resonator
– MSP430F247, MSP430F2471 (1)
– External Digital Clock Source
– 32KB+256B Flash Memory
– External Resistor
– 4KB RAM
12-Bit Analog-to-Digital (A/D) Converter With
– MSP430F248, MSP430F2481
Internal Reference, Sample-and-Hold, and
– 48KB+256B Flash Memory
Autoscan Feature
– 4KB RAM
16-Bit Timer_A With Three Capture/Compare
– MSP430F249, MSP430F2491
Registers
– 60KB+256B Flash Memory
16-Bit Timer_B With Seven Capture/Compare
– 2KB RAM
With Shadow Registers
– MSP430F2410
Four Universal Serial Communication
– 56KB+256B Flash Memory
Interfaces (USCI)
– 4KB RAM
– USCI_A0 and USCI_A1
Available in 64-Pin QFP and 64-Pin QFN
– Enhanced UART Supporting Auto-Baudrate
Packages (See Available Options)
Detection
For Complete Module Descriptions, See
– IrDA Encoder and Decoder
MSP430x2xx Family User
’s Guide, Literature
– Synchronous SPI
Number SLAU144
– USCI_B0 and USCI_B1
(1)
The MSP430F24x1 devices are identical to the MSP430F24x
– I2C
devices, with the exception that the ADC12 module is not
– Synchronous SPI
implemented on the MSP430F24x1.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
MSP430 is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2007–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MSP430F2410TPMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2410TPMR TI-MSP430F2410TPMR Datasheet
1Mb / 91P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2410TPMR TI-MSP430F2410TPMR Datasheet
1Mb / 92P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2410TPMR TI-MSP430F2410TPMR Datasheet
1Mb / 93P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F2410TPMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com