Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F2132TPW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2132TPW
Description  MIXED SIGNAL MICROCONTROLLER
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F2132TPW Datasheet(HTML) 4 Page - Texas Instruments

  MSP430F2132TPW Datasheet HTML 1Page - Texas Instruments MSP430F2132TPW Datasheet HTML 2Page - Texas Instruments MSP430F2132TPW Datasheet HTML 3Page - Texas Instruments MSP430F2132TPW Datasheet HTML 4Page - Texas Instruments MSP430F2132TPW Datasheet HTML 5Page - Texas Instruments MSP430F2132TPW Datasheet HTML 6Page - Texas Instruments MSP430F2132TPW Datasheet HTML 7Page - Texas Instruments MSP430F2132TPW Datasheet HTML 8Page - Texas Instruments MSP430F2132TPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 77 page
background image
Basic Clock
System+
Brownout
Protection
RST/NMI
DVCC
D/AVSS
MCLK
Watchdog
WDT+
15-Bit
Timer0_A3
3 CC
Registers
16MHz
CPU
incl. 16
Registers
Emulation
2BP
JTAG
Interface
ADC10
10-bit
8 Channels
Autoscan
DTC
AVCC
SMCLK
ACLK
MDB
MAB
XIN
XOUT
RAM
512B
512B
256B
Flash
8kB
4kB
2kB
Timer1_A2
2 CC
Registers
USCI A0
UART/LIN,
IrDA, SPI
USCI B0
SPI, I2C
Port P1
8 I/O
Interrupt
capability
pullup/down
resistors
P1.x
8
P2.x
8
Port P2
8 I/O
Interrupt
capability
pullup/down
resistors
Comp_A+
P3.x
8
Port P3
8 I/O
pullup/
pulldown
resistors
Spy-Bi Wire
MSP430F21x2
SLAS578J
– NOVEMBER 2007 – REVISED JANUARY 2012
www.ti.com
Functional Block Diagram
4
Submit Documentation Feedback
Copyright
© 2007–2012, Texas Instruments Incorporated


Similar Part No. - MSP430F2132TPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2132TPW TI-MSP430F2132TPW Datasheet
415Kb / 22P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2132TPW TI-MSP430F2132TPW Datasheet
4Mb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2132TPW TI-MSP430F2132TPW Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2132TPW TI1-MSP430F2132TPW Datasheet
1Mb / 80P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2132TPWR TI-MSP430F2132TPWR Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F2132TPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com