Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F2491TPM Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2491TPM
Description  MIXED SIGNAL MICROCONTROLLER
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F2491TPM Datasheet(HTML) 10 Page - Texas Instruments

Back Button MSP430F2491TPM Datasheet HTML 6Page - Texas Instruments MSP430F2491TPM Datasheet HTML 7Page - Texas Instruments MSP430F2491TPM Datasheet HTML 8Page - Texas Instruments MSP430F2491TPM Datasheet HTML 9Page - Texas Instruments MSP430F2491TPM Datasheet HTML 10Page - Texas Instruments MSP430F2491TPM Datasheet HTML 11Page - Texas Instruments MSP430F2491TPM Datasheet HTML 12Page - Texas Instruments MSP430F2491TPM Datasheet HTML 13Page - Texas Instruments MSP430F2491TPM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
MSP430F23x
MSP430F24x(1)
MSP430F2410
SLAS547H
– JUNE 2007 – REVISED AUGUST 2011
www.ti.com
Table 2. Terminal Functions, MSP430F23x (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
P6.3/A3
2
I/O
General-purpose digital I/O / analog input A3 - 12-bit ADC
P6.4/A4
3
I/O
General-purpose digital I/O / analog input A4 - 12-bit ADC
P6.5/A5
4
I/O
General-purpose digital I/O / analog input A5 - 12-bit ADC
P6.6/A6
5
I/O
General-purpose digital I/O / analog input A6 - 12-bit ADC
P6.7/A7/SVSIN
6
I/O
General-purpose digital I/O / analog input A7 - 12-bit ADC/SVS input
XT2OUT
52
O
Output terminal of crystal oscillator XT2
XT2IN
53
I
Input port for crystal oscillator XT2
RST/NMI
58
I
Reset input, nonmaskable interrupt input, or bootstrap loader start (in flash devices)
TCK
57
I
Test clock (JTAG). TCK is the clock input port for device programming test and bootstrap loader start.
TDI/TCLK
55
I
Test data input or test clock input. The device protection fuse is connected to TDI/TCLK.
TDO/TDI
54
I/O
Test data output. TDO/TDI data output or programming data input terminal.
TMS
56
I
Test mode select. TMS is used as an input port for device programming and test.
VeREF+
10
I
Input for an external reference voltage
VREF+
7
O
Output of positive terminal of the reference voltage in the ADC12
Negative terminal for the reference voltage for both sources, the internal reference voltage, or an external
VREF-/VeREF-
11
I
applied reference voltage
XIN
8
I
Input for crystal oscillator XT1. Standard or watch crystals can be connected.
XOUT
9
O
Output for crystal oscillator XT1. Standard or watch crystals can be connected.
QFN Pad
NA
NA
QFN package pad connection to DVSS recommended
10
Copyright
© 2007–2011, Texas Instruments Incorporated


Similar Part No. - MSP430F2491TPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2491TPM TI-MSP430F2491TPM Datasheet
1Mb / 91P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2491TPM TI-MSP430F2491TPM Datasheet
1Mb / 92P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2491TPM TI-MSP430F2491TPM Datasheet
1Mb / 93P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2491TPMR TI-MSP430F2491TPMR Datasheet
1Mb / 91P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2491TPMR TI-MSP430F2491TPMR Datasheet
1Mb / 92P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F2491TPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com