Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LBC976DLR Datasheet(PDF) 10 Page - Texas Instruments

Part # SN75LBC976DLR
Description  9-CHANNEL DIFFERENTIAL TRANSCEIVER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC976DLR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN75LBC976DLR Datasheet HTML 6Page - Texas Instruments SN75LBC976DLR Datasheet HTML 7Page - Texas Instruments SN75LBC976DLR Datasheet HTML 8Page - Texas Instruments SN75LBC976DLR Datasheet HTML 9Page - Texas Instruments SN75LBC976DLR Datasheet HTML 10Page - Texas Instruments SN75LBC976DLR Datasheet HTML 11Page - Texas Instruments SN75LBC976DLR Datasheet HTML 12Page - Texas Instruments SN75LBC976DLR Datasheet HTML 13Page - Texas Instruments SN75LBC976DLR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
SN75LBC976
9CHANNEL DIFFERENTIAL TRANSCEIVER
SLLS133D − AUGUST 1992 − REVISED MAY 1995
2−10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION
0 V 3 V
S3
74HC241
A
DE/RE
Input
(see Note A)
VA
CDE0 at 5 V,
CDE1, CDE2, BSR,
and CRE at 0 V,
All Others Open
B+
B−
50 pF†
50 pF†
S1
0 V
5 V
R1
165
75
R2
165
5 V
0 V
VOD
S2
Input
VA
VOD
Input
VA
VOD
3 V
0 V
1.4 V
ten(TXH)
0 V
3 V
0 V
1.4 V
0 V
ten(TXL)
S1 to 0 V
S2 to 5 V
S3 to 3 V
S1 to 5 V
S2 to 0 V
S3 to 0 V
TEST CIRCUIT
VOLTAGE WAVEFORMS
1.5 V
1.5 V
ten(RXL)
ten(RXH)
1.5 V
1.5 V
† Includes probe and jig capacitance.
NOTE A: The input is provided by a pulse generator with an output of 0 to 3 V, PRR of 1 MHz, 50% duty cycle, tr and tf < 6 ns, and ZO = 50 Ω.
Figure 6. Enable Time Test Circuit and Voltage Waveforms


Similar Part No. - SN75LBC976DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC970A TI-SN75LBC970A Datasheet
309Kb / 20P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75LBC970A TI1-SN75LBC970A Datasheet
336Kb / 21P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75LBC970ADL TI-SN75LBC970ADL Datasheet
309Kb / 20P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75LBC970ADL TI1-SN75LBC970ADL Datasheet
336Kb / 21P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75LBC970ADLR TI1-SN75LBC970ADLR Datasheet
336Kb / 21P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
More results

Similar Description - SN75LBC976DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC978 TI-SN75LBC978 Datasheet
238Kb / 16P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A_07 Datasheet
689Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN55LBC976 TI1-SN55LBC976 Datasheet
462Kb / 25P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A-EP TI1-SN75976A-EP Datasheet
578Kb / 29P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A_06 Datasheet
537Kb / 33P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75LBC978 TI1-SN75LBC978_09 Datasheet
423Kb / 19P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A Datasheet
719Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
logo
National Semiconductor ...
DS92LV090A NSC-DS92LV090A_07 Datasheet
291Kb / 12P
   9 Channel Bus LVDS Transceiver
DS92LV090A NSC-DS92LV090A Datasheet
170Kb / 9P
   9 Channel Bus LVDS Transceiver
logo
Texas Instruments
DS92LV090A TI1-DS92LV090A_14 Datasheet
938Kb / 16P
[Old version datasheet]   9 Channel Bus LVDS Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com