Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75FC1000PHD Datasheet(PDF) 6 Page - Texas Instruments

Part # SN75FC1000PHD
Description  1-GIGABIT FIBRE CHANNEL TRANSCEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75FC1000PHD Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75FC1000PHD Datasheet HTML 2Page - Texas Instruments SN75FC1000PHD Datasheet HTML 3Page - Texas Instruments SN75FC1000PHD Datasheet HTML 4Page - Texas Instruments SN75FC1000PHD Datasheet HTML 5Page - Texas Instruments SN75FC1000PHD Datasheet HTML 6Page - Texas Instruments SN75FC1000PHD Datasheet HTML 7Page - Texas Instruments SN75FC1000PHD Datasheet HTML 8Page - Texas Instruments SN75FC1000PHD Datasheet HTML 9Page - Texas Instruments SN75FC1000PHD Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SN75FC1000
1-GIGABIT FIBRE CHANNEL TRANSCEIVER
SLLS254E – AUGUST 1996 – REVISED MAY 1998
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
DESCRIPTION
NAME
NO.
TYPE
DESCRIPTION
POWER
VCC _A
20,28,29,53
55,57,59,60
63
Supply
Analog power. VCC _A provides a supply reference voltage for the high-speed analog circuits.
VCC _CMOS
5,10,23,
Supply
Digital PECL logic power. VCC _CMOS provides an isolated low-noise power supply for the logic
circuits.
VCC _RX
50
Supply
Receiver power. VCC _RX provides a low-noise supply reference voltage for the receiver high-speed
analog circuits.
VCC _TTL
42,37
Supply
TTL power. VCC _TTL provides a supply reference voltage for the receiver TTL circuits.
VCC _TX
18
Supply
Transmitter power. VCC _TX provides a low-noise supply reference voltage for the transmitter
high-speed analog circuits.
GROUND
GND_ A
21,32,56,64
Ground
Analog ground. GND_A provides a ground reference for the high-speed analog circuits.
GND_CMOS
1,14,
25,58
Ground
Digital PECL logic ground. GND_CMOS provides an isolated low-noise ground for the logic circuits.
GND_ RX
51
Ground
Receiver ground. GND_ RX provides a ground reference for the receiver circuits.
GND_TTL
33,46
Ground
TTL circuit ground. GND_TTL provides a ground for TTL interface circuits.
GND_TX
15
Ground
Transmitter ground. GND_TX provides a ground reference for the transmitter circuits.
MISCELLANEOUS
RESERVED
26
Reserved. Internally pulled to GND, leave open or assert low.
detailed description
data transmission
The transmitter registers incoming 10-bit-wide data words (8b/10b encoded data, TD0 – TD9) on the rising edge
of REFCLK (106.25 MHz). The reference clock is also used by the serializer, which multiplies the clock by a
factor of 10 providing a 1.0625 Gbaud signal that is fed to the shift register. The data is then transmitted
differentially at PECL voltage levels. The 8b/10b encoded data is transmitted sequentially bit 0 through 9.
transmission latency
The data transmission latency of the SN75FC1000 is defined as the delay from the initial 10-bit word load to
the serial transmission of bit 9. The typical transmission latency is 13 ns.
data reception
The receiver of the SN75FC1000 deserializes 1.0625 Gbps differential serial data. The 8b/10b data (or
equivalent) is retimed based on an extracted clock from the serial data. The serial data is then aligned to the
10-bit word boundaries and presented to the protocol controller along with two receive byte clocks (RBC0,
RBC1). RBC0 and RBC1 are 180 degrees out of phase and are generated by dividing down the recovered
1.0625 Gbps (531 MHz) clock by 10 providing for two 53-MHz signals. The receiver presents the protocol device
byte 0 of the received data valid on the rising edge of RBC1.
NOTE:
This allows the option of byte alignment without the use of the synchronous detection
(SYNC) function by the protocol device.
The receiver PLL can lock to the incoming 1.0625 GHz data without the need for a lock-to-reference preset. The
received serial data rate (RX+ and RX–) should be 1.0625 Gbps
±0.01% (100 ppm) for proper operation.


Similar Part No. - SN75FC1000PHD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75FC1000B TI-SN75FC1000B Datasheet
256Kb / 19P
[Old version datasheet]   1-GIGABIT FIBRE CHANNEL TRANSCEIVER
SN75FC1000BPHD TI-SN75FC1000BPHD Datasheet
256Kb / 19P
[Old version datasheet]   1-GIGABIT FIBRE CHANNEL TRANSCEIVER
More results

Similar Description - SN75FC1000PHD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75FC1000B TI-SN75FC1000B Datasheet
256Kb / 19P
[Old version datasheet]   1-GIGABIT FIBRE CHANNEL TRANSCEIVER
logo
Applied Micro Circuits ...
CS2060 AMCC-CS2060 Datasheet
31Kb / 2P
   Gigabit Ethernet/Fibre Channel Transceiver
S2070 AMCC-S2070 Datasheet
168Kb / 20P
   FIBRE CHANNEL/GIGABIT ETHERNET TRANSCEIVER
logo
Hitachi Semiconductor
HTR6516 HITACHI-HTR6516 Datasheet
569Kb / 16P
   SFP TRANSCEIVER for Gigabit Ethernet Fibre Channel
logo
Vitesse Semiconductor C...
VSC7182 VITESSE-VSC7182 Datasheet
233Kb / 18P
   Quad Transceiver for Gigabit Ethernet and Fibre Channel
VSC7139 VITESSE-VSC7139 Datasheet
247Kb / 18P
   Quad Transceiver for Gigabit Ethernet and Fibre Channel
VSC7123 VITESSE-VSC7123 Datasheet
208Kb / 18P
   10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7133 VITESSE-VSC7133 Datasheet
304Kb / 18P
   10-bit Transceiver for Fibre Channel and Gigabit Ethernet
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57F5ATMZ AVAGO-AFCT-57F5ATMZ Datasheet
501Kb / 16P
   Fibre Channel Optical Transceiver
logo
Agilent(Hewlett-Packard...
HDMP-1536 HP-HDMP-1536 Datasheet
259Kb / 15P
   Fibre Channel Transceiver Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com