Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430P325AIFN Datasheet(PDF) 11 Page - Texas Instruments

Part # MSP430P325AIFN
Description  MIXED SIGNAL MICROCONTROLLER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430P325AIFN Datasheet(HTML) 11 Page - Texas Instruments

Back Button MSP430P325AIFN Datasheet HTML 7Page - Texas Instruments MSP430P325AIFN Datasheet HTML 8Page - Texas Instruments MSP430P325AIFN Datasheet HTML 9Page - Texas Instruments MSP430P325AIFN Datasheet HTML 10Page - Texas Instruments MSP430P325AIFN Datasheet HTML 11Page - Texas Instruments MSP430P325AIFN Datasheet HTML 12Page - Texas Instruments MSP430P325AIFN Datasheet HTML 13Page - Texas Instruments MSP430P325AIFN Datasheet HTML 14Page - Texas Instruments MSP430P325AIFN Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
MSP430C32x, MSP430P325A
MIXED SIGNAL MICROCONTROLLER
SLAS219B − MARCH 1999 − REVISED MARCH 2000
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
LCD drive
Liquid crystal displays (LCDs) for static, 2-, 3- and 4-MUX operations can be driven directly. The controller LCD
logic operation is defined by software using memory-bit manipulation. LCD memory is part of the LCD module,
not part of data memory. Eight mode and control bits define the operation and current consumption of the LCD
drive. The information for the individual digits can be easily obtained using table programming techniques
combined with the correct addressing mode. The segment information is stored in LCD memory using
instructions for memory manipulation.
The drive capability is mainly defined by the external resistor divider that supports the analog levels for 2-, 3-
and 4-MUX operation. Groups of the LCD segment lines can be selected for digital output signals. The
MSP430x32x configuration has four common signal lines and 21 segment lines.
A/D converter
The analog-to-digital converter (ADC) is a cascaded converter type that converts analog signals from VCC to
GND. It is a 12+2 bit converter with a software or automatically-controlled range select. Five inputs can be
selected for analog or digital function. A ratiometric current source can be used on four of the analog pins. The
current is adjusted by an external resistor and is enabled/disabled by bits located in the control registers. The
conversion is started by setting the start-of-conversion bit (SOC) in the control register and the
end-of-conversions sets the interrupt flag. The analog input signal is sampled starting with SOC during the next
twelve MCLK clock pulses. The power-down bit in the control register controls the operating mode of the ADC
peripheral. The current consumption and operation is stopped when it is set. The system reset PUC sets the
power-down bit.
Basic Timer1
The Basic Timer1 (BT1) divides the frequency of MCLK or ACLK, as selected with the SSEL bit, to provide low
frequency control signals. This is done within the system by one central divider, the Basic Timer1, to support
low current applications. The BTCTL control register contains the flags which controls or selects the different
operational functions. When the supply voltage is applied or when a reset of the device (RST/NMI pin), a
watchdog overflow, or a watchdog security key violation occurs, all bits in the register hold undefined or
unchanged status. The user software usually configures the operational conditions on the BT1 during
initialization.
The Basic Timer1 has two 8-bit timers which can be cascaded to a 16-bit timer. Both timers can be read and
written by software. Two bits in the SFR address range handle the system control interaction according to the
function implemented in the Basic Timer1. These two bits are the Basic Timer1 interrupt flag (BTIFG) and the
Basic Timer1 interrupt enable (BTIE) bit.
Watchdog Timer
The primary function of the Watchdog Timer (WDT) module is to perform a controlled system restart after a
software upset has occurred. If the selected time interval expires, a system reset is generated. If this watchdog
function is not needed in an application, the module can work as an interval timer, which generates an interrupt
after the selected time interval.
The Watchdog Timer counter (WDTCNT) is a 15/16-bit up-counter which is not directly accessible by software.
The WDTCNT is controlled using the Watchdog Timer control register (WDTCTL), which is an 8-bit read/write
register. Writing to WDTCTL, in both operating modes (watchdog or timer) is only possible by using the correct
password in the high-byte. The low-byte stores data written to the WDTCTL. The high-byte password is 05Ah.
If any value other than 05Ah is written to the high-byte of the WDTCTL, a system reset PUC is generated. When
the password is read it’s value is 069h. This minimizes accidental write operations to the WDTCTL register. In
addition to the Watchdog Timer control bits, two bits included in the WDTCTL configure the NMI pin.


Similar Part No. - MSP430P325AIFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430P325AIFN TI-MSP430P325AIFN Datasheet
437Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325AIFN TI-MSP430P325AIFN Datasheet
517Kb / 35P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325AIFN TI1-MSP430P325AIFN Datasheet
471Kb / 35P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430P325AIFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com