Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430AFE222IPW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430AFE222IPW
Description  MIXED SIGNAL MICROCONTROLLER
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430AFE222IPW Datasheet(HTML) 9 Page - Texas Instruments

Back Button MSP430AFE222IPW Datasheet HTML 5Page - Texas Instruments MSP430AFE222IPW Datasheet HTML 6Page - Texas Instruments MSP430AFE222IPW Datasheet HTML 7Page - Texas Instruments MSP430AFE222IPW Datasheet HTML 8Page - Texas Instruments MSP430AFE222IPW Datasheet HTML 9Page - Texas Instruments MSP430AFE222IPW Datasheet HTML 10Page - Texas Instruments MSP430AFE222IPW Datasheet HTML 11Page - Texas Instruments MSP430AFE222IPW Datasheet HTML 12Page - Texas Instruments MSP430AFE222IPW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
MSP430AFE2x3
MSP430AFE2x2
MSP430AFE2x1
www.ti.com
SLAS701A
– NOVEMBER 2010 – REVISED MARCH 2011
Interrupt Vector Addresses
The interrupt vectors and the power-up starting address are located in the address range of 0FFFFh to 0FFE0h.
The vector contains the 16-bit address of the appropriate interrupt handler instruction sequence.
If the reset vector (located at address 0FFFEh) contains 0FFFFh (for example, if flash is not programmed), the
CPU goes into LPM4 immediately after power up.
Table 5. Interrupt Vector Addresses
SYSTEM
INTERRUPT SOURCE
INTERRUPT FLAG
WORD ADDRESS
PRIORITY
INTERRUPT
Power up
PORIFG
External reset
RSTIFG
Watchdog
WDTIFG
Reset
0FFFEh
15, highest
Flash key violation
KEYV
PC out-of-range(1)
(2)
NMI
NMIIFG
(Non)maskable,
Oscillator fault
OFIFG
(Non)maskable,
0FFFCh
14
Flash memory access violation
ACCVIFG (2) (3)
(Non)maskable
0FFFAh
13
SD24CCTLx SD24OVIFG,
SD24_A
Maskable
0FFF8h
12
SD24CCTLx SD24IFG(2) (4)
0FFF6h
11
Watchdog Timer
WDTIFG
Maskable
0FFF4h
10
USART0 Receive
URXIFG0
Maskable
0FFF2h
9
USART0 Transmit
UTXIFG0
Maskable
0FFF0h
8
0FFEEh
7
Timer_A3
TA0CCR0 CCIFG(4)
Maskable
0FFECh
6
TA0CCR1 CCIFG,
Timer_A3
TA0CCR2 CCIFG,
Maskable
0FFEAh
5
TA0CTL TAIFG (2) (4)
I/O Port P1 (eight flags)
P1IFG.0 to P1IFG.7(2) (4)
Maskable
0FFE8h
4
0FFE6h
3
0FFE4h
2
I/O Port P2 (three flags)
P2IFG.0 to P2IFG.2(2) (4)
Maskable
0FFE2h
1
0FFE0h
0, lowest
(1)
A reset is generated if the CPU tries to fetch instructions from within the module register memory address range (0h to 01FFh) or from
within unused address range.
(2)
Multiple source flags
(3)
(Non)maskable: the individual interrupt-enable bit can disable an interrupt event, but the general interrupt enable cannot.
(4)
Interrupt flags are located in the module.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - MSP430AFE222IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430AFE222IPW TI-MSP430AFE222IPW Datasheet
905Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430AFE222IPW TI1-MSP430AFE222IPW Datasheet
1Mb / 50P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430AFE222IPWR TI-MSP430AFE222IPWR Datasheet
905Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430AFE222IPWR TI1-MSP430AFE222IPWR Datasheet
1Mb / 50P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430AFE222IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com