Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XMS430AFE253IPWR Datasheet(PDF) 11 Page - Texas Instruments

Part # XMS430AFE253IPWR
Description  MIXED SIGNAL MICROCONTROLLER
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XMS430AFE253IPWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button XMS430AFE253IPWR Datasheet HTML 7Page - Texas Instruments XMS430AFE253IPWR Datasheet HTML 8Page - Texas Instruments XMS430AFE253IPWR Datasheet HTML 9Page - Texas Instruments XMS430AFE253IPWR Datasheet HTML 10Page - Texas Instruments XMS430AFE253IPWR Datasheet HTML 11Page - Texas Instruments XMS430AFE253IPWR Datasheet HTML 12Page - Texas Instruments XMS430AFE253IPWR Datasheet HTML 13Page - Texas Instruments XMS430AFE253IPWR Datasheet HTML 14Page - Texas Instruments XMS430AFE253IPWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
MSP430AFE2x3
MSP430AFE2x2
MSP430AFE2x1
www.ti.com
SLAS701A
– NOVEMBER 2010 – REVISED MARCH 2011
Table 10. Module Enable Register 1
Address
7
6
5
4
3
2
1
0
04h
UTXE0
URXE0
USPIE0
rw-0
rw-0
URXE0
USART0: UART mode receive enable
UTXE0
USART0: UART mode transmit enable
USPIE0
USART0: SPI mode transmit and receive enable
Table 11. Module Enable Register 2
Address
7
6
5
4
3
2
1
0
05h
Memory Organization
Table 12. Memory Organization
MSP430AFE22x
MSP430AFE23x
MSP430AFE25x
Memory
Size
4 KB
8 KB
16 KB
Main: interrupt vector
Flash
0xFFFF to 0xFFE0
0xFFFF to 0xFFE0
0xFFFF to 0xFFE0
Main: code memory
Flash
0xFFFF to 0xF000
0xFFFF to 0xE000
0xFFFF to 0xC000
Size
256 Byte
256 Byte
256 Byte
Information memory
Flash
0x10FFh to 0x1000
0x10FFh to 0x1000
0x10FFh to 0x1000
256 Byte
512 Byte
512 Byte
RAM
Size
0x02FF to 0x0200
0x03FF to 0x0200
0x03FF to 0x0200
16-bit
0x01FF to 0x0100
0x01FF to 0x0100
0x01FF to 0x0100
Peripherals
8-bit
0x00FF to 0x0010
0x00FF to 0x0010
0x00FF to 0x0010
8-bit SFR
0x000F to 0x0000
0x000F to 0x0000
0x000F to 0x0000
Flash Memory
The flash memory can be programmed via the Spy-Bi-Wire/JTAG port or in-system by the CPU. The CPU can
perform single-byte and single-word writes to the flash memory. Features of the flash memory include:
Flash memory has n segments of main memory and four segments of information memory (A to D) of
64 bytes each. Each segment in main memory is 512 bytes in size.
Segments 0 to n may be erased in one step, or each segment may be individually erased.
Segments A to D can be erased individually, or as a group with segments 0 to n.
Segments A to D are also called information memory.
Segment A contains calibration data. After reset segment A is protected against programming and erasing. It
can be unlocked but care should be taken not to erase this segment if the device-specific calibration data is
required.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - XMS430AFE253IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XMS430F5438AIPZ TI-XMS430F5438AIPZ Datasheet
823Kb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
XMS430F5438AIPZ TI1-XMS430F5438AIPZ Datasheet
1Mb / 104P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
XMS430F5438AIPZ TI1-XMS430F5438AIPZ Datasheet
1Mb / 104P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
XMS430F5438AIPZR TI-XMS430F5438AIPZR Datasheet
823Kb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
XMS430F5438AIPZR TI1-XMS430F5438AIPZR Datasheet
1Mb / 104P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - XMS430AFE253IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com