Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF5 Datasheet(PDF) 5 Page - Texas Instruments

Part # MF5
Description  Universal Monolithic Switched Capacitor Filter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MF5 Datasheet(HTML) 5 Page - Texas Instruments

  MF5 Datasheet HTML 1Page - Texas Instruments MF5 Datasheet HTML 2Page - Texas Instruments MF5 Datasheet HTML 3Page - Texas Instruments MF5 Datasheet HTML 4Page - Texas Instruments MF5 Datasheet HTML 5Page - Texas Instruments MF5 Datasheet HTML 6Page - Texas Instruments MF5 Datasheet HTML 7Page - Texas Instruments MF5 Datasheet HTML 8Page - Texas Instruments MF5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Pin Description
LP(14) BP(1)
The second order lowpass bandpass
NAPHP(2)
and notchallpasshighpass outputs The
LP and BP outputs can typically sink 1 mA
and source 3 mA The NAPHP output
can typically sink 15 mA and source 3
mA Each output typically swings to within
1V of each supply
INV1(3)
The inverting input of the summing op
amp of the filter This is a high impedance
input but the non-inverting input is
internally tied to AGND making INV1
behave like a summing junction (low
impedance current input)
S1(4)
S1 is a signal input pin used in the allpass
filter configurations (see modes 4 and 5)
The pin should be driven with a source
impedance of less than 1 kX IfS1isnot
driven with a signal it should be tied to
AGND (mid-supply)
SA(5)
This pin activates a switch that connects
one of the inputs of the filter’s second
summer to either AGND (SA tied to Vb)
or to the lowpass (LP) output (SA tied to
Va) This offers the flexibility needed for
configuring the filter in its various modes
of operation
50100(9)
This pin is used to set the internal clock to
center frequency ratio (fCLK fo)ofthe
filter By tying the pin to Va an fCLK fo
ratio of about 501 (typically 5011 g
02%) is obtained Tying the 50100 pin to
either AGND or Vb will set the fCLK fo
ratio to about 1001 (typically 10004 g
02%)
AGND(11)
This is the analog ground pin This pin
should be connected to the system
ground for dual supply operation or biased
to mid-supply for single supply operation
For a further discussion of mid-supply
biasing techniques see the Applications
Information (Section 32) For optimum
filter performance a ‘‘clean’’ ground must
be provided
Va(6) Vb(10)
These are the positive and negative
supply pins The MF5 will operate over a
total supply range of 8V to 14V
Decoupling the supply pins with 01 mF
capacitors is highly recommended
CLK(8)
This is the clock input for the filter CMOS
or TTL logic level clocks can be
accomodated by setting the L Sh pin to
the levels described in the L Sh pin
description For optimum filter
performance a 50% duty cycle clock is
recommended for clock frequencies
greater than 200 kHz This gives each op
amp the maximum amount of time to
settle to a new sampled input
L Sh(7)
This pin allows the MF5 to accommodate
either CMOS or TTL logic level clocks For
dual supply operation (ie g5V) a CMOS
or TTL logic level clock can be accepted if
the L Sh pin is tied to mid-supply (AGND)
which should be the system ground
For single supply operation the L Sh pin
should be tied to mid-supply (AGND) for a
CMOS logic level clock The mid-supply
bias should be a very low impedance
node See Applications Information for
biasing techniques For a TTL logic level
clock the L Sh pin should be tied to Vb
which should be the system ground
INV2(12)
This is the inverting input of the
uncommitted op amp This is a very high
impedance input but the non-inverting
input is internally tied to AGND making
INV2 behave like a summing junction
(low-impedance current input)
Vo2(13)
This is the output of the uncommitted op
amp It will typically sink 15 mA and
source 30 mA It will typically swing to
within 1V of each supply
Typical Performance Characteristics
Deviation of
FCLK
Fo
vs Nominal Q
Deviation of
FCLK
Fo
vs Nominal Q
OPAMP Output Voltage
Swing vs Temperature
TLH5066 – 3
4


Similar Part No. - MF5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MF50 ETC2-MF50 Datasheet
228Kb / 5P
   Metal Film Resistors
logo
Riedon Powertron
MF50 RIEDON-MF50 Datasheet
237Kb / 1P
   Film Resistors
logo
Laird Tech Smart Techno...
MF500F LSTD-MF500F Datasheet
138Kb / 2P
   HIGH TEMPERATURE MAGNETICALLY LOADED MACHINABLE STOCK
logo
List of Unclassifed Man...
MF50A00B1-1000U-A99 ETC-MF50A00B1-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
MF50A00O1-1000U-A99 ETC-MF50A00O1-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
More results

Similar Description - MF5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MF10 NSC-MF10 Datasheet
706Kb / 20P
   Universal Monolithic Dual Switched Capacitor Filter
logo
Texas Instruments
MF10-N TI1-MF10-N_17 Datasheet
2Mb / 36P
[Old version datasheet]   Universal Monolithic Dual Switched Capacitor Filter
logo
National Semiconductor ...
MF5CN NSC-MF5CN Datasheet
293Kb / 16P
   MF5 Universal Monolithic Switched Capacitor Filter
logo
Texas Instruments
MF10 TI1-MF10 Datasheet
770Kb / 30P
[Old version datasheet]   Universal Monolithic Dual Switched Capacitor Filter
MF10-N TI1-MF10-N_14 Datasheet
1Mb / 36P
[Old version datasheet]   MF10-N Universal Monolithic Dual Switched Capacitor Filter
MF10-N TI-MF10-N_15 Datasheet
1Mb / 35P
[Old version datasheet]   MF10-N Universal Monolithic Dual Switched Capacitor Filter
logo
Maxim Integrated Produc...
MF10 MAXIM-MF10 Datasheet
683Kb / 16P
   Kual Universal Switched Capacitor Filter
19-1067; Rev 1; 7/96
logo
Linear Technology
LTC1059 LINER-LTC1059_09 Datasheet
120Kb / 8P
   High Performance Switched Capacitor Universal Filter
LTC1059 LINER-LTC1059 Datasheet
462Kb / 8P
   High Performance Switched Capacitor Universal Filter
LTC1059CS LINER-LTC1059CS Datasheet
175Kb / 3P
   High Performance Switched Capacitor Universal Filter?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com