Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF5 Datasheet(PDF) 4 Page - Texas Instruments

Part # MF5
Description  Universal Monolithic Switched Capacitor Filter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MF5 Datasheet(HTML) 4 Page - Texas Instruments

  MF5 Datasheet HTML 1Page - Texas Instruments MF5 Datasheet HTML 2Page - Texas Instruments MF5 Datasheet HTML 3Page - Texas Instruments MF5 Datasheet HTML 4Page - Texas Instruments MF5 Datasheet HTML 5Page - Texas Instruments MF5 Datasheet HTML 6Page - Texas Instruments MF5 Datasheet HTML 7Page - Texas Instruments MF5 Datasheet HTML 8Page - Texas Instruments MF5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Filter Electrical Characteristics Va e 5Vg 05% Vb eb5Vg 05% unless otherwise noted Boldface
limits apply over temperature TMIN s TA s TMAX For all other limits TA e 25 C (Continued)
Typical
Tested
Design
Parameter
Conditions
(Note 6)
Limit
Limit
Units
(Note 7)
(Note 8)
Output
BP LP pins
RL e 5kX
g
40
g
38
V
Swing (Min)
NAPHP pin
RL e 35 kX
g
42
g
38
V
Vpin9ea5V
83
dB
Dynamic Range
(501 CLK ratio)
(Note 4)
Vpin9eb5V
80
dB
(1001 CLK ratio)
Maximum Output Short Circuit
Source
20
mA
Current (Note 5)
Sink
30
mA
OP-AMP Electrical Characteristics Va ea5V g05% Vb eb5V g05% unless other noted Bold-
face limits apply over temperature TMIN s TA s TMAX For all other limits TA e 25 C
Typical
Tested
Design
Parameter
Conditions
(Note 6)
Limit
Limit
Units
(Note 7)
(Note 8)
Gain Bandwidth Product
25
MHz
Output Voltage Swing (Min)
RL e 35 kX
g
42
g
38
V
Slew Rate
70
V ms
DC Open-Loop Gain
80
db
Input Offset Voltage (Max)
g
50
g
20
mV
Input Bias Current
10
pA
Maximum Output
Source
20
mA
Short Circuit
Current (Note 5)
Sink
30
mA
Logic Input Characteristics Boldface limits apply over temperature T
MIN
s
TA s TMAX
All other limits TA e 25 C
Typical
Tested
Design
Parameter
Conditions
(Note 6)
Limit
Limit
Units
(Note 7)
(Note 8)
CMOS Clock
Min Logical ‘‘1’’
30
V
Input
Input Voltage
Va ea5V Vb eb5V
Max Logical ‘‘0’’
VLSh e0V
b
30
V
Input Voltage
Min Logical ‘‘1’’
80
V
Input Voltage
Va ea10V Vb e 0V
Max Logical ‘‘0’’
VLSh ea5V
20
V
Input Voltage
TTL Clock
Min Logical ‘‘1’’
20
V
Input
Input Voltage
Va ea5V Vb eb5V
Max Logical ‘‘0’’
VLSh e 0V
08
V
Input Voltage
Note 1
The typical junction-to-ambient thermal resistance (iJA) of the 14 pin N package is 160 CW and 82 CW for the M package
Note 2
The accuracy of the Q value is a function of the center frequency (fo) This is illustrated in the curves under the heading ‘‘Typical Performance
Characteristics’’
Note 3
Vos1 Vos2 and Vos3 refer to the internal offsets as discussed in the Application Information section 34
Note 4
For g5V supplies the dynamic range is referenced to 282V rms (4V peak) where the wideband noise over a 20 kHz bandwidth is typically 200 mV rms for
the MF5 with a 501 CLK ratio and 280 mV rms for the MF5 with a 1001 CLK ratio
Note 5
The short circuit source current is measured by forcing the output that is being tested to its maximum positive voltage swing and then shorting that output to
the negative supply The short circuit sink current is measured by forcing the output that is being tested to its maximum negative voltage swing and then shorting
that output to the positive supply These are the worst case conditions
Note 6
Typicals are at 25 C and represent most likely parametric norm
Note 7
Guaranteed and 100% tested
Note 8
Guaranteed but not 100% tested These limits are not used to calculate outgoing quality levels
3


Similar Part No. - MF5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MF50 ETC2-MF50 Datasheet
228Kb / 5P
   Metal Film Resistors
logo
Riedon Powertron
MF50 RIEDON-MF50 Datasheet
237Kb / 1P
   Film Resistors
logo
Laird Tech Smart Techno...
MF500F LSTD-MF500F Datasheet
138Kb / 2P
   HIGH TEMPERATURE MAGNETICALLY LOADED MACHINABLE STOCK
logo
List of Unclassifed Man...
MF50A00B1-1000U-A99 ETC-MF50A00B1-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
MF50A00O1-1000U-A99 ETC-MF50A00O1-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
More results

Similar Description - MF5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MF10 NSC-MF10 Datasheet
706Kb / 20P
   Universal Monolithic Dual Switched Capacitor Filter
logo
Texas Instruments
MF10-N TI1-MF10-N_17 Datasheet
2Mb / 36P
[Old version datasheet]   Universal Monolithic Dual Switched Capacitor Filter
logo
National Semiconductor ...
MF5CN NSC-MF5CN Datasheet
293Kb / 16P
   MF5 Universal Monolithic Switched Capacitor Filter
logo
Texas Instruments
MF10 TI1-MF10 Datasheet
770Kb / 30P
[Old version datasheet]   Universal Monolithic Dual Switched Capacitor Filter
MF10-N TI1-MF10-N_14 Datasheet
1Mb / 36P
[Old version datasheet]   MF10-N Universal Monolithic Dual Switched Capacitor Filter
MF10-N TI-MF10-N_15 Datasheet
1Mb / 35P
[Old version datasheet]   MF10-N Universal Monolithic Dual Switched Capacitor Filter
logo
Maxim Integrated Produc...
MF10 MAXIM-MF10 Datasheet
683Kb / 16P
   Kual Universal Switched Capacitor Filter
19-1067; Rev 1; 7/96
logo
Linear Technology
LTC1059 LINER-LTC1059_09 Datasheet
120Kb / 8P
   High Performance Switched Capacitor Universal Filter
LTC1059 LINER-LTC1059 Datasheet
462Kb / 8P
   High Performance Switched Capacitor Universal Filter
LTC1059CS LINER-LTC1059CS Datasheet
175Kb / 3P
   High Performance Switched Capacitor Universal Filter?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com