Electronic Components Datasheet Search |
|
SQMR501K0K Datasheet(PDF) 1 Page - Tyco Electronics |
|
SQMR501K0K Datasheet(HTML) 1 Page - Tyco Electronics |
1 / 3 page 35 ±3 2W: 23 ±3 L d W H ø2.7 Characteristics - Electrical Test Condition Performance Resistance Temp. Coefficient: -55°C ~ 155°C ± 300ppm/°C *Short Time Overload: 10 times rated power for 5 seconds ± 2% Rated Load: Rated power for 30 minutes ± 1% Voltage Withstand: 1000V AC 1 minute no change Insulation Resistance: 500V megger 1000 Meg Temperature Cycle: -30°C ~ 85°C for 5 cycles ± 1% Load Life: 70°C on-off cycle for 1000 hours ± 5% Moisture-proof Load Life: 40°C 95% RH on-off cycle 1000 hours ± 5% Incombustability: 16 times rated wattage for 5 minutes No flame Max. Overload Voltage: 2 times max. working voltage *Metal Film Elements: Short time overload 5 times rated power, 5 seconds Power Dimensions Resistance Range Max. Working Rating W ± 1 H ± 1 L ± 1.5 d ± 0.05 l ± 0.3 Wire Metal Film Voltage 2W 7 7 18 0.65 23 R10 - 82R 83R - 10K 150V 3W 8 8 22 0.8 35 R10 - 180R 181R - 33K 350V 5W 10 9 22 0.8 35 R10 - 180R 181R - 100K 350V 7W 10 9 35 0.8 35 R10 - 430R 431R - 100K 500V 10W 10 9 48 0.8 35 R10 - 470R 471R - 100K 750V 15W 12.5 11.5 48 0.8 35 R50 - 600R 601R - 150K 1000V 20W - 25W 14 13.5 60 0.8 35 R50 - 1K0 1.1K - 150K 1000V Rated Continuous Working Voltage (RCWV) RCWV: Rated Power x Resistance Value or Maximum Working Voltage listed above whichever is lower Type SQP - Horizontal High Power Resistors Type SQ Series 1773285 CIS BI 06/2011 Dimensions are in millimeters Dimensions are shown for For email, phone or live chat, go to: te.com/help and inches unless otherwise reference purposes only. specified. Values in brackets Specifications subject are standard equivalents. to change. Key Features I Choice of Styles I Bracketed Types Available I Temp. Op. -55°C to +250°C I Wide Value Range I Stable TCR 300ppm/°C I Custom Designs Welcome I Inorganic Flame Proof Construction This flexible range of Power Wirewound Resistors either have wire or power oxide film elements. The SQ series resistors are wound or deposited on a fine non - alkali ceramic core then embodied in a ceramic case and sealed with an inorganic silica filler. This design provides a resistor with high insulation resistance, low surface temperature, excellent T.C.R., and entirely fire proof construction. These resistors are ideally suited to a range of areas where low cost, and efficient thermal performance are important design criteria. Metal film cores adjusted by laser spiral are used where the resistor value is above that suited to wire. Similar performance is obtained although short time overload is slightly derated. |
Similar Part No. - SQMR501K0K |
|
Similar Description - SQMR501K0K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |