Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX32F_R1_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SX32F_R1_00001
Description  SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SX32F_R1_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SX32F_R1_00001 Datasheet HTML 1Page - Pan Jit International Inc. SX32F_R1_00001 Datasheet HTML 2Page - Pan Jit International Inc. SX32F_R1_00001 Datasheet HTML 3Page - Pan Jit International Inc. SX32F_R1_00001 Datasheet HTML 4Page - Pan Jit International Inc. SX32F_R1_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
May 15,2012-REV.02
SX32F SERIES
SCHOTTKY BARRIER RECTIFIER
VOLTAGE
20-60 Volts
3 Amperes
FEATURES
Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
For surface mounted applications
Low profile package
• Built-in strain relief
Metal to silicon rectifier. majority carrier conduction
Low power loss,high efficiency
High surge capacity
For use in low voltage high frequency inverters, free wheeling, and
polarity protection applications
Lead free in comply with EU RoHS 2002/95/EC directives.
Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
Case : SMAF, Plastic
Terminals : Solderable per MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Weight: 0.0011 ounces, 0.0328 grams
CURRENT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25
o
C unless otherwise noted)
PAR AME T E R
S YMB OL
S X 3 2 F
S X 3 3 F
S X 3 4 F
S X 3 5 F
S X 3 6 F
U N ITS
Re c urre nt P e a k Re ve rse Vo lta g e
V
RRM
2 0
3 0
4 0
5 0
6 0
V
RMS Vo lta g e
V
RMS
1 4
2 1
2 8
3 5
4 2
V
D C B lo ck i ng Vo lta g e
V
R
2 0
3 0
4 0
5 0
6 0
V
A ve ra g e Fo rwa rd C urre nt
I
F (AV )
3 .0
A
P e a k F o rwa rd S urg e C urre nt : 8 .3 ms s i ng le ha lf s i ne -wa ve
sup e ri mp o s e d o n ra te d lo a d (J E D E C me tho d )
I
F SM
8 0
A
F o rwa rd Vo lta g e a t 3 .0 A
V
F
0 .5
0 .7 5
V
D C Re ve rse C urre nt a t Ra t e d
D C B lo ck i ng Vo lta g e
T
J = 2 5
OC
I
R
1 0 0
 A
Typ i c a l Junc ti o n c a p a ci t a nce
V R=0 V,1 MHZ
C
J
4 8 5
1 5 0
p F
Typ i c a l The rma l Re si s ta nce ,Junc ti o n to L e a d (No t e 1 )
J uncti o n t o A mb i e nt (No te 2 )
R
J L
R
J A
2 0
1 5 0
OC / W
Op e ra t i ng Junc ti o n Te mp e ra ture a nd S to ra g e Te mp e ra ture Ra ng e
T
J , T S TG
-5 5 t o +1 5 0
OC
0.154(3.90)
0.145(3.70)
0.193(4.90)
0.177(4.50)
0.038(0.95)
0.021(0.55)
0.038(0.95)
0.021(0.55)
0.044(1.10)
0.035(0.90)
1
2
C a th o d e
A n o d e
NOTES :
1.Mounted on an FR4 PCB, single-sided copper, with 48cm 2copper pad area.
2.Mounted on an FR4 PCB, single-sided copper, m ini pad.


Similar Part No. - SX32F_R1_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SX32F_R1_00001 PANJIT-SX32F_R1_00001 Datasheet
238Kb / 5P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SX32F_R1_00001

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com