Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR56F Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SR56F
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SR56F Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SR56F Datasheet HTML 1Page - Pan Jit International Inc. SR56F Datasheet HTML 2Page - Pan Jit International Inc. SR56F Datasheet HTML 3Page - Pan Jit International Inc. SR56F Datasheet HTML 4Page - Pan Jit International Inc. SR56F Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
RATING A ND CHARACTERISTIC CURVES
SR52F SERIES
1
10
100
1000
0.1
1
10
100
VR, Reverse Bias Voltage (V)
SR52F~SR54F
SR55F~SR56F
0
1
2
3
4
5
6
0
25
50
75
100
125
150
TC, Case Temperature (°C)
0.001
0.01
0.1
1
10
100
1000
8
16
24
32
40
VR, Peak Reverse Voltage (V)
TJ = 25°C
TJ = 150°C
SR52F~SR54F
Fig.3 Typical Reverse Characteristics
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
TJ = 125°C
TJ = 75°C
0.01
0.1
1
10
0
0.2
0.4
0.6
VF, Forward Voltage (V)
TJ = 25°C
TJ = 75°C
TJ = 150°C
SR52F~SR54F
Fig.5 Typical Forward Characteristics
TJ = 125°C
0.001
0.01
0.1
1
10
100
1000
12
24
36
48
60
VR , Peak Reverse Voltage (V)
TJ = 150°C
TJ = 75°C
TJ = 25°C
TJ = 125°C
SR55F~SR56F
Fig.4 Typical Reverse Characteristics
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
VF, Forward Voltage (V)
TJ = 25°C
TJ = 75°C
TJ = 150°C
SR55F~SR56F
Fig.6 Typical Forward Characteristics
TJ = 125°C
May 14,2012-REV.01


Similar Part No. - SR56F

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR56 MOSPEC-SR56 Datasheet
227Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(5.0A,20-60V)
logo
Nanjing International G...
SR560 DGNJDZ-SR560 Datasheet
467Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SR560 PACELEADER-SR560 Datasheet
657Kb / 2P
   5.0AMP SCHOTTKY BARRIER RECTIFIERS- 20~200Volts
logo
Lumins Inc.
SR560 LUMINIS-SR560 Datasheet
298Kb / 4P
   Ceiling surface mounting
logo
ASEMI TECHNOLOGY., LTD
SR560 ASEMI-SR560 Datasheet
62Kb / 2P
   axial ultra-fast recovery diode
2018.11 Rev.3.1
More results

Similar Description - SR56F

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com