Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF2DF Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # UF2DF
Description  SURFACE MOUNT ULTRA FAST RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

UF2DF Datasheet(HTML) 1 Page - Pan Jit International Inc.

  UF2DF Datasheet HTML 1Page - Pan Jit International Inc. UF2DF Datasheet HTML 2Page - Pan Jit International Inc. UF2DF Datasheet HTML 3Page - Pan Jit International Inc. UF2DF Datasheet HTML 4Page - Pan Jit International Inc. UF2DF Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
April 09,2012-REV.00
UF2AF SERIES
FEATURES
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Easy pick and place
• Ultrafast recovery times for high efficiency
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• Glass passivated junction
• Lead free in comply with EU RoHS 2002/95/EC directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SMBF molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Approx. Weight: 0.0018 ounces, 0.05 grams
• Polarity : Color band denotes cathode end
SURFACE MOUNT ULTRA FAST RECTIFIER
VOLTAGE
50-600 Volts
2 Amperes
CURRENT
1
2
Cathode
Anode
NOTES : 1. Mounted on an FR4 PCB, single-sided copper, with 48cm2 copper pad area
2. Mounted on an FR4 PCB, single-sided copper, mini pad.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
PAR AM E T E R
S YM B OL
U F 2A F
U F 2 B F
U F 2 D F
U F 2GF
U F 2 J F
U N IT S
Rec ur r e nt P e a k Re ve r s e Vo l tag e
V
RRM
50
1 0 0
20 0
4 0 0
6 0 0
V
RMS Vo lta g e
V
RM S
35
7 0
14 0
2 8 0
4 2 0
V
D C B lo c k i ng Vo lt ag e
V
R
50
1 0 0
20 0
4 0 0
6 0 0
V
A ve r a ge F o r war d C ur r e nt
I
F ( AV )
2
A
P ea k F o r war d S urg e C ur r e nt : 8 .3 ms s i ngl e ha lf s i ne -wa ve
s up e r i mp o s ed on r at ed lo ad ( J E D E C m et hod )
I
F S M
50
A
F o r war d Vo lta g e at 2 .0 A
V
F
1
1 .4
1 .7
V
D C Rever s e C ur r e nt a t Rat ed
D C B lo c k i ng Vo lt ag e
T
J = 2 5
OC
I
R
1
A
Typ i c a l J unc ti o n c a p ac i tanc e
V R= 4V,f= 1M HZ
C
J
3 7
2 7
18
p F
Typ i c a l Ther m a l Re s i s ta nc e ,J unc ti on to L e ad (N ote 1)
J unc t i on to A m b i e nt ( No te 2 )
R
J L
R
 J A
2 0
13 5
OC / W
Rever s e Re c o ve r y Ti m e ( I
F = 0 . 5 A , IR= 1 . 0 A , Ir r = 0 . 2 5 A )
T
r r
50
1 0 0
ns
Op e ra ti ng J unc ti o n Te mp e r a tur e a nd S to r ag e Te m pe r a tur e Ra nge
T
J
,T
STG
- 5 5 to + 1 50
OC


Similar Part No. - UF2DF

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
UF2DF CHENDA-UF2DF Datasheet
652Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
SUNMATE electronic Co.,...
UF2DF SUNMATE-UF2DF Datasheet
341Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
UF2DFL SUNMATE-UF2DFL Datasheet
360Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
More results

Similar Description - UF2DF

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
US2A SY-US2A Datasheet
1Mb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
List of Unclassifed Man...
UF2AF ETC2-UF2AF Datasheet
549Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US1AF ETC2-US1AF Datasheet
525Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Shanghai Shunye Electro...
US1A SHUNYE-US1A Datasheet
244Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
US2A YIXIN-US2A_13 Datasheet
428Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US2AF YIXIN-US2AF Datasheet
130Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
GUANGDONG HOTTECH INDUS...
UF1A HOTTECH-UF1A Datasheet
220Kb / 3P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US2AL HOTTECH-US2AL Datasheet
168Kb / 3P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US3AF HOTTECH-US3AF Datasheet
153Kb / 3P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Microdiode Electronics ...
US2ABF CHENDA-US2ABF_V01 Datasheet
847Kb / 3P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US3AB CHENDA-US3AB Datasheet
747Kb / 3P
   SURFACE MOUNT ULTRA FAST RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com