Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM72FB8ML8 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MCM72FB8ML8
Description  256K x 72 Bit Burst RAM Multichip Module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM72FB8ML8 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MCM72FB8ML8 Datasheet HTML 3Page - Motorola, Inc MCM72FB8ML8 Datasheet HTML 4Page - Motorola, Inc MCM72FB8ML8 Datasheet HTML 5Page - Motorola, Inc MCM72FB8ML8 Datasheet HTML 6Page - Motorola, Inc MCM72FB8ML8 Datasheet HTML 7Page - Motorola, Inc MCM72FB8ML8 Datasheet HTML 8Page - Motorola, Inc MCM72FB8ML8 Datasheet HTML 9Page - Motorola, Inc MCM72FB8ML8 Datasheet HTML 10Page - Motorola, Inc MCM72FB8ML8 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MCM72FB8ML
 MCM72PB8ML
7
MOTOROLA FAST SRAM
DC OPERATING CONDITIONS AND CHARACTERISTICS
(VDD = 3.3 V + 10%, – 5%, TA = 0 to 70°C, Unless Otherwise Noted)
RECOMMENDED OPERATING CONDITIONS: 2.5 V I/O SUPPLY (Voltages Referenced to VSS = 0 V)
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VDD
3.135
3.3
3.465
V
I/O Supply Voltage
VDDQ
2.375
2.5
2.9
V
Input Low Voltage
VIL
– 0.3
0.7
V
Input High Voltage
VIH
1.7
VDD + 0.3
V
Input High Voltage I/O Pins
VIH2
1.7
VDDQ + 0.3
V
RECOMMENDED OPERATING CONDITIONS: 3.3 V I/O SUPPLY (Voltages Referenced to VSS = 0 V)
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VDD
3.135
3.3
3.465
V
I/O Supply Voltage
VDDQ
3.135
3.3
VDD
V
Input Low Voltage
VIL
– 0.5
0.8
V
Input High Voltage
VIH
2
VDD + 0.5
V
Input High Voltage I/O Pins
VIH2
2
VDDQ + 0.5
V
VIH
20% tKHKH (MIN)
VSS
VSS – 1.0 V
Figure 1. Undershoot Voltage


Similar Part No. - MCM72FB8ML8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72F10 MOTOROLA-MCM72F10 Datasheet
138Kb / 11P
   8MB Synchronous Fast Static RAM Module
MCM72F10DG12 MOTOROLA-MCM72F10DG12 Datasheet
138Kb / 11P
   8MB Synchronous Fast Static RAM Module
MCM72F10DG8 MOTOROLA-MCM72F10DG8 Datasheet
138Kb / 11P
   8MB Synchronous Fast Static RAM Module
MCM72F10DG9 MOTOROLA-MCM72F10DG9 Datasheet
138Kb / 11P
   8MB Synchronous Fast Static RAM Module
MCM72F6 MOTOROLA-MCM72F6 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
More results

Similar Description - MCM72FB8ML8

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS816272C GSI-GS816272C Datasheet
1Mb / 31P
   256K x 72 18Mb Sync Burst SRAMs
logo
Siemens Semiconductor G...
HYM721000GS-60- SIEMENS-HYM721000GS-60- Datasheet
83Kb / 11P
   1M x 72-Bit Dynamic RAM Module
HYM72V1620GS-50- SIEMENS-HYM72V1620GS-50- Datasheet
69Kb / 11P
   16M x 72-Bit Dynamic RAM Module
HYM72V8020GS-50- SIEMENS-HYM72V8020GS-50- Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
HYM72V4000GS-50- SIEMENS-HYM72V4000GS-50- Datasheet
68Kb / 11P
   4M x 72-Bit Dynamic RAM Module
HYM72V8000GS-50- SIEMENS-HYM72V8000GS-50- Datasheet
86Kb / 11P
   8M x 72-Bit Dynamic RAM Module
HYM724000GS-50- SIEMENS-HYM724000GS-50- Datasheet
74Kb / 11P
   4M x 72-Bit Dynamic RAM Module
HYM72V1600GS-50- SIEMENS-HYM72V1600GS-50- Datasheet
77Kb / 22P
   16M x 72-Bit Dynamic RAM Module
logo
Motorola, Inc
MCM32257B MOTOROLA-MCM32257B Datasheet
158Kb / 8P
   256K x 32 Bit Fast Static RAM Module
logo
Hanbit Electronics Co.,...
HMS25632M8B HANBIT-HMS25632M8B Datasheet
232Kb / 9P
   SRAM MODULE 1Mbyte (256K x 32-Bit) , 72-Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com