Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJE260N02 Datasheet(PDF) 6 Page - Pan Jit International Inc.

Part # PJE260N02
Description  N-Channel, 20V, 0.78A, Small Signal MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJE260N02 Datasheet(HTML) 6 Page - Pan Jit International Inc.

  PJE260N02 Datasheet HTML 1Page - Pan Jit International Inc. PJE260N02 Datasheet HTML 2Page - Pan Jit International Inc. PJE260N02 Datasheet HTML 3Page - Pan Jit International Inc. PJE260N02 Datasheet HTML 4Page - Pan Jit International Inc. PJE260N02 Datasheet HTML 5Page - Pan Jit International Inc. PJE260N02 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PAGE . 6
For example :
RB500V-40_R2_00001
Part No.
Serial number
Version code means HF
Packing size code means 13"
Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing
type
1st Code
Packing
size code
2nd Code
HF or RoHS 1st Code
2nd~5th Code
T/B
A
N/A
0
HF
0
serial number
T/R
R
7"
1
RoHS
1
serial number
B/P
B
13"
2
T/P
T
26mm
X
TRR
S
52mm
Y
TRL
L
PBCU
U
FORMING
F
PBCD
D
Part No_packing code_Version
PJE260N02_R1_00001
PJE260N02_R2_00001
PJE260N02
April 26.2012-REV.00


Similar Part No. - PJE260N02

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJE24HWS PANJIT-PJE24HWS Datasheet
176Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJE24VM5FN2 PANJIT-PJE24VM5FN2 Datasheet
220Kb / 6P
   ESD Protection
PJE28VM2FN2 PANJIT-PJE28VM2FN2 Datasheet
278Kb / 6P
   ESD Protection
March 1,2017-REV.01
PJE28VM2FN2_R1_00001 PANJIT-PJE28VM2FN2_R1_00001 Datasheet
278Kb / 6P
   ESD Protection
March 1,2017-REV.01
PJE28VM2TS PANJIT-PJE28VM2TS Datasheet
233Kb / 6P
   ESD Protection
May 27,2016-REV.01
More results

Similar Description - PJE260N02

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WNM2021FL WILLSEMI-WNM2021FL Datasheet
857Kb / 8P
   N-Channel, 20V, 0.89A, Small Signal MOSFET
WNM4153 WILLSEMI-WNM4153 Datasheet
339Kb / 6P
   N-Channel, 20V, 0.88A, Small Signal MOSFET
WNM2020 WILLSEMI-WNM2020 Datasheet
447Kb / 6P
   N-Channel, 20V, 0.90A, Small Signal MOSFET
WNM2021 WILLSEMI-WNM2021 Datasheet
509Kb / 6P
   N-Channel, 20V, 0.89A, Small Signal MOSFET
WNM4002 WILLSEMI-WNM4002 Datasheet
166Kb / 6P
   Small Signal N-Channel, 20V, 0.3A, MOSFET
logo
Shenzhen Tuofeng Semico...
2021 TUOFENG-2021 Datasheet
2Mb / 5P
   N-Channel, 20V, 0.89A, Small Signal MOSFET
Feb,2018 V1.0
logo
Will Semiconductor Ltd.
WCM2002 WILLSEMI-WCM2002 Datasheet
1Mb / 9P
   N- and P- Channel, 20V, Small signal MOSFET
WNMD2153 WILLSEMI-WNMD2153 Datasheet
644Kb / 7P
   Dual N-Channel, 20V, 0.89A, Small Signal MOSFET
WPMD2013 WILLSEMI-WPMD2013 Datasheet
383Kb / 6P
   Dual P-Channel, -20V, -0.64A, Small Signal MOSFET
logo
Fairchild Semiconductor
2N7002MTF FAIRCHILD-2N7002MTF_01 Datasheet
116Kb / 5P
   N-Channel Small Signal MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com