Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLVTH162240IDGGREP Datasheet(PDF) 6 Page - Texas Instruments

Part # CLVTH162240IDGGREP
Description  3.3-V ABT 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVTH162240IDGGREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button CLVTH162240IDGGREP Datasheet HTML 2Page - Texas Instruments CLVTH162240IDGGREP Datasheet HTML 3Page - Texas Instruments CLVTH162240IDGGREP Datasheet HTML 4Page - Texas Instruments CLVTH162240IDGGREP Datasheet HTML 5Page - Texas Instruments CLVTH162240IDGGREP Datasheet HTML 6Page - Texas Instruments CLVTH162240IDGGREP Datasheet HTML 7Page - Texas Instruments CLVTH162240IDGGREP Datasheet HTML 8Page - Texas Instruments CLVTH162240IDGGREP Datasheet HTML 9Page - Texas Instruments CLVTH162240IDGGREP Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SN74LVTH162240EP
3.3V ABT 16BIT BUFFER/DRIVER
WITH 3STATE OUTPUTS
SCBS780 − NOVEMBER 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
th
tsu
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
Open
GND
500
500
Data Input
Timing Input
2.7 V
0 V
2.7 V
0 V
2.7 V
0 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
2.7 V
0 V
Input
Output
Control
Output
Waveform 1
S1 at 6 V
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
3 V
0 V
VOL + 0.3 V
VOH − 0.3 V
≈0 V
2.7 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
6 V
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one transition per measurement.
6 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - CLVTH162240IDGGREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLVTH162244IDGGREP TI1-CLVTH162244IDGGREP Datasheet
298Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
CLVTH162245IDGGREP TI1-CLVTH162245IDGGREP Datasheet
348Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CLVTH162245MDLREP TI1-CLVTH162245MDLREP Datasheet
348Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - CLVTH162240IDGGREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH16244A-EP TI1-SN74LVTH16244A-EP Datasheet
575Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVTH162244-EP TI1-SN74LVTH162244-EP Datasheet
298Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVTH16240-EP TI1-SN74LVTH16240-EP Datasheet
308Kb / 11P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVTH32244 TI-SN74LVTH32244 Datasheet
234Kb / 11P
[Old version datasheet]   3.3-V ABT 32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVTH32244-EP TI1-SN74LVTH32244-EP Datasheet
388Kb / 13P
[Old version datasheet]   3.3-V ABT 32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVT32244 TI-SN74LVT32244 Datasheet
244Kb / 11P
[Old version datasheet]   3.3-V ABT 32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVT32240 TI-SN74LVT32240 Datasheet
203Kb / 9P
[Old version datasheet]   3.3-V ABT 32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVT32244 TI-SN74LVT32244_07 Datasheet
383Kb / 13P
[Old version datasheet]   3.3-V ABT 32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVT244B TI-SN74LVT244B_10 Datasheet
650Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVTH240-EP TI1-SN74LVTH240-EP Datasheet
433Kb / 9P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com