Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJA63P02_R1_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJA63P02_R1_00001
Description  20V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJA63P02_R1_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJA63P02_R1_00001 Datasheet HTML 1Page - Pan Jit International Inc. PJA63P02_R1_00001 Datasheet HTML 2Page - Pan Jit International Inc. PJA63P02_R1_00001 Datasheet HTML 3Page - Pan Jit International Inc. PJA63P02_R1_00001 Datasheet HTML 4Page - Pan Jit International Inc. PJA63P02_R1_00001 Datasheet HTML 5Page - Pan Jit International Inc. PJA63P02_R1_00001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
November 04,2011-REV.00
PJA63P02
FEATURES
• R
DS(ON), VGS@-1.8V,ID@-2.3A<108 mΩ
• R
DS(ON), VGS@-4.5V,ID@-3.3A<63 mΩ
• Advanced Trench Process Technology
• High Density Cell Design For Ultra Low On-Resistance
• Specially Designed for DC/DC Converters
• Low Gate Charge
• Lead free in comply with EU RoHS 2002/95/EC directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SOT-23 Package
• Terminals : Solderable per MIL-STD-750,Method 2026
• Apporx. Weight : 0.0003 ounces, 0.0084grams
• Marking : 63
20V P-CHANNEL ENHANCEMENT MODE MOSFET
MAXIMUM RATINGS AND THERMAL CHARACTERISTICS (T
A=25
OC unless otherwise noted )
NOTES:
1. Mounted on 7.5cm
2
FR-4 PCB .
PAR AM E T E R
S YMBOL
L IM IT
UNIT S
D r ai n- S o ur c e Vo ltage
V
DS
-2 0
V
Gate - S our c e Voltage
V
GS
+12
V
C onti nuous D rai n C urr ent
S teady- S tate
T
A =2 5
OCI
D
-2 .9
A
P uls ed D r ai n C urr ent
I
DM
-1 2
A
P o we r D i s s i pati o n ( Notes 1)
S teady- S ta te
T
A =2 5
OCP
D
0.8
W
Typi cal Ther mal Res i s tanc e (Notes 1)
R
θJA
155
OC/W
Operati ng Junc ti on and S torage Tem peratur e Range
T
J ,T STG
- 55 to + 150
OC
VOLTAGE
20 Volts
2.9 Amperes
CURRENT


Similar Part No. - PJA63P02_R1_00001

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
PJA600F COSEL-PJA600F Datasheet
2Mb / 16P
   AC-DC Power Supplies Enclosed Type
June 25, 2020
PJA600F-12 COSEL-PJA600F-12 Datasheet
2Mb / 16P
   AC-DC Power Supplies Enclosed Type
June 25, 2020
PJA600F-12-C COSEL-PJA600F-12-C Datasheet
2Mb / 16P
   AC-DC Power Supplies Enclosed Type
June 25, 2020
PJA600F-12-F4 COSEL-PJA600F-12-F4 Datasheet
2Mb / 16P
   AC-DC Power Supplies Enclosed Type
June 25, 2020
PJA600F-12-G COSEL-PJA600F-12-G Datasheet
2Mb / 16P
   AC-DC Power Supplies Enclosed Type
June 25, 2020
More results

Similar Description - PJA63P02_R1_00001

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
   20V P-Channel Enhancement-Mode MOSFET
logo
WILLAS ELECTRONIC CORP
SMG2301B WILLAS-SMG2301B Datasheet
1Mb / 6P
   20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG1013TQ DIODES-DMG1013TQ Datasheet
400Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
   20V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP21D0UFB DIODES-DMP21D0UFB_17 Datasheet
376Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2006UFG DIODES-DMP2006UFG_17 Datasheet
396Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVT DIODES-DMP2035UVT_16 Datasheet
519Kb / 6P
   -20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVTQ DIODES-DMP2035UVTQ Datasheet
484Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com