Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR1AF_R2_00001 Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # FR1AF_R2_00001
Description  SURFACE MOUNT FAST RECOVERY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

FR1AF_R2_00001 Datasheet(HTML) 4 Page - Pan Jit International Inc.

  FR1AF_R2_00001 Datasheet HTML 1Page - Pan Jit International Inc. FR1AF_R2_00001 Datasheet HTML 2Page - Pan Jit International Inc. FR1AF_R2_00001 Datasheet HTML 3Page - Pan Jit International Inc. FR1AF_R2_00001 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PAGE . 4
For example :
RB500V-40_R2_00001
Part No.
Serial number
Version code means HF
Packing size code means 13"
Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing
type
1st Code
Packing
size code
2nd Code
HF or RoHS 1st Code
2nd~5th Code
T/B
A
N/A
0
HF
0
serial number
T/R
R
7"
1
RoHS
1
serial number
B/P
B
13"
2
T/P
T
26mm
X
TRR
S
52mm
Y
TRL
L
PBCU
U
FORMING
F
PBCD
D
Part No_packing code_Version
FR1AF_R1_00001
FR1AF_R2_00001
April 30,2012-REV.00
FR1AF SERIES


Similar Part No. - FR1AF_R2_00001

ManufacturerPart #DatasheetDescription
logo
Dc Components
FR1AFL DCCOM-FR1AFL Datasheet
67Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
logo
SUNMATE electronic Co.,...
FR1AFL SUNMATE-FR1AFL Datasheet
303Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
More results

Similar Description - FR1AF_R2_00001

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
FR1A SY-FR1A Datasheet
234Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
SRTA EIC-SRTA_05 Datasheet
56Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
RS2A PACELEADER-RS2A Datasheet
323Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1AF PANJIT-RS1AF Datasheet
268Kb / 4P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
FFM101 TAYCHIPST-FFM101 Datasheet
3Mb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
FR1AF ETC2-FR1AF Datasheet
575Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
FR3AF ETC2-FR3AF Datasheet
580Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1A PANJIT-RS1A_05 Datasheet
41Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
MIC GROUP RECTIFIERS
RS3A MIC-RS3A Datasheet
66Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shanghai Shunye Electro...
RS1A SHUNYE-RS1A Datasheet
233Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
FR1A SHUNYE-FR1A Datasheet
233Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com