Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3221-EP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3221-EP
Description  3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3221-EP Datasheet(HTML) 9 Page - Texas Instruments

Back Button MAX3221-EP Datasheet HTML 5Page - Texas Instruments MAX3221-EP Datasheet HTML 6Page - Texas Instruments MAX3221-EP Datasheet HTML 7Page - Texas Instruments MAX3221-EP Datasheet HTML 8Page - Texas Instruments MAX3221-EP Datasheet HTML 9Page - Texas Instruments MAX3221-EP Datasheet HTML 10Page - Texas Instruments MAX3221-EP Datasheet HTML 11Page - Texas Instruments MAX3221-EP Datasheet HTML 12Page - Texas Instruments MAX3221-EP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
www.ti.com
TESTCIRCUIT
50 W
Generator
(seeNoteB)
FORCEOFF
ROUT
FORCEON
Auto-
powerdown
INVALID
DOUT
DIN
C =30pF
L
(seeNote A)
2.7V
-2.7V
0.3V
-0.3V
0V
ValidRS-232Level,INVALIDHigh
Indeterminate
Indeterminate
IfSignalRemainsWithinThisRegion
ForMoreThan30 µs,INVALIDIsLow*
ValidRS-232Level,INVALIDHigh
*
Auto-powerdowndisablesdriversandreducessupply
currentto1
A.
m
VOLTAGEWAVEFORMS
3V
2.7V
-2.7V
INVALID
Output
Receiver
Input
t
valid
0V
0V
-3V
V
CC
0V
»V+
0V
»V-
V+
V
CC
t
en
V-
50%V
CC
50%V
CC
2.7V
-2.7V
0.3V
0.3V
t
invalid
Supply
Voltages
NOTES:
A.C includesprobeandjigcapacitance.
L
B.
Thepulsegeneratorhasthefollowingcharacteristics:PRR=250kbit/s,Z
=50
,50%dutycycle,t
10ns,t
10ns.
O
r
f
W
£
£
MAX3221-EP
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
SLLS751 – OCTOBER 2006
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 5. INVALID Propagation Delay Times and Driver Enabling Time
9
Submit Documentation Feedback


Similar Part No. - MAX3221-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3221 TI-MAX3221 Datasheet
230Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221 Datasheet
318Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS 232 Transceiver with AutoShutdown
Rev 6; 3/99
MAX3221 MAXIM-MAX3221 Datasheet
454Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 8; 10/03
logo
Texas Instruments
MAX3221 TI-MAX3221 Datasheet
392Kb / 17P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221 Datasheet
1Mb / 16P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
More results

Similar Description - MAX3221-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3227 TI-MAX3227 Datasheet
164Kb / 13P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3221 TI-MAX3221_10 Datasheet
392Kb / 17P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3221 TI-TRS3221 Datasheet
492Kb / 17P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3227E TI-TRS3227E Datasheet
350Kb / 15P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3221E TI-TRS3221E_V01 Datasheet
883Kb / 19P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3221E TI-TRS3221E_1 Datasheet
376Kb / 17P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3221E TI-TRS3221E Datasheet
344Kb / 16P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3227E TI-MAX3227E Datasheet
164Kb / 13P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3222E TI-MAX3222E Datasheet
311Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3223-Q1 TI-TRS3223-Q1 Datasheet
241Kb / 12P
[Old version datasheet]   3-V To 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com