Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM72F7ADG12 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MCM72F7ADG12
Description  512KB and 1MB Synchronous Fast Static RAM Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM72F7ADG12 Datasheet(HTML) 1 Page - Motorola, Inc

  MCM72F7ADG12 Datasheet HTML 1Page - Motorola, Inc MCM72F7ADG12 Datasheet HTML 2Page - Motorola, Inc MCM72F7ADG12 Datasheet HTML 3Page - Motorola, Inc MCM72F7ADG12 Datasheet HTML 4Page - Motorola, Inc MCM72F7ADG12 Datasheet HTML 5Page - Motorola, Inc MCM72F7ADG12 Datasheet HTML 6Page - Motorola, Inc MCM72F7ADG12 Datasheet HTML 7Page - Motorola, Inc MCM72F7ADG12 Datasheet HTML 8Page - Motorola, Inc MCM72F7ADG12 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MCM72F6A
•MCM72F7A
1
MOTOROLA FAST SRAM
512KB and 1MB Synchronous
Fast Static RAM Module
The MCM72F6A (512KB) is configured as 64K x 72 bits and the MCM72F7A
(1MB) is configured as 128K x 72 bits. Both are packaged in a 168–pin dual–
in–line memory module DIMM. Each module uses Motorola’s 3.3 V 64K x 18 bit
flow–through BurstRAMs.
Address (A), data inputs (DQ, DP), and all control signals except output enable
(G) are clock (K) controlled through positive–edge–triggered noninverting reg-
isters.
Write cycles are internally self–timed and initiated by the rising edge of the
clock (K) input. This feature provides increased timing flexibility for incoming
signals. Synchronous byte write (W) allows writes to either individual bytes or to
both bytes.
• Single 3.3 V + 10%, – 5% Power Supply
• Plug and Pin Compatibility with 2MB and 4MB
• Multiple Clock Pins for Reduced Loading
• All Inputs and Outputs are LVTTL Compatible
• Byte Write Capability
• Fast SRAM Access Times: 9/10/12 ns
• Decoupling Capacitors for Each Fast Static RAM
• High Quality Multi–Layer FR4 PWB With Separate Power and Ground
Planes
• Amp Connector, Part Number: 390064–4
• 5 V Tolerant on All Pins (Inputs and I/Os)
• 168–Pin DIMM Module
Order this document
by MCM72F6A/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MCM72F6A
MCM72F7A
168–LEAD DIMM
CASE 1115J–01
TOP VIEW
84
41
40
1
11
1/29/98
© Motorola, Inc. 1998


Similar Part No. - MCM72F7ADG12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72F7DG10 MOTOROLA-MCM72F7DG10 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM72F7DG12 MOTOROLA-MCM72F7DG12 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM72F7DG9 MOTOROLA-MCM72F7DG9 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
More results

Similar Description - MCM72F7ADG12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72F6 MOTOROLA-MCM72F6 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM36F8 MOTOROLA-MCM36F8 Datasheet
123Kb / 11P
   1MB and 2MB Synchronous Fast Static RAM Module
MCM36F6 MOTOROLA-MCM36F6 Datasheet
118Kb / 10P
   256KB and 512KB Synchronous Fast Static RAM Module
MCM72F8 MOTOROLA-MCM72F8 Datasheet
167Kb / 12P
   2MB and 4MB Synchronous Fast Static RAM Module
MCM72F10 MOTOROLA-MCM72F10 Datasheet
138Kb / 11P
   8MB Synchronous Fast Static RAM Module
MCM4464 MOTOROLA-MCM4464 Datasheet
103Kb / 8P
   1MB R4000 Secondary Cache Fast Static RAM Module Set
logo
Weida Semiconductor, In...
WCMC1616V9X WEIDA-WCMC1616V9X Datasheet
217Kb / 13P
   1Mb x 16 Pseudo Static RAM
logo
Cypress Semiconductor
CY7C1020CV26 CYPRESS-CY7C1020CV26 Datasheet
147Kb / 8P
   512Kb (32K x 16) Static RAM
logo
Integrated Silicon Solu...
IS61LV632A ISSI-IS61LV632A Datasheet
122Kb / 16P
   32K x 32 SYNCHRONOUS FAST STATIC RAM
logo
Motorola, Inc
MCM67M618B MOTOROLA-MCM67M618B Datasheet
166Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com