Electronic Components Datasheet Search |
|
B41793A7477Q000 Datasheet(PDF) 2 Page - EPCOS |
|
B41793A7477Q000 Datasheet(HTML) 2 Page - EPCOS |
2 / 17 page Applications Excellent reliable design for automotive applications Features High operating temperature capability up to 150 °C Rated voltage up to 100 V DC Low ESR High reliability Outstanding parametric stability High ripple current capability High vibration resistance Long useful life Shelf life up to 15 years at storage temperatures up to 40 °C. To ensure solderability, the capacitors should be built into the application within one year of delivery. After a total of two years' storage, the operating voltage must be applied for one hour to ensure the specified leakage current. Construction Charge/discharge-proof, polar Aluminum case with insulating sleeve Negative pole connected to case Terminals Axial leads, welded to ensure perfect electrical contact Also available with soldering stars Taping and Packing Axial-lead capacitors will be delivered in pallet package. Capacitors with d × l ≤ 16 × 30 mm are also available taped on reel. Soldering star capacitors are packed in cardboard. Axial-lead and soldering star capacitors B41693, B41793 Up to 150 °C Page 2 of 17 Please read Cautions and warnings and Important notes at the end of this document. |
Similar Part No. - B41793A7477Q000 |
|
Similar Description - B41793A7477Q000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |