Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41792A7448Q000 Datasheet(PDF) 8 Page - EPCOS

Part # B41792A7448Q000
Description  Aluminum electrolytic capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41792A7448Q000 Datasheet(HTML) 8 Page - EPCOS

Back Button B41792A7448Q000 Datasheet HTML 4Page - EPCOS B41792A7448Q000 Datasheet HTML 5Page - EPCOS B41792A7448Q000 Datasheet HTML 6Page - EPCOS B41792A7448Q000 Datasheet HTML 7Page - EPCOS B41792A7448Q000 Datasheet HTML 8Page - EPCOS B41792A7448Q000 Datasheet HTML 9Page - EPCOS B41792A7448Q000 Datasheet HTML 10Page - EPCOS B41792A7448Q000 Datasheet HTML 11Page - EPCOS B41792A7448Q000 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Technical data
CR
100 Hz
20
°C
µF
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
ESRmax
100 Hz
40
°C
m
ESRmax
10 kHz
20
°C
m
Zmax
100 kHz
20
°C
m
IAC,max
10 kHz
85
°C
A
IAC,max
10 kHz
105
°C
A
IAC,max
10 kHz
125
°C
A
IAC,R
10 kHz
125
°C
A
IAC,max
10 kHz
140
°C
A
∇ Variant with different case dimensions
VR = 25 V DC
680
150
250
1600
165
155
4.5
3.8
2.85
1.95
1.25
1000
100
170
1200
120
112
4.8
4.1
3.1
2.1
1.4
1500
70
120
800
82
77
6.2
5.3
4.0
2.75
1.8
2200
50
82
550
55
50
9.2
7.9
5.9
4.05
2.6
2200
48
79
550
52
48
9.1
7.8
5.8
4.0
2.6
3300
32
53
360
35
33
12.7
10.8
8.1
5.5
3.6
3300
33
55
360
38
36
10.6
9.1
6.8
4.6
3.0
5000
22
37
240
27
27
15.0
12.9
9.6
6.6
4.3
6800
17
28
180
20
20
19.0
16.3
12.1
8.3
5.4
VR = 40 V DC
470
145
240
1400
135
128
4.9
4.2
3.1
2.15
1.4
680
105
170
1000
95
90
6.0
5.1
3.8
2.6
1.7
1000
73
120
660
70
67
6.9
5.9
4.4
3.0
2.0
1500
49
80
450
50
48
9.6
8.2
6.1
4.2
2.7
1500
46
77
450
45
43
9.7
8.3
6.1
4.2
2.7
2200
32
53
300
30
29
13.3
11.4
8.5
5.8
3.8
2200
34
55
300
33
32
10.9
9.3
6.9
4.8
3.1
3300
23
39
200
23
23
15.4
13.1
9.8
6.7
4.4
4400
18
30
160
18
18
19.4
16.6
12.3
8.5
5.5
VR = 63 V DC
220
210
350
1600
145
138
4.7
4.0
3.0
2.05
1.35
330
140
240
1100
100
95
5.9
5.0
3.7
2.55
1.7
470
105
170
750
75
72
6.8
5.8
4.3
3.0
2.0
680
71
120
500
55
53
9.4
8.0
6.0
4.1
2.7
680
69
114
500
50
48
9.4
8.0
6.0
4.1
2.7
1000
50
78
350
35
34
13.0
11.1
8.2
5.7
3.7
1100
48
75
330
36
35
10.9
9.3
6.9
4.8
3.1
1800
30
47
220
23
23
15.5
13.2
9.8
6.7
4.4
2200
25
38
175
19
19
19.3
16.5
12.3
8.5
5.5
B41692, B41792
Long useful life, compact
up to 140
°C
Page 8 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41792A7448Q000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41792A7477Q000 EPCOS-B41792A7477Q000 Datasheet
553Kb / 16P
   Axial-lead and soldering star capacitors
B41792A7477Q000 EPCOS-B41792A7477Q000 Datasheet
460Kb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B41792A7448Q000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com