Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41693A9227Q007 Datasheet(PDF) 9 Page - EPCOS

Part # B41693A9227Q007
Description  Aluminum electrolytic capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41693A9227Q007 Datasheet(HTML) 9 Page - EPCOS

Back Button B41693A9227Q007 Datasheet HTML 5Page - EPCOS B41693A9227Q007 Datasheet HTML 6Page - EPCOS B41693A9227Q007 Datasheet HTML 7Page - EPCOS B41693A9227Q007 Datasheet HTML 8Page - EPCOS B41693A9227Q007 Datasheet HTML 9Page - EPCOS B41693A9227Q007 Datasheet HTML 10Page - EPCOS B41693A9227Q007 Datasheet HTML 11Page - EPCOS B41693A9227Q007 Datasheet HTML 12Page - EPCOS B41693A9227Q007 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
CR
100 Hz
20
°C
µF
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
ESRmax
100 Hz
40
°C
m
ESRmax
10 kHz
20
°C
m
Zmax
100 kHz
20
°C
m
IAC,max
10 kHz
85
°C
A
IAC,max
10 kHz
105
°C
A
IAC,max
10 kHz
125
°C
A
IAC,R
10 kHz
125
°C
A
IAC,max
10 kHz
150
°C
A
∇ Variant with different case dimensions
VR = 100 V DC
100
500
750
4000
320
310
2.7
2.3
1.8
1.3
0.6
150
320
550
2900
230
225
3.5
3.0
2.4
1.7
0.8
220
230
350
1900
160
157
4.3
3.7
2.9
2.0
1.0
470
110
170
900
75
73
8.0
6.9
5.4
3.7
1.8
470
115
175
900
78
76
7.0
6.0
4.7
3.2
1.6
680
80
120
670
58
56
9.9
8.5
6.7
4.6
2.3
1000
55
85
500
44
43
13.0
11.2
8.8
6.1
3.0
B41693, B41793
Up to 150
°C
Page 9 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41693A9227Q007

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41693A9227Q001 TDK-B41693A9227Q001 Datasheet
624Kb / 19P
   Aluminum electrolytic capacitors
B41693A9227Q003 TDK-B41693A9227Q003 Datasheet
624Kb / 19P
   Aluminum electrolytic capacitors
More results

Similar Description - B41693A9227Q007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com