Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41694A5108Q009 Datasheet(PDF) 8 Page - EPCOS

Part # B41694A5108Q009
Description  Aluminum electrolytic capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41694A5108Q009 Datasheet(HTML) 8 Page - EPCOS

Back Button B41694A5108Q009 Datasheet HTML 4Page - EPCOS B41694A5108Q009 Datasheet HTML 5Page - EPCOS B41694A5108Q009 Datasheet HTML 6Page - EPCOS B41694A5108Q009 Datasheet HTML 7Page - EPCOS B41694A5108Q009 Datasheet HTML 8Page - EPCOS B41694A5108Q009 Datasheet HTML 9Page - EPCOS B41694A5108Q009 Datasheet HTML 10Page - EPCOS B41694A5108Q009 Datasheet HTML 11Page - EPCOS B41694A5108Q009 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Technical data
CR
100 Hz
20
°C
µF
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
ESRmax
100 Hz
40
°C
m
ESRmax
10 kHz
20
°C
m
Zmax
100 kHz
20
°C
m
IAC,max
10 kHz
85
°C
A
IAC,max
10 kHz
105
°C
A
IAC,max
10 kHz
125
°C
A
IAC,R
10 kHz
125
°C
A
IAC,max
10 kHz
140
°C
A
∇ Variant with different case dimensions
VR = 25 V DC
470
100
160
400
65
60
5.3
4.6
3.6
2.35
2.35
1000
50
80
200
38
35
7.3
6.3
4.9
3.2
3.2
1500
35
55
150
26
24
10.0
8.7
6.8
4.4
4.4
1500
32
51
150
22
20
10.7
9.3
7.3
4.7
4.7
1800
27
44
130
19
19
11.3
9.9
7.7
5.0
5.0
2200
22
35
110
15
14
14.6
12.7
9.9
6.4
6.4
3300
17
27
80
13
13
15.7
13.6
10.7
6.9
6.9
3900
14
22
60
10
10
19.8
17.2
13.5
8.7
8.7
VR = 40 V DC
330
120
200
450
65
60
5.7
4.9
3.9
2.5
2.5
470
85
140
350
47
44
6.6
5.8
4.5
2.9
2.9
680
60
100
250
38
36
7.3
6.3
5.0
3.2
3.2
1000
40
65
180
23
22
10.6
9.2
7.2
4.6
4.6
1200
35
57
140
21
20
11.4
9.8
7.7
5.0
5.0
1500
27
45
120
16
15
14.5
12.6
9.9
6.3
6.3
2200
21
33
85
13
13
15.8
13.8
10.8
6.9
6.9
2700
17
27
65
11
11
19.9
17.3
13.5
8.7
8.7
B41694, B41794
Low ESR
up to 140
°C
Page 8 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41694A5108Q009

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41694A5108Q009 EPCOS-B41694A5108Q009 Datasheet
158Kb / 8P
   Axial-Lead and Soldering Star Capacitors
B41694A5108Q009 EPCOS-B41694A5108Q009 Datasheet
417Kb / 16P
   Aluminum electrolytic capacitors
More results

Similar Description - B41694A5108Q009

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com