Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

776532-4 Datasheet(PDF) 10 Page - Tyco Electronics

Part # 776532-4
Description  AMPSEAL 16 Connector System
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

776532-4 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button 776532-4 Datasheet HTML 6Page - Tyco Electronics 776532-4 Datasheet HTML 7Page - Tyco Electronics 776532-4 Datasheet HTML 8Page - Tyco Electronics 776532-4 Datasheet HTML 9Page - Tyco Electronics 776532-4 Datasheet HTML 10Page - Tyco Electronics 776532-4 Datasheet HTML 11Page - Tyco Electronics 776532-4 Datasheet HTML 12Page - Tyco Electronics 776532-4 Datasheet HTML 13Page - Tyco Electronics 776532-4 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
1-Row Sealed Receptacle (Plug) Housings
AMPSEAL 16 Connector System
Housings and Connectors
Section Catalog 1654281-2.
Revised 12-2009.
Main Catalog 1654400-1
Chapter 30 – Issued 3-2010.
All specifications subject to change. Consult Tyco Electronics for latest specifications.
30-10
Part Numbers
Receptacle (Plug) Housing
Mating Pin (Cap) Housing
Sealed Receptacle Housings 1-Row with Standard Diameter Wire Seal
No. of
Positions
PLR Color
Keying
Red
Key A
776427-1
776428-1
1717672-1
Gray
Key B
776427-2
776428-2
2
1717672-2
Yellow
Key C
776427-3
776428-3
1717672-3
Green
Key D
776427-4
776428-4
1717672-4
Part Numbers
Receptacle (Plug) Housing
Mating Pin (Cap) Housing
Sealed Receptacle Housings 1-Row with Reduced Diameter Wire Seal
No. of
Positions
PLR Color
Keying
Red
Key A
776522-1
776534-1
2
Gray
Key B
776522-2
776534-2
Yellow
Key C
776522-3
776534-3
Green
Key A
776522-4
776534-4
Technical Features
No. of Positions:
2 (1 2) Positions Assembly
Housing Material:
Glass Reinforced PBT
Wire Size Range:
2.18 – 3.67 mm
1.30 – 2.54 mm
(with reduced diameter wire seal)
Product Specification:
108-2184
Application Specification:
114-13065
UL 94-HB rated
Resistant to a wide range
of chemicals
RoHS and ELV compliant
39.85
20.33
36.6
23.47


Similar Part No. - 776532-4

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
7765-3-3 WINCHESTER-7765-3-3 Datasheet
96Kb / 2P
   TRI-LOC, SMPTE 304, PLUG
7765-4-3 WINCHESTER-7765-4-3 Datasheet
98Kb / 2P
   TRI-LOC, SMPTE 304, PLUG PRE-POLISHED
7765-400-F1101P WINCHESTER-7765-400-F1101P Datasheet
150Kb / 1P
   TRI LOCK SMPTE PANEL MOUNT 4 HOLE, PLUG
7765-400-F1102P WINCHESTER-7765-400-F1102P Datasheet
126Kb / 1P
   TRI LOCK SMPTE PANEL MOUNT 4 HOLE, PLUG, CABLE
logo
National Instruments Co...
776572-90 NI-776572-90 Datasheet
428Kb / 3P
   1.3 GHz and 4 GHz Multiplexers
More results

Similar Description - 776532-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
114-94667 TEC-114-94667 Datasheet
2Mb / 29P
   AMPSEAL 16 Coaxial Connector System
AUG 2021 REV A3
108-94799 TEC-108-94799 Datasheet
320Kb / 17P
   Product Specification for AMPSEAL 16 COAXIAL Housings
SEP 2021 Rev A3
logo
Tyco Electronics
776164-1 MACOM-776164-1 Datasheet
172Kb / 1P
   PLUG ASSEMBLY, 35 POSITION, AMPSEAL
770680 MACOM-770680 Datasheet
148Kb / 1P
   PLUG ASSEMBLY, 23 POSITION, AMPSEAL
1-776163-1 MACOM-1-776163-1 Datasheet
329Kb / 2P
   HEADER ASSEMBLY, 35 POSITION, RIGHT ANGLE, AMPSEAL
1-776087-1 MACOM-1-776087-1 Datasheet
208Kb / 2P
   HEADER ASSEMBLY, 23 POSITION, RIGHT ANGLE, AMPSEAL
logo
Maxim Integrated Produc...
MAX152EVKIT MAXIM-MAX152EVKIT Datasheet
193Kb / 8P
   16-Pin Data Connector for Interface to External System
1993
logo
DATEL, Inc.
5962-8851403XC DATEL-5962-8851403XC Datasheet
143Kb / 1P
   16 Channels Complete Data Acquisition System
5962-8851404XA DATEL-5962-8851404XA Datasheet
143Kb / 1P
   16 Channels Complete Data Acquisition System
5962-8851404XC DATEL-5962-8851404XC Datasheet
143Kb / 1P
   16 Channels Complete Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com