Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4051BEM3X-ADJ Datasheet(PDF) 6 Page - Texas Instruments

Part # LM4051BEM3X-ADJ
Description  LM4051 Precision Micropower Shunt Voltage Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4051BEM3X-ADJ Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM4051BEM3X-ADJ Datasheet HTML 2Page - Texas Instruments LM4051BEM3X-ADJ Datasheet HTML 3Page - Texas Instruments LM4051BEM3X-ADJ Datasheet HTML 4Page - Texas Instruments LM4051BEM3X-ADJ Datasheet HTML 5Page - Texas Instruments LM4051BEM3X-ADJ Datasheet HTML 6Page - Texas Instruments LM4051BEM3X-ADJ Datasheet HTML 7Page - Texas Instruments LM4051BEM3X-ADJ Datasheet HTML 8Page - Texas Instruments LM4051BEM3X-ADJ Datasheet HTML 9Page - Texas Instruments LM4051BEM3X-ADJ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LM4051-ADJ (Adjustable)
Electrical Characteristics (Continued)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature), θJA (junction to
ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any temperature is PDmax =(TJmax −TA)/θJA or the
number given in the Absolute Maximum Ratings, whichever is lower. For the LM4051, TJmax = 125˚C, and the typical thermal resistance (θJA), when board mounted,
is 280˚C/W for the SOT-23 package.
Note 3: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged
directly into each pin.
Note 4: Typicals are at TJ = 25˚C and represent most likely parametric norm.
Note 5: Limits are 100% production tested at 25˚C. Limits over temperature are guaranteed through correlation using Statistical Quality Control (SQC) methods.
The limits are used to calculate National’s AOQL.
Note 6: The boldface (over-temperature) limit for Reverse Breakdown Voltage Tolerance is defined as the room temperature Reverse Breakdown Voltage Tolerance
±[(
∆V R/∆T)(max ∆T)(VR)]. Where, ∆VR/∆T is the VR temperature coefficient, max∆T is the maximum difference in temperature from the reference point of 25 ˚C to
T MAX or TMIN, and VR is the reverse breakdown voltage. The total over-temperature tolerance for the different grades in the industrial temperature range where
max
∆T=65˚C is shown below:
A-grade: ±0.425% = ±0.1% ±50 ppm/˚C x 65˚C
B-grade: ±0.525% = ±0.2% ±50 ppm/˚C x 65˚C
C-grade: ±0.825% = ±0.5% ±50 ppm/˚C x 65˚C
Therefore, as an example, the A-grade LM4051-1.2 has an over-temperature Reverse Breakdown Voltage tolerance of ±1.2V x 0.425% = ±5.2 mV.
Note 7: When VOUT ≤ 1.6V, the LM4051-ADJ in the SOT-23 package must operate at reduced IR. This is caused by the series resistance of the die attach between
the die (-) output and the package (-) output pin. See the Output Saturation curve in the Typical Performance Characteristics section.
Note 8: Reference voltage and temperature coefficient will change with output voltage. See Typical Performance Characteristics curves.
Note 9: Long term stability is VR @ 25˚C measured during 1000 hrs.
Note 10: Thermal hysteresis is defined as the difference in voltage measured at +25˚C after cycling to temperature -40˚C and the 25˚C measurement after cycling
to temperature +125˚C.
www.national.com
5


Similar Part No. - LM4051BEM3X-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051BEM3X-ADJ NSC-LM4051BEM3X-ADJ Datasheet
743Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4051BEM3X-ADJ TI-LM4051BEM3X-ADJ Datasheet
725Kb / 16P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4051BEM3X-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com