Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4041CQDBZR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM4041CQDBZR
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4041CQDBZR Datasheet(HTML) 5 Page - Texas Instruments

  LM4041CQDBZR Datasheet HTML 1Page - Texas Instruments LM4041CQDBZR Datasheet HTML 2Page - Texas Instruments LM4041CQDBZR Datasheet HTML 3Page - Texas Instruments LM4041CQDBZR Datasheet HTML 4Page - Texas Instruments LM4041CQDBZR Datasheet HTML 5Page - Texas Instruments LM4041CQDBZR Datasheet HTML 6Page - Texas Instruments LM4041CQDBZR Datasheet HTML 7Page - Texas Instruments LM4041CQDBZR Datasheet HTML 8Page - Texas Instruments LM4041CQDBZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
www.ti.com
LM4041x12I Electrical Characteristics
LM4041
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SLCS146E – FEBRUARY 2005 – REVISED FEBRUARY 2006
full-range T
A = –40°C to 85°C (unless otherwise noted)
LM4041A12I
LM4041B12I
PARAMETER
TEST CONDITIONS
TA
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Reverse breakdown
VZ
IZ = 100 µA
25
°C
1.225
1.225
V
voltage
25
°C
–1.2
1.2
–2.4
2.4
Reverse breakdown
IZ = 100 µA
mV
voltage tolerance
Full range
–9.2
9.2
–10.4
10.4
25
°C
45
75
45
75
Minimum cathode
IZ,min
µA
current
Full range
80
80
IZ = 10 mA
25
°C
±20
±20
Average temperature
25
°C
±15
±15
α
VZ
coefficient of reverse
IZ = 1 mA
ppm/
°C
Full range
±100
±100
breakdown voltage
IZ = 100 µA
25
°C
±15
±15
25
°C
0.7
1.5
0.7
1.5
IZ,min < IZ < 1 mA
Reverse breakdown
Full range
2
2
∆V
Z/∆IZ
voltage change with
mV
25
°C
4
6
4
6
cathode current change
1 mA < IZ < 12 mA
Full range
8
8
Reverse dynamic
IZ = 1 mA, f = 120 Hz,
ZZ
25
°C
0.5
1.5
0.5
1.5
impedance
IAC = 0.1 IZ
IZ = 100 µA,
eN
Wideband noise
25
°C
20
20
µV
RMS
10 Hz
≤ f ≤ 10 kHz
Long-term stability of
t = 1000 h,
reverse breakdown
TA = 25°C ± 0.1°C,
25
°C
120
120
ppm
voltage
IZ = 100 µA
5
Submit Documentation Feedback


Similar Part No. - LM4041CQDBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4041CQDBZR TI-LM4041CQDBZR Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041CQDBZR TI-LM4041CQDBZR Datasheet
501Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041CQDBZR TI-LM4041CQDBZR Datasheet
664Kb / 28P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041CQDBZR TI-LM4041CQDBZR Datasheet
694Kb / 28P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041CQDBZR TI-LM4041CQDBZR Datasheet
681Kb / 28P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Similar Description - LM4041CQDBZR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com