Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCTC4890JVHC-E Datasheet(PDF) 6 Page - Crydom Inc.,

Part # MCTC4890JVHC-E
Description  THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

MCTC4890JVHC-E Datasheet(HTML) 6 Page - Crydom Inc.,

Back Button MCTC4890JVHC-E Datasheet HTML 2Page - Crydom Inc., MCTC4890JVHC-E Datasheet HTML 3Page - Crydom Inc., MCTC4890JVHC-E Datasheet HTML 4Page - Crydom Inc., MCTC4890JVHC-E Datasheet HTML 5Page - Crydom Inc., MCTC4890JVHC-E Datasheet HTML 6Page - Crydom Inc., MCTC4890JVHC-E Datasheet HTML 7Page - Crydom Inc., MCTC4890JVHC-E Datasheet HTML 8Page - Crydom Inc., MCTC4890JVHC-E Datasheet HTML 9Page - Crydom Inc., MCTC4890JVHC-E Datasheet HTML 10Page - Crydom Inc., Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
CTX
4 x 2.5Amp
120/240 Vac
TRIAC Output
4 AC Relays in One
Compact Package
The CTX240D3Q offers four independently controlled solid state relays in one
compact PCB mount package. Based on the proven Series CX product line,
featuring ultra high surge rating, extra low leakage and 4-10 Vdc logic compatible
input. The CTX exhibits exceptional steady-state ratings utilizing highly efficient
thermal management for increased cycle life.
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@ 5Vdc
Voltage
1-Cycle
Vrms
Arms
Vdc
mA
Vdc
Apk
CTX240D3Q
24-280
0.1-6.0** 4-10
15
1.0
120
CTX240D3QR* 24-280
0.1-6.0** 4-10
15
1.0
120
* R suffix denotes random turn-on. Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 2500 Vrms
**1 section ON; 2 sections ON 0.1-4.0; 3 sections ON 0.1-3.0; 4 sections ON 0.1-2.5
PCB Mount Solid State Relays - AC Output
6
LS
8-12Amp
120/240 Vac
Metal Baseplate
High Surge Rating
Zero Cross or Random Turn-On
Metal baseplate design for direct attachment of external heat sink to achieve maximum
current ratings. Applications include; motor, heater, lamp and solenoid switching.
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@ 5Vdc
Voltage
1-Cycle
Vrms
Arms
Vdc
mA
Vdc
Apk
LS240D8
24-280
.15-8
4-10
15
1.0
80
UL, cUL,TUV
LS240D8R* 24-280
.15-8
4-10
15
1.0
80
UL, cUL,TUV
LS240D12
24-280
.15-12
4-10
15
1.0
120
UL, cUL,CSA, TUV
LS240D12R* 24-280
.15-12
4-10
15
1.0
120
UL, cUL,CSA, TUV
* R suffix denotes random turn-on.
Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 2500 Vrms
24 Vdc input versions available (LSE series)
LR
25-40Amp
120/240/480 Vac
Zero Cross or Random Turn-On
SCR AC Switch Output
Low Profile
The LR products offer a low profile package that is perfect for printed circuit board
mounting. Rated at up to 1200V transient capability. Mounting clip available, order
part no. LMC-1.
Line
Load
Control
Control
Must
Surge
Voltage Current
Voltage
Current
Release
Current
Range
Range
Range
@ 5Vdc
Voltage
1-Cycle
Zero Cross
Vrms
Arms
Vdc
mA
Vdc
Apk
LR600240D25
24-280 .15-25
4-32
9
1.0
250
LR600240D40
24-280 .15-40
4-32
9
1.0
400
LR1200480D25 48-530 .15-25
4-32
9
1.0
250
LR1200480D40 48-530 .15-40
4-32
9
1.0
400
Random Turn-On
LR600240D25R 24-280 .15-25
4-32
9
1.0
250
LR600240D40R 24-280 .15-40
4-32
9
1.0
400
LR1200480D25R 48-530 .15-25
4-32
9
1.0
250
LR1200480D40R 48-530 .15-40
4-32
9
1.0
400
Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 2500 Vrms
AC input versions available
CX, CXE
5Amp
120/240/380/480 Vac
AC SIP, SCR AC Switch Output
Ultra High Surge Rating
US Patent No. 5,134,094
Crydom's family of SPST-NO relays provide a high power switching capability in
a PC-mounted air-cooled package. Advanced features include exceptional steady
state current, plus ultra-high surge ratings. Models are available to switch up to
660 Vrms with AC or DC control, and either zero-cross or random turn-on ("R")
switching versions. Pinout is compatible with Series 6 and OAC type I/O modules.
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release Current
Range
Range
Range
@ 5/24Vdc Voltage
1-Cycle
Vrms
Arms
Vdc
mA
Vdc
Apk
CX240D5
12-280
.06-5.0 3-15
15
1.0
250
UL, CSA, VDE
CX240D5R*
12-280
.06-5.0 3-15
15
1.0
250
UL, CSA, VDE
CXE240D5
12-280
.06-5.0 15-32
15
1.0
250
UL, CSA, VDE
CXE240D5R*
12-280
.06-5.0 15-32
15
1.0
250
UL, CSA, VDE
CX380D5
48-530
.06-5.0 4-15
15
1.0
250
UL, CSA, VDE
CX380D5R*
48-530
.06-5.0 4-15
15
1.0
250
UL, CSA, VDE
CXE380D5
48-530
.06-5.0 15-32
15
1.0
250
UL, CSA, VDE
CXE380D5R*
48-530
.06-5.0 15-32
15
1.0
250
UL, CSA, VDE
CX480D5
48-660
.06-5.0 4-15
15
1.0
250
UL, CSA
CX480D5R*
48-660
.06-5.0 4-15
15
1.0
250
UL, CSA
CXE480D5
48-660
.06-5.0 15-32
15
1.0
250
UL, CSA
CXE480D5R*
48-660
.06-5.0 15-32
15
1.0
250
UL, CSA
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current@ Release Current
Range
Range
Range
120/24Vrms Voltage
1-Cycle
Vrms
Arms
Vrms
mA
Vrms
Apk
CX240A5
12-280
.06-5.0 90-140
10
10.0
250
UL, CSA
CX240A5R*
12-280
.06-5.0 90-140
10
10.0
250
UL, CSA
CXE240A5
12-280
.06-5.0 18-36
10
2.0
250
UL, CSA
CXE240A5R*
12-280
.06-5.0 18-36
10
2.0
250
UL, CSA,
* R suffix denotes random turn-on. Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 4000 Vrms
Normally closed (Form B) versions available (-B suffix)
MPF
4Amp
120/240 Vac
SCR AC Switch Output
Integral Heat sink
US Patent No. 5,134,094
The MPF delivers high ratings ia a single in-line package (SIP). Crydom’s patented
PowerFIN™ integral heat sink design makes for a cool compact package for PCB
mounting. With natural convection in free air, it rates 4Arms at 50˚C ambient.
Line
Load
Control
Control
Must
Surge
Voltage Current
Voltage
Current
Release
Current
Range
Range
Range
@5Vdc
Voltage
1-Cycle
Vrms
Arms
Vdc
mA
Vdc
Apk
MPF240D4
12-280 .1-4
4-10
15
1.0
40
UL, CSA
MPF240D4R* 12-280 .1-4
4-10
15
1.0
40
UL, CSA
* R suffix denotes random turn-on.
Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 3750 Vrms
MCX, MCXE
5Amp
120/240/380/480 Vac
AC SIP
SCR AC Switch Output
Ultra High Surge Rating
The MCX and MCXE offer the same specifications and performance as the the CX
and CXE products, the only difference is the MP style package. Add a “M” prefix.
UL, cUL
UL, cUL
UL, cUL
UL, cUL
UL, cUL
UL, cUL
UL, cUL
UL, cUL
Questions? Call or e-mail
+1 (877) 502 5500
+44 (0) 1202 606030
sales@crydom.com
sales-europe@crydom.com
Americas
Europe


Similar Part No. - MCTC4890JVHC-E

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
MCTC4890 CRYDOM-MCTC4890 Datasheet
1Mb / 6P
   Microprocessor based temperature controller / SSR
More results

Similar Description - MCTC4890JVHC-E

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
DAP4119 BRIGHT-DAP4119 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Gennum Corporation
2357NQ GENNUM-2357NQ Datasheet
995Kb / 8P
   Solid-state technology
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com