Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFE400M12-5C-N1-CML-YE Datasheet(PDF) 1 Page - TDK Electronics

Part # CFE400M12-5C-N1-CML-YE
Description  300W Convection / 400W Fan Cooled Medical Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CFE400M12-5C-N1-CML-YE Datasheet(HTML) 1 Page - TDK Electronics

  CFE400M12-5C-N1-CML-YE Datasheet HTML 1Page - TDK Electronics CFE400M12-5C-N1-CML-YE Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
19
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Disclaimer: us.tdk-lambda.com/lp/legal.htm
CFE400M Series
Features
u
Medical & ITE Safety Certifications (BF Rated)
u
94% Efficient
u
0.5W Standby Power
u
Meets ERP/Eco-Design (2009/125/EC)
u
Meets Climate Savers Gold Level
u
450W Peak Loading (10s)
u
High Power Density (7” x 4” x 1.6”)
u
Suitable for 1U applications
u
Five Year Warranty
300W Convection / 400W Fan Cooled Medical Power Supplies
(1) -20°C cold start
(2) Designed to meet IEC/EN/UL/CSA 61010-1 Edition 2
Model
CFE400M
Input Voltage range
VAC
85 - 264VAC
Input Frequency
Hz
47 - 63Hz, 440Hz with reduced PFC
Inrush Current
A
<20A at 25°C and 230VAC input, Cold Start
Power Factor Harmonics
-
EN61000-3-2 Compliant. Class A (Class C >100W output power)
Voltage Setting Accuracy
%
±1% at 50% Load
Regulation
%
Line: 0.25%; Load: 1%; Thermal Coefficient: 0.02%/°C
Ripple & Noise
mV
1% peak-peak
Efficiency (230VAC, 80% load)
%
94% typical (48V & 24V), 91% (12V), 0.5W power draw in standby mode
Overcurrent Protection
-
Automatic recovery upon overload removal
Overvoltage Protection
V
Cycle AC line to reset
Overtemperature Protection
-
Yes
Hold Up Time (Typ)
ms
15ms at full load
Leakage Current (max)
mA
140mA 120VAC 60Hz, 280mA 240VAC 60hz, <300mA 240VAC 63Hz (Type Test results)
Fan Supply
-
12V 0.25A (Not available if the top fan option is selected)
Standby Voltage
-
5V 80mA or 5V 2A (chosen at time of ordering)
Remote Sense
-
None
Signals & Features
-
Remote on/off - Inhibit or Enable operation (chosen at time of ordering)
Power Good - High indicates DC output & AC input is good. ORing FET - (Option)
Operating Temperature
(1)
°C
Convection cooled: 0 to +60°C. Derate linearly to 50% load from 40°C to 60°C
Forced air cooled: 0 to +70°C. Derate linearly to 50% load from 50°C to 70°C
Storage Temperature
°C
-40 to +70°C
Humidity (non condensing)
%RH
5 - 95%RH
Cooling
-
Convection, internal fan or external 1.5m/s forced air , approx. 12 CFM (see oper. temp.)
Isolation
-
Input to Ground 1500VAC, Input to Output 4kVAC (Reinforced), Output to Ground 1500VAC
Vibration (non operating)
-
2G, 10-500Hz in all 3 planes. MIL-STD-810E, Method 514.4, Pro I, Cat 1, 9
Shock
-
30G per IEC68-2-27, MIL-STD-810E/F, Method 516.5, Pro I, IV, VI
Safety Agency Certifications (2)
-
IEC/UL/EN/CSA22.2 60601-1, IEC/UL/EN 61010-1, IEC/UL/EN/CSA22.2 No 60950-1, CE for LVD
Immunity
-
EN61000-4-2, -3, -4, -5, -6, -8, -11, -12, -14
Conducted Emissions and Flicker
-
EN55011, EN55022 Class B (per CISPR.11/22), EN61000-3-3
Radiated Emissions
-
EN55011, EN55022 Class B (per CISPR.11/22)
Weight (open frame)
kg
U Channel: 0.71kg, Top fan: 0.86kg
Size
in
U channel: 7 x 3.94 x 1.6, With cover: 7 x 3.94 x 2, Top Fan: 7 x 3.94 x 2.8
Warranty
yrs
Five Years
Specifications
Key Market Segments & Applications


Similar Part No. - CFE400M12-5C-N1-CML-YE

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
CFE TEC-CFE Datasheet
420Kb / 4P
   Power Entry Module with Switch
logo
Adam Technologies, Inc.
CFE-2B-50 ADAM-TECH-CFE-2B-50 Datasheet
81Kb / 1P
   COMPACT FLASH MALE
CFE-50-LXX ADAM-TECH-CFE-50-LXX Datasheet
70Kb / 1P
   CF SOCKET EJECTOR
logo
Clairex Technologies, I...
CFE320A CLAIREX-CFE320A Datasheet
109Kb / 1P
   Fiber Optic AlGaAs IRED
logo
Crystek Corporation
CFE3390 CRYSTEKCRYSTAL-CFE3390 Datasheet
111Kb / 1P
   9x14 mm SMD, 3.3V, CMOS Clock Oscillator
More results

Similar Description - CFE400M12-5C-N1-CML-YE

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ZWS300BAF TDK-ZWS300BAF Datasheet
1Mb / 2P
   300W Single Output, Convection Cooled Power Supplies
logo
API Technologies Corp
1452 APITECH-1452 Datasheet
501Kb / 1P
   Convection Cooled
logo
Power-One
PMP13.48 POWER-ONE-PMP13.48 Datasheet
192Kb / 2P
   convection-cooled rectifier
logo
XP Power Limited
GCS150 XPPOWER-GCS150 Datasheet
370Kb / 4P
   Convection/Forcedcooled Ratings
ECP150 XPPOWER-ECP150 Datasheet
1Mb / 9P
   100W Convection Cooled Rating
logo
Adlink Technology Inc.
HPERC-KBL-MH ADLINK-HPERC-KBL-MH Datasheet
548Kb / 3P
   Rugged Convection Cooled System
logo
XP Power Limited
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
   250 W Convection Cooled
ECP180 XPPOWER-ECP180 Datasheet
1Mb / 9P
   120W Convection-cooled Rating
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
   250 W Convection Cooled
ECS130 XPPOWER-ECS130 Datasheet
1Mb / 9P
   Convection & Forced Cooled Ratings
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com