Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3447MTE Datasheet(PDF) 10 Page - Texas Instruments

Part # LM3447MTE
Description  Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3447MTE Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3447MTE Datasheet HTML 6Page - Texas Instruments LM3447MTE Datasheet HTML 7Page - Texas Instruments LM3447MTE Datasheet HTML 8Page - Texas Instruments LM3447MTE Datasheet HTML 9Page - Texas Instruments LM3447MTE Datasheet HTML 10Page - Texas Instruments LM3447MTE Datasheet HTML 11Page - Texas Instruments LM3447MTE Datasheet HTML 12Page - Texas Instruments LM3447MTE Datasheet HTML 13Page - Texas Instruments LM3447MTE Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
VAC
TSNS
LM3447
FLT1
FLT2
BIAS
HOLD
AUX
VCC
FF
INV
COMP
GATE
ISNS
GND
+
+
R
AC
C
PFC
C
FLT
R
FLT
RFF
R
NTC
C
FF
C
COMP
R
BS
RHLD1
R
HLD2
C
VCC
R
SN
R
AUX1
R
AUX2
Q
PASS
Q
SW
C
BULK
R
O
PRI
SEC
N
P
N
S
NA
AUX
C
Y1
n:1
LM3447
SNOSC65 A – APRIL 2012 – REVISED MAY 2012
www.ti.com
Figure 18. Typical Primary Side Power Regulated Flyback LED Driver
APPLICATION INFORMATION
DESCRIPTION
LM3447 is an AC-DC power factor correction (PFC) controller for phase-cut dimmer compatible LED lighting
applications. The device incorporates an innovative primary side input power regulation technique for controlling
the LED light output over a wide input AC voltage and ambient temperature range. Operating LEDs with constant
power allows the controller to compensates for the LED forward voltage variations caused by temperature
modulation and LED aging. This also provides improved lamp lumen output maintenance and higher luminous
efficacy.
Smooth, flicker free LED dimming is performed by varying the power regulation set-point based on the dimmer
phase angle. The device includes internal angle detection and decoding circuitry to accurately interpret the phase
angle from a forward phase (leading edge) and reverse phase (trailing edge) based dimmers Power factor
correction (PFC) with low input current total harmonic distortion (THD) is maintained by forcing discontinuous
conduction mode (DCM) using a trimmed internal oscillator and valley detect circuitry.
These features, along with LED open circuit and short circuit protection, LED thermal foldback and cycle-by-cycle
FET overcurrent protection, make the LM3447 an ideal device for implementing a compact single stage isolated
Flyback AC-DC LED driver for 5–30W power output range. In addition, it is also possible to configure LM3447
with minor modifications to control SEPIC and Cúk based dimmable AC-DC PFC LED drivers. In this datasheet,
a discussion of the LM3447 functionality is presented using a typical Flyback LED driver circuit, as shown in
Figure 18.
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LM3447


Similar Part No. - LM3447MTE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3447MT TI1-LM3447MT Datasheet
1Mb / 26P
[Old version datasheet]   a Phase-Dimmable, Primary-Side Regulated LED Driver
More results

Similar Description - LM3447MTE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLUU937 TI1-SLUU937 Datasheet
1Mb / 26P
[Old version datasheet]   a Phase-Dimmable, Primary-Side Regulated LED Driver
logo
ON Semiconductor
NCL30081 ONSEMI-NCL30081_13 Datasheet
309Kb / 31P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
NCL30081 ONSEMI-NCL30081_15 Datasheet
270Kb / 30P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2015 ??Rev. 1
NCL30083 ONSEMI-NCL30083 Datasheet
443Kb / 34P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
February, 2013 ??Rev. P2
NCL30081 ONSEMI-NCL30081 Datasheet
310Kb / 23P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2013 ??Rev. P0
logo
Diodes Incorporated
AP1690 DIODES-AP1690 Datasheet
388Kb / 9P
   SINGLE STAGE PRIMARY SIDE REGULATION PFC CONTROLLER FOR DIMMABLE LED DRIVER
logo
Monolithic Power System...
MP4060 MPS-MP4060 Datasheet
658Kb / 25P
   TRIAC Dimmable PFC, Primary Side Control LED Controller for 200-265VAC LEDs
MP4030 MPS-MP4030 Datasheet
643Kb / 21P
   TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
MP4030A MPS-MP4030A Datasheet
766Kb / 20P
   TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
MP4033 MPS-MP4033 Datasheet
1Mb / 25P
   TRIAC Dimmable, Primary Side Control Offline LED Controller with Active PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com