Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3447 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3447
Description  Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3447 Datasheet(HTML) 1 Page - Texas Instruments

  LM3447 Datasheet HTML 1Page - Texas Instruments LM3447 Datasheet HTML 2Page - Texas Instruments LM3447 Datasheet HTML 3Page - Texas Instruments LM3447 Datasheet HTML 4Page - Texas Instruments LM3447 Datasheet HTML 5Page - Texas Instruments LM3447 Datasheet HTML 6Page - Texas Instruments LM3447 Datasheet HTML 7Page - Texas Instruments LM3447 Datasheet HTML 8Page - Texas Instruments LM3447 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
VAC
TSNS
LM3447
FLT1
FLT2
BIAS
HOLD
AUX
VCC
FF
INV
COMP
GATE
ISNS
GND
+
+
LM3447
www.ti.com
SNOSC65 A – APRIL 2012 – REVISED MAY 2012
Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting
Check for Samples: LM3447
1
FEATURES
DESCRIPTION
The LM3447 is a versatile power factor correction
Integrated Phase Angle Decode
(PFC) controller designed to meet the performance
Leading and Trailing Edge Compatible
requirements of residential and commercial phase-cut
Over 50:1 Dimming Range
dimmer compatible LED lamp drivers. The device
incorporates
a
phase
decoder
circuit
and
an
Power Factor Correction with Low Total
adjustable hold current circuit to provide smooth,
Harmonic Distortion
flicker free dimming operation. A proprietary primary
Primary Side Control Using Input Voltage
side
control
technique
based
on
input
voltage
Feedforward Technique
feedforward is used to regulate the input power
Input Power Regulation Scheme with Improved
drawn by the LED driver and to achieve line
regulation over a wide range of input voltage. Valley
Line Regulation
switching operation is implemented to minimize
Constant Power Operation of LEDs to
switching loss and reduce EMI. An internal thermal
Compensate for Forward Voltage Variations
foldback circuit is provided to protects the LEDs from
Over Temperature and Lifetime
damage based on the temperature sensed by a
Fixed Frequency Discontinuous Conduction
single external NTC resistor. Additional features
Mode Operation
include LED open circuit and short circuit protection,
cycle-by-cycle FET over-current protection, burst
Valley Switching Operation to Achieve High
mode fault operation using an internal 812ms fault
Efficiency and Low EMI
timer and internal thermal shutdown.
Efficient TRIAC Hold Current Management
The LM3447 is ideal for implementing dimmable,
Thermal Foldback Function for LED Protection
isolated
single
stage
LED
lamp
drivers
where
LED Open Circuit and Short Circuit Protection
simplicity, low-component count and small solution
size are of primary importance. This device is
APPLICATIONS
currently available in a TSSOP 14-pin package.
Dimmable A19, R20, PAR30/38 LED Lamps
Recessed LED Downlights and Pendant Lights
Industrial and Commercial Solid State Lighting
TYPICAL APPLICATION DIAGRAM
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3447

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3447MT TI1-LM3447MT Datasheet
1Mb / 26P
[Old version datasheet]   a Phase-Dimmable, Primary-Side Regulated LED Driver
More results

Similar Description - LM3447

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLUU937 TI1-SLUU937 Datasheet
1Mb / 26P
[Old version datasheet]   a Phase-Dimmable, Primary-Side Regulated LED Driver
logo
ON Semiconductor
NCL30081 ONSEMI-NCL30081_13 Datasheet
309Kb / 31P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
NCL30081 ONSEMI-NCL30081_15 Datasheet
270Kb / 30P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2015 ??Rev. 1
NCL30083 ONSEMI-NCL30083 Datasheet
443Kb / 34P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
February, 2013 ??Rev. P2
NCL30081 ONSEMI-NCL30081 Datasheet
310Kb / 23P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2013 ??Rev. P0
logo
Diodes Incorporated
AP1690 DIODES-AP1690 Datasheet
388Kb / 9P
   SINGLE STAGE PRIMARY SIDE REGULATION PFC CONTROLLER FOR DIMMABLE LED DRIVER
logo
Monolithic Power System...
MP4060 MPS-MP4060 Datasheet
658Kb / 25P
   TRIAC Dimmable PFC, Primary Side Control LED Controller for 200-265VAC LEDs
MP4030 MPS-MP4030 Datasheet
643Kb / 21P
   TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
MP4030A MPS-MP4030A Datasheet
766Kb / 20P
   TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
MP4033 MPS-MP4033 Datasheet
1Mb / 25P
   TRIAC Dimmable, Primary Side Control Offline LED Controller with Active PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com