Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2931ASX-5.0 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM2931ASX-5.0
Description  Series Low Dropout Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2931ASX-5.0 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2931ASX-5.0 Datasheet HTML 2Page - Texas Instruments LM2931ASX-5.0 Datasheet HTML 3Page - Texas Instruments LM2931ASX-5.0 Datasheet HTML 4Page - Texas Instruments LM2931ASX-5.0 Datasheet HTML 5Page - Texas Instruments LM2931ASX-5.0 Datasheet HTML 6Page - Texas Instruments LM2931ASX-5.0 Datasheet HTML 7Page - Texas Instruments LM2931ASX-5.0 Datasheet HTML 8Page - Texas Instruments LM2931ASX-5.0 Datasheet HTML 9Page - Texas Instruments LM2931ASX-5.0 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
LM2931-N
SNOSBE5G – MARCH 2000 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS FOR ADJUSTABLE VERSION
VIN = 14V, VOUT = 3V, IO = 10 mA, TJ = 25°C, R1 = 27k, C2 = 100 μF (unless otherwise specified)
(1)
Parameter
Conditions
Typ
Limit
Units Limit
Reference Voltage
1.20
1.26
VMAX
1.14
VMIN
IO ≤ 100 mA, −40°C ≤ Tj ≤ 125°C, R1 = 27k
1.32
VMAX
Measured from VOUT to Adjust Pin
1.08
VMIN
Output Voltage Range
24
VMAX
3
VMIN
Line Regulation
VOUT + 0.6V ≤ VIN ≤ 26V
0.2
1.5
mV/VMAX
Load Regulation
5 mA
≤ IO ≤ 100 mA
0.3
1
%MAX
Output Impedance
100 mADC and 10 mArms, 100 Hz–10 kHz
40
m
Ω/V
Quiescent Current
IO = 10 mA
0.4
1
mAMAX
IO = 100 mA
15
mA
During Shutdown RL = 500Ω
0.8
1
mAMAX
Output Noise Voltage
10 Hz–100 kHz
100
μVrms/V
Long Term Stability
0.4
%/1000 hr
Ripple Rejection
fO = 120 Hz
0.02
%/V
Dropout Voltage
IO ≤ 10 mA
0.05
0.2
VMAX
IO = 100 mA
0.3
0.6
VMAX
Maximum Operational Input
Voltage
33
26
VMIN
Maximum Line Transient
IO = 10 mA, Reference Voltage ≤ 1.5V
70
60
VMIN
T = 1 ms,
τ ≤ 100 ms
Reverse Polarity Input
VO ≥ −0.3V, RL = 500Ω
Voltage, DC
−30
−15
VMIN
Reverse Polarity Input
T = 1 ms,
τ ≤ 100 ms, RL = 500Ω
Voltage, Transient
−80
−50
VMIN
On/Off Threshold Voltage
VO=3V
On
2.0
1.2
VMAX
Off
2.2
3.25
VMIN
On/Off Threshold Current
20
50
μAMAX
(1)
See circuit in Typical Applications. To ensure constant junction temperature, low duty cycle pulse testing is used.
6
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2931-N


Similar Part No. - LM2931ASX-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2931ASX-5.0 TI1-LM2931ASX-5.0 Datasheet
4Mb / 29P
[Old version datasheet]   LM2931-N Series Low Dropout Regulators
LM2931ASX-5.0/NOPB TI1-LM2931ASX-5.0/NOPB Datasheet
4Mb / 29P
[Old version datasheet]   LM2931-N Series Low Dropout Regulators
More results

Similar Description - LM2931ASX-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2931 NSC-LM2931 Datasheet
363Kb / 18P
   Series Low Dropout Regulators
LM2931 NSC-LM2931_05 Datasheet
411Kb / 18P
   Series Low Dropout Regulators
logo
Shenzhen Huazhimei Semi...
HM2915X HMSEMI-HM2915X Datasheet
954Kb / 6P
   Low-Dropout Regulators
logo
Dongguan Pingjingsemi T...
PJ75AL28SQ PJSEMI-PJ75AL28SQ Datasheet
2Mb / 8P
   Low Dropout Regulators
logo
DONGGUAN YOU FENG WEI E...
HT75XX YFWDIODE-HT75XX Datasheet
2Mb / 8P
   Low Dropout Regulators
YFW7321 YFWDIODE-YFW7321 Datasheet
1Mb / 9P
   Low Dropout Regulators
logo
Dongguan Pingjingsemi T...
PJ75AL28SA PJSEMI-PJ75AL28SA Datasheet
5Mb / 8P
   Low Dropout Regulators
PJ75AL28SC PJSEMI-PJ75AL28SC Datasheet
7Mb / 8P
   Low Dropout Regulators
logo
Shenzhen Huazhimei Semi...
HM29150 HMSEMI-HM29150 Datasheet
954Kb / 6P
   Low-Dropout Regulators
logo
Unisonic Technologies
L1119 UTC-L1119 Datasheet
165Kb / 7P
   1.5A LOW DROPOUT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com