Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2902KAVQDREP(2) Datasheet(PDF) 4 Page - Texas Instruments

Part # LM2902KAVQDREP(2)
Description  QUADRUPLE OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2902KAVQDREP(2) Datasheet(HTML) 4 Page - Texas Instruments

  LM2902KAVQDREP(2) Datasheet HTML 1Page - Texas Instruments LM2902KAVQDREP(2) Datasheet HTML 2Page - Texas Instruments LM2902KAVQDREP(2) Datasheet HTML 3Page - Texas Instruments LM2902KAVQDREP(2) Datasheet HTML 4Page - Texas Instruments LM2902KAVQDREP(2) Datasheet HTML 5Page - Texas Instruments LM2902KAVQDREP(2) Datasheet HTML 6Page - Texas Instruments LM2902KAVQDREP(2) Datasheet HTML 7Page - Texas Instruments LM2902KAVQDREP(2) Datasheet HTML 8Page - Texas Instruments LM2902KAVQDREP(2) Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
LM2902-EP
SGLS335A – APRIL 2006 – REVISED APRIL 2006
over operating free-air temperature range (unless otherwise noted)(1)
LM2902-EP
LM2902KV-EP
UNIT
VCC
Supply voltage(2)
26
32
V
VID
Differential input voltage(3)
±26
±32
V
VI
Input voltage (either input)
–0.3 to 26
–0.3 to 32
V
Duration of output short circuit (one amplifier) to ground at (or below) TA = 25°C,
Unlimited
Unlimited
VCC≤ 15 V(4)
D package (0 LFPM)
101
101
θ
JA
Package thermal impedance(5)(6)
°C/W
PW package
113
113
TJ
Operating virtual junction temperature
142
142
°C
Tstg
Storage temperature range(7)
–65 to 150
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages and VCC specified for the measurement of IOS, are with respect to the network GND.
(3)
Differential voltages are at IN+ with respect to IN–.
(4)
Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
(5)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 142°C can affect reliability.
(6)
The package thermal impedance is calculated in accordance with JESD 51-7.
(7)
Long term high-temperature storage and/or extended use at maximum recommended operating conditions may result in reduction of
overall device life. See http://www.ti.com/ep_quality for additional information on enhanced plastic packaging.
4
Submit Documentation Feedback


Similar Part No. - LM2902KAVQDREP(2)

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2902KAVQDREP TI1-LM2902KAVQDREP Datasheet
499Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
More results

Similar Description - LM2902KAVQDREP(2)

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2902-Q1 TI-LM2902-Q1 Datasheet
222Kb / 10P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
LM324-MIL TI1-LM324-MIL Datasheet
944Kb / 25P
[Old version datasheet]   Quadruple Operational Amplifier
JUNE 2017
LM2902-EP TI1-LM2902-EP_15 Datasheet
499Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
LM124-SP TI1-LM124-SP Datasheet
193Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM2902-Q1 NSC-LM2902-Q1 Datasheet
850Kb / 15P
   QUADRUPLE OPERATIONAL AMPLIFIER
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
   Quadruple Operational Amplifiers
logo
Cystech Electonics Corp...
LM324QD CYSTEKEC-LM324QD Datasheet
573Kb / 10P
   Quadruple Operational Comparator
2012.12.11
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
   Quadruple Operational Amplifiers
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
   Quadruple Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com