Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2901AVQPWRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM2901AVQPWRQ1
Description  QUADRUPLE DIFFERENTIAL COMPARATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2901AVQPWRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  LM2901AVQPWRQ1 Datasheet HTML 1Page - Texas Instruments LM2901AVQPWRQ1 Datasheet HTML 2Page - Texas Instruments LM2901AVQPWRQ1 Datasheet HTML 3Page - Texas Instruments LM2901AVQPWRQ1 Datasheet HTML 4Page - Texas Instruments LM2901AVQPWRQ1 Datasheet HTML 5Page - Texas Instruments LM2901AVQPWRQ1 Datasheet HTML 6Page - Texas Instruments LM2901AVQPWRQ1 Datasheet HTML 7Page - Texas Instruments LM2901AVQPWRQ1 Datasheet HTML 8Page - Texas Instruments LM2901AVQPWRQ1 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LM2901-Q1, LM2901AV-Q1, LM2901V-Q1
QUADRUPLE DIFFERENTIAL COMPARATOR
SLCS142D − DECEMBER 2003 − REVISED APRIL 2008
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA‡
MIN
TYP
MAX
UNIT
Non A devices
25
°C
2
7
V
Input offset voltage
VIC = VICR(min),
V
14 V
Non-A devices
Full range
15
mV
VIO
Input offset voltage
VO = 1.4 V,
VCC = 5 V to MAX§
A suffix devices
25
°C
1
2
mV
VCC = 5 V to MAX§
A-suffix devices
Full range
4
I
Input offset current
V
14 V
25
°C
5
50
nA
IIO
Input offset current
VO = 1.4 V
Full range
200
nA
I
Input bias current
V
14 V
25
°C
−25
−250
nA
IIB
Input bias current
VO = 1.4 V
Full range
−500
nA
V
Common-mode input-voltage
25
°C
0 to
VCC−1.5
V
VICR
Common mode input voltage
range
Full range
0 to
VCC−2
V
AVD
Large-signal differential-voltage
amplification
VCC = 15 V,
VO = 1.4 V to 11.4 V,
RL ≥ 15 kΩ to VCC
25
°C
25
100
V/mV
I
High level output current
V
1V
VOH = 5 V
25
°C
0.1
50
nA
IOH
High-level output current
VID = 1 V
VOH = VCC MAX§
Full range
1
μA
V
Low level output voltage
V
1V
I
4mA
25
°C
150
400
mV
VOL
Low-level output voltage
VID = −1 V,
IOL = 4 mA
Full range
700
mV
IOL
Low-level output current
VID = −1 V,
VOL = 1.5 V
25
°C
6
16
mA
ICC
Supply current
VO = 2.5 V,
VCC = 5 V
25
°C
0.8
2
mA
ICC
Supply current
(four comparators)
VO = 2.5 V,
No load
VCC = MAX§
25
°C
1
2.5
mA
All characteristics are measured with zero common-mode input voltage, unless otherwise specified.
Full range (MIN to MAX) for LM2901 is −40
°C to 125°C. All characteristics are measured with zero common-mode input voltage, unless otherwise
specified.
§ VCC MAX = 30 V for non-V devices and 32 V for V-suffix devices.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Response time
RL connected to 5 V through 5.1 kΩ,
100-mV input step with 5-mV overdrive
1.3
μs
Response time
RL connected to 5 V through 5.1 kΩ,
CL = 15 pF, See Note 6
TTL-level input step
0.3
μs
CL includes probe and jig capacitance.
NOTE 6: The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V.


Similar Part No. - LM2901AVQPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2901AVQPWRQ1 TI1-LM2901AVQPWRQ1 Datasheet
786Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL COMPARATOR
LM2901AVQPWRQ1 TI1-LM2901AVQPWRQ1 Datasheet
789Kb / 13P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL COMPARATOR
LM2901AVQPWRQ1 TI1-LM2901AVQPWRQ1 Datasheet
930Kb / 20P
[Old version datasheet]   LM2901x-Q1 Quadruple Differential Comparator
LM2901AVQPWRQ1 TI-LM2901AVQPWRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901AVQPWRQ1 TI-LM2901AVQPWRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
More results

Similar Description - LM2901AVQPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2901-Q1 TI1-LM2901-Q1_14 Datasheet
789Kb / 13P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL COMPARATOR
LM2901QDRG4Q1 TI1-LM2901QDRG4Q1 Datasheet
786Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL COMPARATOR
LM2901Q1 TI-LM2901Q1 Datasheet
786Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL COMPARATOR
LM2901-Q1 TI1-LM2901-Q1_16 Datasheet
930Kb / 20P
[Old version datasheet]   LM2901x-Q1 Quadruple Differential Comparator
logo
Cystech Electonics Corp...
LM324QD CYSTEKEC-LM324QD Datasheet
573Kb / 10P
   Quadruple Operational Comparator
2012.12.11
logo
SeCoS Halbleitertechnol...
SHLM339 SECOS-SHLM339 Datasheet
526Kb / 4P
   Differential Comparator
logo
Texas Instruments
TL712 TI-TL712_06 Datasheet
259Kb / 12P
[Old version datasheet]   DIFFERENTIAL COMPARATOR
TL712 TI-TL712 Datasheet
263Kb / 11P
[Old version datasheet]   DIFFERENTIAL COMPARATOR
TL712CP TI-TL712CP Datasheet
82Kb / 5P
[Old version datasheet]   DIFFERENTIAL COMPARATOR
TL712D TI-TL712D Datasheet
927Kb / 16P
[Old version datasheet]   DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com