Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM185BYH2.5-QV Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM185BYH2.5-QV
Description  LM185-2.5QML Micropower Voltage Reference Diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM185BYH2.5-QV Datasheet(HTML) 5 Page - Texas Instruments

  LM185BYH2.5-QV Datasheet HTML 1Page - Texas Instruments LM185BYH2.5-QV Datasheet HTML 2Page - Texas Instruments LM185BYH2.5-QV Datasheet HTML 3Page - Texas Instruments LM185BYH2.5-QV Datasheet HTML 4Page - Texas Instruments LM185BYH2.5-QV Datasheet HTML 5Page - Texas Instruments LM185BYH2.5-QV Datasheet HTML 6Page - Texas Instruments LM185BYH2.5-QV Datasheet HTML 7Page - Texas Instruments LM185BYH2.5-QV Datasheet HTML 8Page - Texas Instruments LM185BYH2.5-QV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LM185–2.5 Electrical Characteristics
DC Parameters
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
V
Ref
Reverse Breakdown Voltage
I
R = 20µA
2.462 2.538
V
1
I
R = 30µA
2.425 2.575
V
2, 3
I
R = 1mA
2.462 2.538
V
1
2.425 2.575
V
2, 3
I
R = 20mA
2.462 2.538
V
1
2.425 2.575
V
2, 3
∆V
Ref /
∆I
R
Reverse Breakdown Voltage
Change with Current
20µA
≤ I
R
≤ 1mA
-1.0
1.0
mV
1
30µA
≤ I
R
≤ 1mA
-1.5
1.5
mV
2, 3
1mA
≤ I
R
≤ 20mA
-10.0
10.0
mV
1
-20.0
20.0
mV
2, 3
V
F
Forward Bias Voltage
I
F = 2mA
-1.0
-0.4
V
1
DC Drift Parameters
Delta calculations performed on QMLV devices at group B , subgroup 5, unless otherwise specified on IPI.
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
V
Ref
Reverse Breakdown Voltage
I
R = 20µA
-10
10
mV
1
I
R = 20mA
-10
10
mV
1
LM185BY–2.5 Electrical Characteristics
DC Parameters
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
V
Ref
Reverse Breakdown Voltage
I
R = 20µA
2.462 2.538
V
1
I
R = 30µA
2.425 2.575
V
2, 3
I
R = 1mA
2.462 2.538
V
1
2.425 2.575
V
2, 3
I
R = 20mA
2.462 2.538
V
1
2.425 2.575
V
2, 3
∆V
Ref /
∆I
R
Reverse Breakdown Voltage
Change with Current
20µA
≤ I
R
≤ 1mA
-1.0
1.0
mV
1
30µA
≤ I
R
≤ 1mA
-1.5
1.5
mV
2, 3
1mA
≤ I
R
≤ 20mA
-10.0
10.0
mV
1
-20.0
20.0
mV
2, 3
V
F
Forward Bias Voltage
I
F = 2mA
−1.0
−0.4
V
1
T
C
Temperature Coefficient
(Note 4)
50
PPM/˚C
2, 3
DC Drift Parameters
Delta calculations performed on QMLV devices at group B , subgroup 5, unless otherwise specified on IPI.
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
V
Ref 1
Reverse Breakdown Voltage
I
R = 20µA
-10
10
mV
1
V
Ref 2
Reverse Breakdown Voltage
I
R = 20mA
-10
10
mV
1
www.national.com
4


Similar Part No. - LM185BYH2.5-QV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM185BYH2.5-QV TI1-LM185BYH2.5-QV Datasheet
499Kb / 15P
[Old version datasheet]   Micropower Voltage Reference Diode
More results

Similar Description - LM185BYH2.5-QV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM185-1.2QML-SP_15 TI-LM185-1.2QML-SP_15_15 Datasheet
536Kb / 18P
[Old version datasheet]   LM185-1.2QML Micropower Voltage Reference Diode
LM185-1.2QML TI1-LM185-1.2QML Datasheet
726Kb / 13P
[Old version datasheet]   LM185-1.2QML Micropower Voltage Reference Diode
LM185-1.2-N TI1-LM185-1.2-N Datasheet
289Kb / 12P
[Old version datasheet]   LM185-1.2/LM285-1.2/LM385-1.2 Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N Datasheet
313Kb / 18P
[Old version datasheet]   LM185-2.5/LM285-2.5/LM385-2.5 Micropower Voltage Reference Diode
LM136A-2.5QML TI1-LM136A-2.5QML_17 Datasheet
493Kb / 18P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML-SP TI-LM136A-2.5QML-SP_15 Datasheet
423Kb / 17P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML TI1-LM136A-2.5QML Datasheet
304Kb / 16P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML TI-LM136A-2.5QML_15 Datasheet
423Kb / 17P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM385BXM-1.2 TI-LM385BXM-1.2 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM285MX-25 TI1-LM285MX-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com