Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-7704301VCA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-7704301VCA
Description  QUADRUPLE OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-7704301VCA Datasheet(HTML) 1 Page - Texas Instruments

  5962-7704301VCA Datasheet HTML 1Page - Texas Instruments 5962-7704301VCA Datasheet HTML 2Page - Texas Instruments 5962-7704301VCA Datasheet HTML 3Page - Texas Instruments 5962-7704301VCA Datasheet HTML 4Page - Texas Instruments 5962-7704301VCA Datasheet HTML 5Page - Texas Instruments 5962-7704301VCA Datasheet HTML 6Page - Texas Instruments 5962-7704301VCA Datasheet HTML 7Page - Texas Instruments 5962-7704301VCA Datasheet HTML 8Page - Texas Instruments 5962-7704301VCA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN-
1IN+
VCC
2IN+
2IN-
2OUT
4OUT
4IN-
4IN+
GND
3IN+
3IN-
3OUT
(TOP VIEW)
J PACKAGE
LM124-SP
LM124A-SP
www.ti.com
SLOS668A – NOVEMBER 2010 – REVISED JANUARY 2011
QUADRUPLE OPERATIONAL AMPLIFIER
Check for Samples: LM124-SP, LM124A-SP
1
FEATURES
Differential Input Voltage Range Equal to
Maximum-Rated Supply Voltage: ±32 V
QML-V Qualified, SMD 5962-7704301VCA,
5962-9950403VCA and 5962-9950403V9B
Open-Loop Differential Voltage Amplification:
100 V/mV Typ
Rad-Tolerant: 50 kRad (Si) TID
(5962-9950403VCA and 5962-9950403V9B) (1)
Internal Frequency Compensation
TID Dose Rate = 0.01 rad/sec (Si)
Wide Supply Ranges
Single Supply: 3 V to 32 V
Dual Supplies: ±1.5 V to ±16 V
Low Supply-Current Drain Independent of
Supply Voltage: 0.8 mA (Typ)
Low Input Bias and Offset Parameters
Input Offset Voltage: 1 mV Typ
Input Offset Current: 2 nA Typ
Input Bias Current: 30 nA Typ
Common-Mode Input Voltage Range Includes
Ground, Allowing Direct Sensing Near Ground
(1)
Radiation tolerance is a typical value based upon initial device
qualification with dose rate = 0.01 rad/sec. Radiation lot
acceptance testing is available - contact factory for details.
DESCRIPTION/ORDERING INFORMATION
These devices consist of four independent high-gain frequency-compensated operational amplifiers that are
designed specifically to operate from a single supply over a wide range of voltages. Operation from split supplies
also is possible if the difference between the two supplies is 3 V to 32 V, and VCC is at least 1.5 V more positive
than the input common-mode voltage. The low supply-current drain is independent of the magnitude of the
supply voltage.
Applications include transducer amplifiers, dc amplification blocks, and all the conventional operational-amplifier
circuits that now can be more easily implemented in single-supply-voltage systems. For example, the LM124 can
be operated directly from the standard 5-V supply that is used in digital systems and provides the required
interface electronics, without requiring additional ±15-V supplies.
Table 1. ORDERING INFORMATION(1)
VIOmax
TA
MAX VCC
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
AT 25°C
5 mV
30 V
LM124
5962-7704301VCA
5962-7704301VCA
J
–55°C to 125°C
3 mV
30 V
LM124A
5962-9950403VCA(3)
5962-9950403VCA
3 mV
30 V
KGD
5962-9950403V9B(3)
N/A
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
Radiation tolerant
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - 5962-7704301VCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-7704301VCA TI-5962-7704301VCA Datasheet
598Kb / 24P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
5962-7704301VCA TI1-5962-7704301VCA Datasheet
1Mb / 40P
[Old version datasheet]   Quadruple Operational Amplifiers
REVISED MARCH 2015
5962-7704301VCA TI-5962-7704301VCA Datasheet
1Mb / 47P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED MAY 2022
5962-7704301VCA TI-5962-7704301VCA Datasheet
2Mb / 53P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED OCTOBER 2022
5962-7704301VCA TI-5962-7704301VCA Datasheet
3Mb / 55P
[Old version datasheet]   Quadruple Operational Amplifiers
REVISED APRIL 2023
More results

Similar Description - 5962-7704301VCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2902-Q1 TI-LM2902-Q1 Datasheet
222Kb / 10P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
LM324-MIL TI1-LM324-MIL Datasheet
944Kb / 25P
[Old version datasheet]   Quadruple Operational Amplifier
JUNE 2017
LM2902-EP TI1-LM2902-EP Datasheet
499Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
LM2902-EP TI1-LM2902-EP_15 Datasheet
499Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM2902-Q1 NSC-LM2902-Q1 Datasheet
850Kb / 15P
   QUADRUPLE OPERATIONAL AMPLIFIER
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
   Quadruple Operational Amplifiers
logo
Cystech Electonics Corp...
LM324QD CYSTEKEC-LM324QD Datasheet
573Kb / 10P
   Quadruple Operational Comparator
2012.12.11
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
   Quadruple Operational Amplifiers
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
   Quadruple Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com