Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30067 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 30067
Description  Mini-Fit짰 TPA (Terminal Position Assurance) Plugs and Receptacles
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

30067 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  30067 Datasheet HTML 1Page - Molex Electronics Ltd. 30067 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATIONS
Reference Information
Agency Certification:
CSA LR19980
TUV R72081037
UL E29179
Physical
Color: Black or White
Flammability: 94V-0
Glow-Wire Compliant versions available
Keying to Mating Part: Yes
Lock to Mating Part: Yes
Material: Polyester
Pitch: 4.20mm (.165”)
Operating Temperature: -40 to +105°C
Mating Cycles: 30
Electrical
Current - Max. per Contact: 13.0A*
Voltage: 600V
Mini-Fit® TPA plugs and receptacles are ideal for high-vibration and high-current
applications requiring a redundant terminal retention feature
Mini-Fit® TPA plugs and receptacles utilize a visible “TPA pin” that when engaged,
will ensure that the terminal is fully seated in the housing and that the terminal will
not back out of the housing during mating or when in use. Mini-Fit TPA connectors
also feature an optional connector position assurance (CPA) key, ensuring that the
male and female connectors cannot be accidentally disengaged.The Mini-Fit TPA
product family accepts all standard Mini-Fit crimp terminals further reducing design
and qualification efforts. Also, no additional crimp tooling is needed. Mini-Fit TPA
products are available in wire-to-wire and wire-to-board configurations with circuit
sizes ranging from 2-16 and accommodating 16-28 AWG wire.
Mini-Fit® TPA
(Terminal Position Assurance)
Plugs and Receptacles
5556, 45750 Female Terminals
5558, 46012 Male Terminals
30067
Receptacles
30068
Plugs
30069
Vertical Headers
30070
Right Angle
Headers
30072
TPA Pegs
30071
CPA Key
FEATURES AND BENEFITS
• TPA lock inserts into plug and receptacle
housings to ensure that terminals are fully
seated and guarantees that the terminals
will not back out
• Optional CPA (Connector Position
Assurance) key prevents accidental
unmating
• Up to 13.0A per pin for increased
current carrying capabilities
*Current - 13.0A max. per circuit when header is mated to a receptacle loaded with 45750 series terminals crimped to 16 AWG wire.
See Molex product specification PS-45750-001 for additional current derating information
Connector Position Assurance, Contrasting White TPA/CPA for high visibility
CPA Key
TPA Key
• Offered in wire-to-wire and wire-to-
board configurations; headers
available in mounting pegs or
screw-mount flanges
• No new tooling required
• Glow-Wire versions available upon
request


Similar Part No. - 30067

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
30067-02A2 MOLEX11-30067-02A2 Datasheet
52Kb / 2P
   Mini-Fit TPA Receptacle Housing, 4.20mm Pitch, Dual Row, 2 Circuits
30067-0412 MOLEX11-30067-0412 Datasheet
52Kb / 2P
   Mini-Fit짰 TPA Receptacle Housing, 4.20mm Pitch, Dual Row, 4 Circuits, Natural
30067-0412 MOLEX11-30067-0412 Datasheet
52Kb / 2P
   Mini-Fit TPA Receptacle Housing, 4.20mm Pitch, Dual Row, 4 Circuits, Natural
30067-04A2 MOLEX11-30067-04A2 Datasheet
53Kb / 2P
   Mini-Fit TPA Receptacle Housing, 4.20mm Pitch, Dual Row with Secondary Terminal Retention, 4 Circuits
30067-04A3 MOLEX11-30067-04A3 Datasheet
52Kb / 2P
   Mini-Fit TPA Receptacle Housing, 4.20mm Pitch, Dual Row with Secondary Terminal Retention, 4 Circuits
More results

Similar Description - 30067

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1727090004 MOLEX1-1727090004 Datasheet
48Kb / 1P
   Mini-Fit TPA2, Terminal Position Assurance (TPA) Retainer, 4.20mm Pitch, UL 94V-0
1727090006 MOLEX1-1727090006 Datasheet
48Kb / 1P
   Mini-Fit TPA2, Terminal Position Assurance (TPA) Retainer, 4.20mm Pitch, UL 94V-0
1727090003 MOLEX1-1727090003 Datasheet
48Kb / 1P
   Mini-Fit TPA2, Terminal Position Assurance (TPA) Retainer, 4.20mm Pitch, UL 94V-0
1727090002 MOLEX1-1727090002 Datasheet
48Kb / 1P
   Mini-Fit TPA2, Terminal Position Assurance (TPA) Retainer, 4.20mm Pitch, UL 94V-0
1727090005 MOLEX1-1727090005 Datasheet
48Kb / 1P
   Mini-Fit TPA2, Terminal Position Assurance (TPA) Retainer, 4.20mm Pitch, UL 94V-0
1727090001 MOLEX1-1727090001 Datasheet
48Kb / 1P
   Mini-Fit TPA2, Terminal Position Assurance (TPA) Retainer, 4.20mm Pitch, UL 94V-0
logo
TE Connectivity Ltd
174360-7 TEC-174360-7 Datasheet
249Kb / 4P
   Automotive Connector Locks & Position Assurance, TPA (Terminal Position Assurance), Yellow, PBT, Econoseal J - 070 Mark II
logo
Molex Electronics Ltd.
15040296 MOLEX-15040296 Datasheet
158Kb / 2P
   STRAIN RELIEF FOR MINI-FIT PLUGS AND RECEPTACLES
1502130006 MOLEX1-1502130006 Datasheet
37Kb / 1P
   Ditto Terminal Position Assurance (TPA) Wire-to-Wire Retainer, 3.00mm Pitch
1502130003 MOLEX1-1502130003 Datasheet
37Kb / 1P
   Ditto Terminal Position Assurance (TPA) Wire-to-Wire Retainer, 3.00mm Pitch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com