Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JL117SXA Datasheet(PDF) 11 Page - Texas Instruments

Part # JL117SXA
Description  LM117JAN 3-Terminal Adjustable Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

JL117SXA Datasheet(HTML) 11 Page - Texas Instruments

Back Button JL117SXA Datasheet HTML 7Page - Texas Instruments JL117SXA Datasheet HTML 8Page - Texas Instruments JL117SXA Datasheet HTML 9Page - Texas Instruments JL117SXA Datasheet HTML 10Page - Texas Instruments JL117SXA Datasheet HTML 11Page - Texas Instruments JL117SXA Datasheet HTML 12Page - Texas Instruments JL117SXA Datasheet HTML 13Page - Texas Instruments JL117SXA Datasheet HTML 14Page - Texas Instruments JL117SXA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Application Hints
In operation, the LM117 develops a nominal 1.25V reference
voltage, V
REF, between the output and adjustment terminal.
The reference voltage is impressed across program resistor
R1 and, since the voltage is constant, a constant current I
1
then flows through the output set resistor R2, giving an
output voltage of
Since the 100µA current from the adjustment terminal repre-
sents an error term, the LM117 was designed to minimize
I
ADJ and make it very constant with line and load changes.
To do this, all quiescent operating current is returned to the
output establishing a minimum load current requirement. If
there is insufficient load on the output, the output will rise.
EXTERNAL CAPACITORS
An input bypass capacitor is recommended. A 0.1µF disc or
1µF solid tantalum on the input is suitable input bypassing
for almost all applications. The device is more sensitive to
the absence of input bypassing when adjustment or output
capacitors are used but the above values will eliminate the
possibility of problems.
The adjustment terminal can be bypassed to ground on the
LM117 to improve ripple rejection. This bypass capacitor
prevents ripple from being amplified as the output voltage is
increased. With a 10µF bypass capacitor 80dB ripple rejec-
tion is obtainable at any output level. Increases over 10µF do
not appreciably improve the ripple rejection at frequencies
above 120Hz. If the bypass capacitor is used, it is some-
times necessary to include protection diodes to prevent the
capacitor from discharging through internal low current paths
and damaging the device.
In general, the best type of capacitors to use is solid tanta-
lum. Solid tantalum capacitors have low impedance even at
high frequencies. Depending upon capacitor construction, it
takes about 25µF in aluminum electrolytic to equal 1µF solid
tantalum at high frequencies. Ceramic capacitors are also
good at high frequencies; but some types have a large
decrease in capacitance at frequencies around 0.5MHz. For
this reason, 0.01µF disc may seem to work better than a
0.1µF disc as a bypass.
Although the LM117 is stable with no output capacitors, like
any feedback circuit, certain values of external capacitance
can cause excessive ringing. This occurs with values be-
tween 500 pF and 5000 pF. A 1µF solid tantalum (or 25µF
aluminum electrolytic) on the output swamps this effect and
insures stability. Any increase of the load capacitance larger
than 10µF will merely improve the loop stability and output
impedance.
LOAD REGULATION
The LM117 is capable of providing extremely good load
regulation but a few precautions are needed to obtain maxi-
mum performance. The current set resistor connected be-
tween the adjustment terminal and the output terminal (usu-
ally 240
Ω) should be tied directly to the output (case) of the
regulator rather than near the load. This eliminates line
drops from appearing effectively in series with the reference
and degrading regulation. For example, a 15V regulator with
0.05
Ω resistance between the regulator and load will have a
load regulation due to line resistance of 0.05
Ω xI
L. If the set
resistor is connected near the load the effective line resis-
tance will be 0.05
Ω (1 + R2/R1) or in this case, 11.5 times
worse.
Figure 2 shows the effect of resistance between the regula-
tor and 240
Ω set resistor.
With the TO-3 package, it is easy to minimize the resistance
from the case to the set resistor, by using two separate leads
to the case. However, with the TO-39 package, care should
be taken to minimize the wire length of the output lead. The
ground of R2 can be returned near the ground of the load to
provide remote ground sensing and improve load regulation.
PROTECTION DIODES
When external capacitors are used with any IC regulator it is
sometimes necessary to add protection diodes to prevent
the capacitors from discharging through low current points
into the regulator. Most 10µF capacitors have low enough
internal series resistance to deliver 20A spikes when
shorted. Although the surge is short, there is enough energy
to damage parts of the IC.
When an output capacitor is connected to a regulator and
the input is shorted, the output capacitor will discharge into
the output of the regulator. The discharge current depends
on the value of the capacitor, the output voltage of the
regulator, and the rate of decrease of V
IN. In the LM117, this
discharge path is through a large junction that is able to
sustain 15A surge with no problem. This is not true of other
types of positive regulators. For output capacitors of 25µF or
less, there is no need to use diodes.
The bypass capacitor on the adjustment terminal can dis-
charge through a low current junction. Discharge occurs
20149005
FIGURE 1.
20149006
FIGURE 2. Regulator with Line Resistance in Output
Lead
www.national.com
10


Similar Part No. - JL117SXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
JL117BXA TI-JL117BXA Datasheet
939Kb / 24P
[Old version datasheet]   LM117JAN 3-Terminal Adjustable Regulator
More results

Similar Description - JL117SXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM117JAN TI-LM117JAN_15 Datasheet
939Kb / 24P
[Old version datasheet]   LM117JAN 3-Terminal Adjustable Regulator
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com