Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JL101ASPA Datasheet(PDF) 6 Page - Texas Instruments

Part # JL101ASPA
Description  LM101AJAN Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

JL101ASPA Datasheet(HTML) 6 Page - Texas Instruments

Back Button JL101ASPA Datasheet HTML 2Page - Texas Instruments JL101ASPA Datasheet HTML 3Page - Texas Instruments JL101ASPA Datasheet HTML 4Page - Texas Instruments JL101ASPA Datasheet HTML 5Page - Texas Instruments JL101ASPA Datasheet HTML 6Page - Texas Instruments JL101ASPA Datasheet HTML 7Page - Texas Instruments JL101ASPA Datasheet HTML 8Page - Texas Instruments JL101ASPA Datasheet HTML 9Page - Texas Instruments JL101ASPA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Quality Conformance Inspection
Mil-Std-883, Method 5005 - Group A
Subgroup
Description
Temp (˚C)
1
Static tests at
25
2
Static tests at
125
3
Static tests at
-55
4
Dynamic tests at
25
5
Dynamic tests at
125
6
Dynamic tests at
-55
7
Functional tests at
25
8A
Functional tests at
125
8B
Functional tests at
-55
9
Switching tests at
25
10
Switching tests at
125
11
Switching tests at
-55
LM101A
JAN Electrical Characteristics
DC Parameters
The following conditions apply to all parameters, unless otherwise specified
V
CC = ±20V, VCM = 0V, RS =50
Symbol
Parameters
Conditions
Notes
Min
Max
Unit
Sub-
groups
V
IO
Input Offset Voltage
+V
CC = 35V, -VCC = -5V,
V
CM = -15V
-2.0
+2.0
mV
1
-3.0
+3.0
mV
2, 3
+V
CC = 5V, -VCC = -35V,
V
CM = +15V
-2.0
+2.0
mV
1
-3.0
+3.0
mV
2, 3
V
CM = 0V
-2.0
+2.0
mV
1
-3.0
+3.0
mV
2, 3
+V
CC = 5V, -VCC = -5V,
V
CM =0V
-2.0
+2.0
mV
1
-3.0
+3.0
mV
2, 3
I
IO
Input Offset Current
+V
CC = 35V, -VCC = -5V,
V
CM = -15V, RS = 100K
-10
+10
nA
1, 2
-20
+20
nA
3
+V
CC = 5V, -VCC = -35V,
V
CM = +15V, RS = 100K
-10
+10
nA
1, 2
-20
+20
nA
3
V
CM = 0V, RS = 100K
-10
+10
nA
1, 2
-20
+20
nA
3
+V
CC = 5V, -VCC = -5V,
V
CM = 0V, RS = 100K
-10
+10
nA
1, 2
-20
+20
nA
3
±I
IB
Input Bias Current
+V
CC = 35V, -VCC = -5V,
V
CM = -15V, RS = 100K
-0.1
75
nA
1, 2
-0.1
100
nA
3
+V
CC = 5V, -VCC = -35V,
V
CM = +15V, RS = 100K
-0.1
75
nA
1, 2
-0.1
100
nA
3
V
CM = 0V, RS = 100K
-0.1
75
nA
1, 2
-0.1
100
nA
3
+V
CC = 5V, -VCC = -5V,
V
CM = 0V, RS = 100K
-0.1
75
nA
1, 2
-0.1
100
nA
3
+PSRR
Power Supply Rejection Ratio
+V
CC = 10V, -VCC = -20V
-50
+50
µV/V
1
-100
+100
µV/V
2, 3
-PSRR
Power Supply Rejection Ratio
+V
CC = 20V, -VCC = -10V
-50
+50
µV/V
1
-100
+100
µV/V
2, 3
www.national.com
5


Similar Part No. - JL101ASPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
JL101ABCA TI1-JL101ABCA Datasheet
981Kb / 25P
[Old version datasheet]   Operational Amplifiers
JL101ABGA TI1-JL101ABGA Datasheet
981Kb / 25P
[Old version datasheet]   Operational Amplifiers
JL101ABPA TI1-JL101ABPA Datasheet
981Kb / 25P
[Old version datasheet]   Operational Amplifiers
More results

Similar Description - JL101ASPA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com