Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2950-33LPR Datasheet(PDF) 4 Page - Texas Instruments

Part # LP2950-33LPR
Description  ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2950-33LPR Datasheet(HTML) 4 Page - Texas Instruments

  LP2950-33LPR Datasheet HTML 1Page - Texas Instruments LP2950-33LPR Datasheet HTML 2Page - Texas Instruments LP2950-33LPR Datasheet HTML 3Page - Texas Instruments LP2950-33LPR Datasheet HTML 4Page - Texas Instruments LP2950-33LPR Datasheet HTML 5Page - Texas Instruments LP2950-33LPR Datasheet HTML 6Page - Texas Instruments LP2950-33LPR Datasheet HTML 7Page - Texas Instruments LP2950-33LPR Datasheet HTML 8Page - Texas Instruments LP2950-33LPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
LP2950
LP2951
SLVS582H – APRIL 2006 – REVISED MARCH 2012
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VIN
Continuous input voltage range
–0.3 V to 30 V
VSHDN
SHUTDOWN input voltage range
–1.5 V to 30 V
ERROR comparator output voltage range(2)
–1.5 V to 30 V
VFDBK
FEEDBACK input voltage range(2) (3)
–1.5 V to 30 V
D package(5)
97°C/W
DRG package(6)
52.44°C/W
θJA
Package thermal impedance(4)
LP package(5)
140°C/W
P package(5)
84.6°C/W
TJ
Operating virtual-junction temperature
150°C
Tstg
Storage temperature range
–65°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
May exceed input supply voltage
(3)
If load is returned to a negative power supply, the output must be diode clamped to GND.
(4)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(5)
The package thermal impedance is calculated in accordance with JESD 51-7.
(6)
The package thermal impedance is calculated in accordance with JESD 51-5.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VIN
Supply input voltage
(1)
30
V
TJ
Operating virtual junction temperature
–40
125
°C
(1)
Minimum VIN is the greater of:
(a) 2 V (25°C), 2.3 V (over temperature), or
(b) VOUT(MAX) + Dropout (Max) at rated IL
4
Submit Documentation Feedback
Copyright © 2006–2012, Texas Instruments Incorporated
Product Folder Link(s): LP2950 LP2951


Similar Part No. - LP2950-33LPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2950-33LPR TI-LP2950-33LPR Datasheet
2Mb / 26P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950-33LPR TI-LP2950-33LPR Datasheet
2Mb / 25P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950-33LPR TI-LP2950-33LPR Datasheet
2Mb / 28P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950-33LPRE3 TI-LP2950-33LPRE3 Datasheet
2Mb / 26P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950-33LPRE3 TI-LP2950-33LPRE3 Datasheet
2Mb / 25P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
More results

Similar Description - LP2950-33LPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2950 TI-LP2950_08 Datasheet
2Mb / 25P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI-LP2950_10 Datasheet
2Mb / 28P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2951-50QDRGRQ1 TI-LP2951-50QDRGRQ1 Datasheet
3Mb / 24P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2951-33-Q1 TI-LP2951-33-Q1_15 Datasheet
3Mb / 30P
[Old version datasheet]   Adjustable Micropower Voltage Regulators With Shutdown
LP2951-50QDRGRQ1 TI1-LP2951-50QDRGRQ1 Datasheet
3Mb / 24P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2951-33-Q1 TI1-LP2951-33-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   Adjustable Micropower Voltage Regulators With Shutdown
LP2950 TI-LP2950 Datasheet
2Mb / 26P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI-LP2950_09 Datasheet
2Mb / 26P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI-LP2950_15 Datasheet
3Mb / 32P
[Old version datasheet]   Adjustable Micropower Voltage Regulators with Shutdown
LP2950 TI1-LP2950_11 Datasheet
3Mb / 31P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com