Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS1100H4R70JN Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LPS1100H4R70JN
Description  Power Resistor for Mounting onto a Heatsink
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LPS1100H4R70JN Datasheet(HTML) 3 Page - Vishay Siliconix

  LPS1100H4R70JN Datasheet HTML 1Page - Vishay Siliconix LPS1100H4R70JN Datasheet HTML 2Page - Vishay Siliconix LPS1100H4R70JN Datasheet HTML 3Page - Vishay Siliconix LPS1100H4R70JN Datasheet HTML 4Page - Vishay Siliconix LPS1100H4R70JN Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LPS 1100
www.vishay.com
Vishay Sfernice
Revision: 05-Sep-12
3
Document Number: 50059
For technical questions, contact: sfer@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Configuration 1: Water cooling heatsink (CP15 from Lytron (304 mm x 95.3 mm x 8 mm) with water flow rate 4LPM and thermal grease Si340
from BlueStar Silicones
Configuration 2: Air cooling heatsink P207/250 from Semikron (250 mm x 200 mm x 72 mm) and thermal grease Si340 from BlueStar
Silicones
Configuration 3: Water cooling heatsink (CP15 from Lytron (304 mm x 95.3 mm x 8 mm) with water flow rate 4LPM and thermal pad
Q-pad II from Berquist
Configuration 4: Air cooling heatsink P207/250 from Semikron (250 mm x 200 mm x 72 mm) and thermal pad Q-pad II from Berquist
OVERLOAD
In any case the applied voltage must be lower than
UI = 6600 V.
Short time overload: 2 x Pr/10 s for heatsink with
Rth(h-a)  0.26 °C/W (maximum power: 700 W) and 1.6 x
Pr/1 s for heatsink with 0.26 °C/W > Rth(h-a)  0.059 °C/W
(maximum power: 1800 W).
Accidental overload: The values indicated on the following
graph are applicable to resistors in air or mounted onto a
heatsink.
ENERGY CURVE
MARKING
Series, style, ohmic value (in
), tolerance (in %),
manufacturing date, Vishay Sfernice trademark.
POWER RATING
The temperature of the case should be maintained within
the limit specified in the following figure. To optimize
the thermal conduction, contacting surfaces should be
coated with silicone grease or thermal film, and heatsink
mounting screws tightened to 2 Nm.
CONFIG. 1:
WATER COOLING
HEATSINK CP15 AND
THERMAL GREASE SI340
CONFIG. 2:
AIR COOLING
HEATSINK P207/250 AND
THERMAL GREASE SI340
CONFIG. 3:
WATER COOLING
HEATSINK CP15 AND
THERMAL PAD Q-PAD II
CONFIG. 4:
AIR COOLING
HEATSINK P207/250 AND
THERMAL PAD Q-PAD II
Power Dissipation (W)
1100
350
650
285
T° Resistive Element (°C)
200
200
200
200
Rth(j-c) max. (°C/W)
0.039
0.039
0.039
0.039
Rth(c-h) typ. (°C/W)
0.070
0.201
0.187
0.315
Rth(h-a) max. (°C/W)
0.059
0.260
0.059
0.260
Fluid T° (°C)
15 (water)
25 (air)
15 (water)
25 (air)
0.01
0.1
1
10
100
10 000
OVERLOAD DURATION IN s
1
10-7
10-6
10-5
10-4
10-3
10-2
10-1
1000
PACKAGING
Box of 15 units
0
20
40
60
80
100
HEATSINK TEMPERATURE IN °C
200
0175
150
125
100
75
50
25
ORDERING INFORMATION
LPS
1100
1 k
± 1 %
xxx
BO15
e
MODEL
STYLE
RESISTANCE
VALUE
TOLERANCE
CUSTOM
DESIGN
PACKAGING
LEAD (Pb)-FREE
± 1 %
± 2 %
± 5 %
± 10 %
Optional on
request:
special TCR,
shape, etc.


Similar Part No. - LPS1100H4R70JN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPS1100 VISHAY-LPS1100_15 Datasheet
100Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
More results

Similar Description - LPS1100H4R70JN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPSA800 VISHAY-LPSA800 Datasheet
118Kb / 6P
   Power Resistor for Mounting Onto a Heatsink
LPS300 VISHAY-LPS300_15 Datasheet
126Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
LPS600 VISHAY-LPS600_15 Datasheet
128Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
LPS300 VISHAY-LPS300 Datasheet
328Kb / 4P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 09-Jun-10
LPS600 VISHAY-LPS600 Datasheet
146Kb / 4P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 27-Oct-10
LPS-1100 VISHAY-LPS-1100 Datasheet
111Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
LPSA800 VISHAY-LPSA800_V01 Datasheet
113Kb / 6P
   Power Resistor for Mounting Onto a Heatsink Thick Film Technology
01-Jan-2022
RCH VISHAY-RCH Datasheet
125Kb / 6P
   Power Resistor, for Mounting onto a Heatsink Thick Film Technology
Revision: 06-Jul-15
LPS1100 VISHAY-LPS1100_15 Datasheet
100Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
RPS250 VISHAY-RPS250_15 Datasheet
93Kb / 4P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 12-Dec-14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com