Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV358IDRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Part # LMV358IDRQ1
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV358IDRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  LMV358IDRQ1 Datasheet HTML 1Page - Texas Instruments LMV358IDRQ1 Datasheet HTML 2Page - Texas Instruments LMV358IDRQ1 Datasheet HTML 3Page - Texas Instruments LMV358IDRQ1 Datasheet HTML 4Page - Texas Instruments LMV358IDRQ1 Datasheet HTML 5Page - Texas Instruments LMV358IDRQ1 Datasheet HTML 6Page - Texas Instruments LMV358IDRQ1 Datasheet HTML 7Page - Texas Instruments LMV358IDRQ1 Datasheet HTML 8Page - Texas Instruments LMV358IDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LMV321-Q1 SINGLE, LMV358-Q1 DUAL, LMV324-Q1 QUAD
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT
OPERATIONAL AMPLIFIERS
SLOS415E − JUNE 2003 − REVISED APRIL 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D Qualified for Automotive Applications
D 2.7-V and 5-V Performance
D No Crossover Distortion
D Low Supply Current:
LMV321 . . . 130
µA Typ
LMV358 . . . 210
µA Typ
LMV324 . . . 410
µA Typ
D Rail-to-Rail Output Swing
description/ordering information
The LMV321, LMV358, and LMV324 are single,
dual, and quad low-voltage (2.7 V to 5.5 V)
operational amplifiers with rail-to-rail output
swing.
The LMV321, LMV358, and LMV324 are the most
cost-effective solution for applications where
low-voltage operation, space saving, and low
price
are
required.
These
amplifiers
were
designed specifically for low-voltage (2.7 V to 5 V)
operation,
with
performance
specifications
meeting or exceeding the LM358 and LM324
devices that operate from 5 V to 30 V. Additional
features
of
the
LMV3xx
devices
are
a
common-mode input voltage range that includes
ground, 1-MHz unity-gain bandwidth, and 1-V/
µs
slew rate.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2008, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN−
1IN+
VCC+
2IN+
2IN−
2OUT
4OUT
4IN−
4IN+
GND
3IN+
3IN−
3OUT
LMV324 ...D OR PW PACKAGE
(TOP VIEW)
LMV358 ...D OR PW PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
GND
VCC+
2OUT
2IN−
2IN+
LMV321 . . . DBV PACKAGE
(TOP VIEW)
VCC+
OUT
1
2
3
5
4
1IN+
GND
IN−


Similar Part No. - LMV358IDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV358IDR TI-LMV358IDR Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Guangdong Youtai Semico...
LMV358IDR UMW-LMV358IDR Datasheet
2Mb / 10P
   Low-Power rail-to-rail Operational Amplifier
logo
Texas Instruments
LMV358IDR TI-LMV358IDR Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358IDR TI-LMV358IDR Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358IDR TI-LMV358IDR Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - LMV358IDRQ1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821-Q1 TI1-LMV821-Q1 Datasheet
821Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_07 Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com