Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP180C Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 5KP180C
Description  TVS Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

5KP180C Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  5KP180C Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 5KP180C Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 5KP180C Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd 5KP180C Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TL, LEAD TEMPERATURE
FIG.4-STEADY STATE POWER
DERATING CURVE
10
8
6
4
2
0
25
50
75
100
125
150
175
200
60Hz RESISTIVE OR
INDUCTIVE LOAD
REVERSE VOLTAGE,VOLTS
FIG.2-TYPICAL JUNCTION CAPACITANCE
1
100
10000
1000
100
10
4
10
1000
MEASURED AT
TJ=25℃
STAND-OFF VOLTAGE
TP, PULSE WIDTH
FIG.3-PULSE RATING CURVE
0.1us
100
10
1.0
0.1
1.0us
10us
100us
1.0ms
10ms
TA=25℃,
SHOWN IN FIG.5
NON-REPETIVE PULSE WAVE FORM
TA AMBIENT TEMPERATURE,℃
FIG.1-PULSE DERATING CURVE
10*1000 WAVEFORM
AS DEFINED BY R.E.A
50
0
100
75
25
25
50
75 100
125 150
175 200
0
T, TIME (ms)
FIG.5 -PULSE WAVEFORM
TJ
=25
TP
Pulse with (Tp) is defined
as that point where the
peak current decays to
50% of IRSM
10*1000waveform as
defined by R.E.A
TR=10us
Peak value(IRSM)
Half value =
2
IRSM
100
50
0
1.0
2.0
3.0
4.0
0
5KP Series
TVS Transient Voltage Suppressor
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 5KP180C

ManufacturerPart #DatasheetDescription
logo
Formosa MS
5KP180C FORMOSA-5KP180C Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENTVOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
5KP180C LUGUANG-5KP180C Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP180C LUGUANG-5KP180C Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
EIC discrete Semiconduc...
5KP180C EIC-5KP180C Datasheet
119Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
5KP180C LUGUANG-5KP180C Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
More results

Similar Description - 5KP180C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD119-B1-W01005 INFINEON-ESD119-B1-W01005 Datasheet
728Kb / 15P
   TVS (Transient Voltage Suppressor)
Revision 1.2, 2016-04-07
ESD230-B1-W0201 INFINEON-ESD230-B1-W0201 Datasheet
976Kb / 15P
   TVS (Transient Voltage Suppressor)
Revision 1.0, 2016-04-22
ESD102-U1-02ELS INFINEON-ESD102-U1-02ELS Datasheet
782Kb / 16P
   TVS (Transient Voltage Suppressor)
Revision 1.2, 2015-12-14
logo
Tiger Electronic Co.,Lt...
5KP TGS-5KP Datasheet
265Kb / 4P
   TVS Transient Voltage Suppressor
logo
Digitron Semiconductors
P4KE6.8 DIGITRON-P4KE6.8 Datasheet
422Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR (TVS)
logo
Infineon Technologies A...
ESD101-B1-02ELS INFINEON-ESD101-B1-02ELS Datasheet
656Kb / 15P
   TVS (Transient Voltage Suppressor)
Revision 1.3, 2015-07-13
ESD128-B1-W0201 INFINEON-ESD128-B1-W0201 Datasheet
799Kb / 16P
   TVS (Transient Voltage Suppressor)
Revision 1.3, 2016-04-06
logo
Tiger Electronic Co.,Lt...
5KP5.0 TGS-5KP5.0 Datasheet
270Kb / 4P
   TVS Transient Voltage Suppressor
logo
STMicroelectronics
P6KE300ARL STMICROELECTRONICS-P6KE300ARL Datasheet
141Kb / 9P
   transient voltage surge suppressor (TVS)
logo
Torex Semiconductor
XBP4SMAJ TOREX-XBP4SMAJ Datasheet
212Kb / 5P
   400W Transient Voltage Suppressor (TVS)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com