Electronic Components Datasheet Search |
|
CWA4850 Datasheet(PDF) 6 Page - Crydom Inc., |
|
CWA4850 Datasheet(HTML) 6 Page - Crydom Inc., |
6 / 20 page CTX 4 x 2.5Amp 120/240 Vac TRIAC Output 4 AC Relays in One Compact Package The CTX240D3Q offers four independently controlled solid state relays in one compact PCB mount package. Based on the proven Series CX product line, featuring ultra high surge rating, extra low leakage and 4-10 Vdc logic compatible input. The CTX exhibits exceptional steady-state ratings utilizing highly efficient thermal management for increased cycle life. Line Load Control Control Must Surge Voltage Current Voltage Current Release Current Range Range Range @ 5Vdc Voltage 1-Cycle Vrms Arms Vdc mA Vdc Apk CTX240D3Q 24-280 0.1-6.0** 4-10 15 1.0 120 CTX240D3QR* 24-280 0.1-6.0** 4-10 15 1.0 120 * R suffix denotes random turn-on. Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 2500 Vrms **1 section ON; 2 sections ON 0.1-4.0; 3 sections ON 0.1-3.0; 4 sections ON 0.1-2.5 PCB Mount Solid State Relays - AC Output 6 LS 8-12Amp 120/240 Vac Metal Baseplate High Surge Rating Zero Cross or Random Turn-On Metal baseplate design for direct attachment of external heat sink to achieve maximum current ratings. Applications include; motor, heater, lamp and solenoid switching. Line Load Control Control Must Surge Voltage Current Voltage Current Release Current Range Range Range @ 5Vdc Voltage 1-Cycle Vrms Arms Vdc mA Vdc Apk LS240D8 24-280 .15-8 4-10 15 1.0 80 UL, cUL,TUV LS240D8R* 24-280 .15-8 4-10 15 1.0 80 UL, cUL,TUV LS240D12 24-280 .15-12 4-10 15 1.0 120 UL, cUL,CSA, TUV LS240D12R* 24-280 .15-12 4-10 15 1.0 120 UL, cUL,CSA, TUV * R suffix denotes random turn-on. Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 2500 Vrms 24 Vdc input versions available (LSE series) LR 25-40Amp 120/240/480 Vac Zero Cross or Random Turn-On SCR AC Switch Output Low Profile The LR products offer a low profile package that is perfect for printed circuit board mounting. Rated at up to 1200V transient capability. Mounting clip available, order part no. LMC-1. Line Load Control Control Must Surge Voltage Current Voltage Current Release Current Range Range Range @ 5Vdc Voltage 1-Cycle Zero Cross Vrms Arms Vdc mA Vdc Apk LR600240D25 24-280 .15-25 4-32 9 1.0 250 LR600240D40 24-280 .15-40 4-32 9 1.0 400 LR1200480D25 48-530 .15-25 4-32 9 1.0 250 LR1200480D40 48-530 .15-40 4-32 9 1.0 400 Random Turn-On LR600240D25R 24-280 .15-25 4-32 9 1.0 250 LR600240D40R 24-280 .15-40 4-32 9 1.0 400 LR1200480D25R 48-530 .15-25 4-32 9 1.0 250 LR1200480D40R 48-530 .15-40 4-32 9 1.0 400 Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 2500 Vrms AC input versions available CX, CXE 5Amp 120/240/380/480 Vac AC SIP, SCR AC Switch Output Ultra High Surge Rating US Patent No. 5,134,094 Crydom's family of SPST-NO relays provide a high power switching capability in a PC-mounted air-cooled package. Advanced features include exceptional steady state current, plus ultra-high surge ratings. Models are available to switch up to 660 Vrms with AC or DC control, and either zero-cross or random turn-on ("R") switching versions. Pinout is compatible with Series 6 and OAC type I/O modules. Line Load Control Control Must Surge Voltage Current Voltage Current Release Current Range Range Range @ 5/24Vdc Voltage 1-Cycle Vrms Arms Vdc mA Vdc Apk CX240D5 12-280 .06-5.0 3-15 15 1.0 250 UL, CSA, VDE CX240D5R* 12-280 .06-5.0 3-15 15 1.0 250 UL, CSA, VDE CXE240D5 12-280 .06-5.0 15-32 15 1.0 250 UL, CSA, VDE CXE240D5R* 12-280 .06-5.0 15-32 15 1.0 250 UL, CSA, VDE CX380D5 48-530 .06-5.0 4-15 15 1.0 250 UL, CSA, VDE CX380D5R* 48-530 .06-5.0 4-15 15 1.0 250 UL, CSA, VDE CXE380D5 48-530 .06-5.0 15-32 15 1.0 250 UL, CSA, VDE CXE380D5R* 48-530 .06-5.0 15-32 15 1.0 250 UL, CSA, VDE CX480D5 48-660 .06-5.0 4-15 15 1.0 250 UL, CSA CX480D5R* 48-660 .06-5.0 4-15 15 1.0 250 UL, CSA CXE480D5 48-660 .06-5.0 15-32 15 1.0 250 UL, CSA CXE480D5R* 48-660 .06-5.0 15-32 15 1.0 250 UL, CSA Line Load Control Control Must Surge Voltage Current Voltage Current@ Release Current Range Range Range 120/24Vrms Voltage 1-Cycle Vrms Arms Vrms mA Vrms Apk CX240A5 12-280 .06-5.0 90-140 10 10.0 250 UL, CSA CX240A5R* 12-280 .06-5.0 90-140 10 10.0 250 UL, CSA CXE240A5 12-280 .06-5.0 18-36 10 2.0 250 UL, CSA CXE240A5R* 12-280 .06-5.0 18-36 10 2.0 250 UL, CSA, * R suffix denotes random turn-on. Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 4000 Vrms Normally closed (Form B) versions available (-B suffix) MPF 4Amp 120/240 Vac SCR AC Switch Output Integral Heat sink US Patent No. 5,134,094 The MPF delivers high ratings ia a single in-line package (SIP). Crydom’s patented PowerFIN™ integral heat sink design makes for a cool compact package for PCB mounting. With natural convection in free air, it rates 4Arms at 50˚C ambient. Line Load Control Control Must Surge Voltage Current Voltage Current Release Current Range Range Range @5Vdc Voltage 1-Cycle Vrms Arms Vdc mA Vdc Apk MPF240D4 12-280 .1-4 4-10 15 1.0 40 UL, CSA MPF240D4R* 12-280 .1-4 4-10 15 1.0 40 UL, CSA * R suffix denotes random turn-on. Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 3750 Vrms MCX, MCXE 5Amp 120/240/380/480 Vac AC SIP SCR AC Switch Output Ultra High Surge Rating The MCX and MCXE offer the same specifications and performance as the the CX and CXE products, the only difference is the MP style package. Add a “M” prefix. UL, cUL UL, cUL UL, cUL UL, cUL UL, cUL UL, cUL UL, cUL UL, cUL Questions? Call or e-mail +1 (877) 502 5500 +44 (0) 1202 606030 sales@crydom.com sales-europe@crydom.com Americas Europe |
Similar Part No. - CWA4850 |
|
Similar Description - CWA4850 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |