Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDK226M400A9TAA Datasheet(PDF) 4 Page - Kemet Corporation

Part # EDK226M400A9TAA
Description  SMD Surface mount lead terminals ??General Purpose 85째C / 2000 h
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

EDK226M400A9TAA Datasheet(HTML) 4 Page - Kemet Corporation

  EDK226M400A9TAA Datasheet HTML 1Page - Kemet Corporation EDK226M400A9TAA Datasheet HTML 2Page - Kemet Corporation EDK226M400A9TAA Datasheet HTML 3Page - Kemet Corporation EDK226M400A9TAA Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ARCOTRONICS
EDK Aluminium Electrolytic Capacitors
160 Vdc Rated voltage - 200 Vdc Surge voltage
Rated capacitance
Case size
D.F.
R.C.
L.C.
120 Hz 20°C
DxL
120 Hz 20°C
120 Hz 85°C
20°C 2 min.
Arcotronics P/N
(F)
(mm)
(tan %)
(mArms)
(A)
33
12.5 x 13.5
20
240
310
EDK336M160A9RAA
47
12.5 x 16
20
370
400
EDK476M160A9SAA
68
16 x 16.5
20
500
540
EDK686M160A9TAA
200 Vdc Rated voltage - 250 Vdc Surge voltage
Rated capacitance
Case size
D.F.
R.C.
L.C.
120 Hz 20°C
DxL
120 Hz 20°C
120 Hz 85°C
20°C 2 min.
Arcotronics P/N
(F)
(mm)
(tan %)
(mArms)
(A)
22
12.5 x 13.5
20
240
280
EDK226M200A9RAA
33
12.5 x 16
20
310
370
EDK336M200A9SAA
47
16 x 16.5
20
340
480
EDK476M200A9TAA
68
16 x 16.5
20
340
650
EDK686M200A9TAA
250 Vdc Rated voltage - 300 Vdc Surge voltage
Rated capacitance
Case size
D.F.
R.C.
L.C.
120 Hz 20°C
DxL
120 Hz 20°C
120 Hz 85°C
20°C 2 min.
Arcotronics P/N
(F)
(mm)
(tan %)
(mArms)
(A)
10
12.5 x 13.5
20
150
200
EDK106M250A9RAA
22
12.5 x 13.5
20
150
320
EDK226M250A9RAA
33
12.5 x 16
20
240
430
EDK336M250A9SAA
47
16 x 16.5
20
340
570
EDK476M250A9TAA
400 Vdc Rated voltage - 450 Vdc Surge voltage
Rated capacitance
Case size
D.F.
R.C.
L.C.
120 Hz 20°C
DxL
120 Hz 20°C
120 Hz 85°C
20°C 2 min.
Arcotronics P/N
(F)
(mm)
(tan %)
(mArms)
(A)
4.7
12.5 x 13.5
25
120
180
EDK475M400A9RAA
10
12.5 x 13.5
25
120
260
EDK106M400A9RAA
22
16 x 16.5
25
140
460
EDK226M400A9TAA
33
16 x 16.5
25
140
630
EDK336M400A9TAA
450 Vdc Rated voltage - 500 Vdc Surge voltage
Rated capacitance
Case size
D.F.
R.C.
L.C.
120 Hz 20°C
DxL
120 Hz 20°C
120 Hz 85°C
20°C 2 min.
Arcotronics P/N
(F)
(mm)
(tan %)
(mArms)
(A)
4.7
12.5 x 13.5
25
120
180
EDK475M450A9RAA
10
12.5 x 16
25
130
280
EDK106M450A9SAA
22
16 x 16.5
25
140
500
EDK226M450A9TAA
63 Vdc Rated voltage - 79 Vdc Surge voltage
Rated capacitance
Case size
D.F.
R.C.
L.C.
120 Hz 20°C
DxL
120 Hz 20°C
120 Hz 85°C
20°C 2 min.
Arcotronics P/N
(F)
(mm)
(tan %)
(mArms)
(A)
4.7
6.3 x 5.4
18
20
3
EDK475M063A9GAA
10
6.3 x 5.4
18
20
6
EDK106M063A9GAA
22
8 x 10.2
18
30
14
EDK226M063A9MAA
33
8 x 10.2
18
30
21
EDK336M063A9MAA
47
8 x 10.2
18
30
30
EDK476M063A9MAA
100
10 x 10.2
18
60
63
EDK108M065A9PAA
100 Vdc Rated voltage - 125 Vdc Surge voltage
Rated capacitance
Case size
D.F.
R.C.
L.C.
120 Hz 20°C
DxL
120 Hz 20°C
120 Hz 85°C
20°C 2 min.
Arcotronics P/N
(F)
(mm)
(tan %)
(mArms)
(A)
3.3
8 x 10.2
18
30
3
EDK335M100A9MAA
4.7
8 x 10.2
18
50
5
EDK475M100A9MAA
10
6.3 x 7.7
18
40
10
EDK106M100A9HAA
10
8 x 10.2
18
55
10
EDK106M100A9MAA
22
10 x 10.2
18
60
22
EDK226M100A9PAA
33
10 x 10.2
18
65
33
EDK336M100A9PAA
SMD Surface mount lead terminals – General Purpose 85°C / 2000 h
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute –
and we specifically disclaim – any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who
have the requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise
provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - EDK226M400A9TAA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EDK226M050A9GAA KEMET-EDK226M050A9GAA Datasheet
73Kb / 1P
   Aluminum Electrolytic, 85C, EDK, 22 uF, 20%, 50 V, -40/85C
EDK226M050S9GAA KEMET-EDK226M050S9GAA Datasheet
268Kb / 1P
   EDK, Aluminum Electrolytic, 22 uF, 20%, 50 VDC, -40/85°C
10/20/2022
More results

Similar Description - EDK226M400A9TAA

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104SML050MD4 ILLINOISCAPACITOR-104SML050MD4 Datasheet
114Kb / 3P
    85째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
logo
Kemet Corporation
R75UW36805030J KEMET-R75UW36805030J Datasheet
52Kb / 1P
   R75, Film, Metallized Polypropylene, General Purpose, 0.68 uF, 5%, 2000 VDC, 85째C, Lead Spacing = 37.5mm
R75UW35605040J KEMET-R75UW35605040J Datasheet
52Kb / 1P
   R75, Film, Metallized Polypropylene, General Purpose, 0.56 uF, 5%, 2000 VDC, 85째C, Lead Spacing = 37.5mm
R75UW41005030J KEMET-R75UW41005030J Datasheet
51Kb / 1P
   R75, Film, Metallized Polypropylene, General Purpose, 1 uF, 5%, 2000 VDC, 85째C, Lead Spacing = 37.5mm
R76UW33305030J KEMET-R76UW33305030J Datasheet
51Kb / 1P
   R76, Film, Double Metallized Polypropylene, General Purpose, 0.33 uF, 5%, 2000 VDC, 85째C, Lead Spacing = 37.5mm
logo
Diotec Semiconductor
BC807 DIOTEC-BC807_15 Datasheet
109Kb / 2P
   Surface Mount General Purpose
logo
Illinois Capacitor, Inc...
104CKR050M ILLINOISCAPACITOR-104CKR050M Datasheet
134Kb / 5P
   85째C General Purpose Aluminum Electrolytic Capacitors
474TTA100M ILLINOISCAPACITOR-474TTA100M_16 Datasheet
296Kb / 3P
   Standard, general purpose 2000 hours
logo
Central Semiconductor C...
CXR1-04 CENTRAL-CXR1-04 Datasheet
99Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Shenzhen Taychipst Elec...
S2A TAYCHIPST-S2A Datasheet
1Mb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com