Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP85CA Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 5KP85CA
Description  TVS Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

5KP85CA Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  5KP85CA Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 5KP85CA Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 5KP85CA Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd 5KP85CA Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Glass passivated chip
low leakage
Uni and bidirectional unit
Excellent clamping capability
Plastic material has UL recognition 94V-0
Fast response time
Case : Molded Plastic
Marking : Unidirectional -type number and cathode band
Bidirectional-type number only
Weight :
0.07ounces, 2.1 grams
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
UNIT
Peak Power Dissipation at TA=25℃
TP=1ms (NOTE1)
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Steady State Power Dissipation at TL=75℃
Lead Lengths 0.375"(9.5mm),See Fig. 4
Maximum Instantaneous Forward Voltage
at 100A for Unidirectional Devices Only (NOTE2)
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
REVERSE VOLTAGE - 5.0 to 180Volts
POWER DISSIPATION - 5000 Watts
VALUE
3. VF=3.5V on 5KP5.0 thru 5KP100A devices and VF=5.0V on 5KP110 thru 5KP180 devices.
NOTES:1. Non-repetitive current pulse ,per Fig. 5 and derated above TA=25℃ per Fig. 1 .
2. 8.3ms single half-wave duty cycle=4 pulses per minutes maximum (uni-directional units only).
VF
-55 to + 150
-55 to + 175
See NOTE 3
Minimum 5000
WATTS
PPK
AMPS
IFSM
400
WATTS
PM(AV)
8.0
VOLTS
1.0(25.4)
5KP Series
TVS Transient Voltage Suppressor
Dimensions in inches and (millimeters)
R-6
Features
Mechanical Data
Maximum Ratings and Electrical Characteristics
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 5KP85CA

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP85CA SURGE-5KP85CA Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shenzhen Luguang Electr...
5KP85CA LUGUANG-5KP85CA Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
CHENG-YI ELECTRONIC CO....
5KP85CA CHENG-YI-5KP85CA Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
5KP85CA SUNMATE-5KP85CA Datasheet
940Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
5KP85CA SUNMATE-5KP85CA Datasheet
1Mb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
More results

Similar Description - 5KP85CA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD119-B1-W01005 INFINEON-ESD119-B1-W01005 Datasheet
728Kb / 15P
   TVS (Transient Voltage Suppressor)
Revision 1.2, 2016-04-07
ESD230-B1-W0201 INFINEON-ESD230-B1-W0201 Datasheet
976Kb / 15P
   TVS (Transient Voltage Suppressor)
Revision 1.0, 2016-04-22
ESD102-U1-02ELS INFINEON-ESD102-U1-02ELS Datasheet
782Kb / 16P
   TVS (Transient Voltage Suppressor)
Revision 1.2, 2015-12-14
logo
Tiger Electronic Co.,Lt...
5KP TGS-5KP Datasheet
265Kb / 4P
   TVS Transient Voltage Suppressor
logo
Digitron Semiconductors
P4KE6.8 DIGITRON-P4KE6.8 Datasheet
422Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR (TVS)
logo
Infineon Technologies A...
ESD101-B1-02ELS INFINEON-ESD101-B1-02ELS Datasheet
656Kb / 15P
   TVS (Transient Voltage Suppressor)
Revision 1.3, 2015-07-13
ESD128-B1-W0201 INFINEON-ESD128-B1-W0201 Datasheet
799Kb / 16P
   TVS (Transient Voltage Suppressor)
Revision 1.3, 2016-04-06
logo
Tiger Electronic Co.,Lt...
5KP5.0 TGS-5KP5.0 Datasheet
270Kb / 4P
   TVS Transient Voltage Suppressor
logo
STMicroelectronics
P6KE300ARL STMICROELECTRONICS-P6KE300ARL Datasheet
141Kb / 9P
   transient voltage surge suppressor (TVS)
logo
Torex Semiconductor
XBP4SMAJ TOREX-XBP4SMAJ Datasheet
212Kb / 5P
   400W Transient Voltage Suppressor (TVS)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com