Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7109D-TRG Datasheet(PDF) 6 Page - Aavid, Thermal Division of Boyd Corporation

Part # 7109D-TRG
Description  Channel style heat sink with folded back fins
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

7109D-TRG Datasheet(HTML) 6 Page - Aavid, Thermal Division of Boyd Corporation

Back Button 7109D-TRG Datasheet HTML 2Page - Aavid, Thermal Division of Boyd Corporation 7109D-TRG Datasheet HTML 3Page - Aavid, Thermal Division of Boyd Corporation 7109D-TRG Datasheet HTML 4Page - Aavid, Thermal Division of Boyd Corporation 7109D-TRG Datasheet HTML 5Page - Aavid, Thermal Division of Boyd Corporation 7109D-TRG Datasheet HTML 6Page - Aavid, Thermal Division of Boyd Corporation 7109D-TRG Datasheet HTML 7Page - Aavid, Thermal Division of Boyd Corporation 7109D-TRG Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation 7109D-TRG Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation 7109D-TRG Datasheet HTML 10Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 116 page
background image
6
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
6000UG
15.0
V
77
6000DG
15.0
V
77
6222BG
9.4
V
77
6223BG
9.4
V
77
6224BG
9.4
V
77
Extruded Heat Sinks
501200B00000G
68.0
H
23
501100B00000G
67.0
H
23
508700B00000G
27.2
H
23
6284BG
25.0
H
23
580500B00000G
20.0
H
22
580600B00000G
20.0
H
21
Slide On Heat Sinks
501000J00000G
60.0
H
20
501000B00000G
60.0
H
20
580300B00000G
39.0
H
21
580400B00000G
39.0
H
22
508500B00000G
34.0
H
23
508600B00000G
32.0
H
23
580100B00000G
30.0
H
20
580100W00000G
30.0
H
20
560200B00000G
20.0
H
20
560200W00000G
20.0
H
20
580200B00000G
20.0
H
20
580200W00000G
20.0
H
20
Bi Directional Air Flow
H
19
Solder Anchor
H
12
Push Pin
H
14
Clip Attachment
H
18
Tape Attachment
H
16
Extruded Heat Sinks
YB32-4G
8.4
V
61
6380BG
6.8
V
60
6381BG
5.8
V
60
6396BG
5.6
V
60
6396B-P2G
5.6
V
60
6374BG
5.0
V
61
6398BG
4.4
V
60
6398B-P2G
4.4
V
60
6382BG
4.2
V
60
6399BG
3.3
V
60
6399B-P2G
3.3
V
60
6400BG
2.7
V
60
6400B-P2G
2.7
V
60
Channel Style Heat Sinks
530510U00000G
20.6
V
66
530510B00000G
20.6
V
66
Clip On Style Heat Sinks
584000B00000G
10.0
V
67
584000B03500G
10.0
V
67
Extruded Heat Sinks
6380BG
6.8
V
60
6381BG
5.8
V
60
6382BG
4.2
V
60
Plug In Style Heat Sinks
566010B00000G
11.5
H–V
66
566010B03400G
11.5
V
66
566010B03100G
11.5
H
66
Slide On Style Heat Sinks
7038BG
16.0
V
67
7148DG
16.0
V
67
D-Pak TO-252
573100D00010G
15.0
H
24
573100D00000G
15.0
H
24
D2 Pak TO-263
573300D00010G
18.0
H
24
573300D00000G
18.0
H
24
7109D/TRG
11.0
H
25
7109DG
11.0
H
25
D2 Pak TO-263 SO10 (MO-184)
7106D/TRG
15.0
H
24
7106DG
15.0
H
24
D3 Pak TO-268
573400D00010G
14.0
H
25
573400D00000G
14.0
H
25
Diamond Shaped Basket Heat Sinks
575603B00000G
15.6
H
70
575703B00000G
13.4
H
70
501303B00000G
12.0
H
70
575803B00000G
11.0
H
70
PF523G
10.1
H
73
501403B00000G
10.0
H
70
575903B00000G
9.8
H
70
PF526G
8.9
H
73
501503B00000G
8.4
H
70
501603B00000G
7.8
H
70
PF527G
7.4
H
73
Hat Section Heat Sink
506003B00000G
7.0
H
69
Space Saving Collar Heat Sinks
579103B00000G
12.5
H
69
579103V00000G
12.5
H
69
Square Basket Heat Sinks
519803B00000G
11.4
H
71
505103B00000G
10.0
H
72
505303B00000G
7.8
H
72
500103B00000G
7.2
H
72
576103B00000G
7.2
H
73
500203B00000G
6.2
H
72
576203B00000G
6.2
H
73
579003B00000G
6.0
H
71
505403B00000G
6.0
H
72
576303B00000G
6.0
H
73
500303B00000G
5.8
H
72
569003B00000G
5.5
H
71
520103B00000G
5.4
H
71
576403B00000G
5.1
H
73
500403B00000G
5.0
H
72
519703B00000G
4.8
H
71
519903B00000G
4.2
H
71
Two Piece Heat Sinks
520329B00000G
4.7
H
69
520328B00000G
4.7
H
69
520327B00000G
4.7
H
69
Extruded Collar Heat Sinks
320105B00000G
63.0
V
76
320205B00000G
63.0
V
76
325705B00000G
60.0
V
76
326005B00000G
57.0
V
76
323005B00000G
56.0
V
76
Low Cost Push On Heat Sink
5FG
45.2
V
75
Snap On Cooler Heat Sinks
578105B00000G
40.0
V
75
578205B00000G
38.0
V
75
578305B00000G
35.0
V
75
578405B00000G
31.0
V
75
578505B00000G
28.0
V
75
Space Saving Collar Heat Sinks
6201PBG
54.0
V
75
6202PBG
43.0
V
75
6203PBG
38.0
V
75
Diamond Shaped Basket Heat Sinks
501706B00000G
12.0
H
74
501806B00000G
9.6
H
74
501906B00000G
8.0
H
74
502006B00000G
8.0
H
74
Space Saving Collar Heat Sinks
579206B00000G
22.0
H
74
579206V00000G
22.0
H
74
Clip On Style Heat Sink
92FG
36.1
V
68
Slip On Style Heat Sinks
575200B00000G
60.0
V
68
575300B00000G
50.0
V
68
575400B00000G
40.0
V
68
Channel Style Heat Sink
TV4G
21.6
H
65
Slip On Style Heat Sinks
PF730G
35.8
H-V
65
PF732G
35.8
H-V
65
577500B00000G
26.0
V
65
577500U00000G
26.0
V
65
Channel Style Heat Sinks
576904B00000G
32.0
H–V
64
577304B00000G
27.2
H–V
64
577404B00000G
24.0
H–V
64
Compact Slide On Heat Sinks
6046PBG
25.0
V
64
6047PBG
25.0
V
64
Extruded Heat Sinks
531002B02500G
13.4
V
59
531002V02500G
13.4
V
59
SW25-6G
13.0
V
59
531102B02500G
10.4
V
59
531102V02500G
10.4
V
59
SW38-6G
10.0
V
59
531302B02500G
8.0
V
59
531302V02500G
8.0
V
59
531202V02500G
7.5
V
59
531202B02500G
7.5
V
59
Low Cost Slide On Heat Sinks
574004B00000G
28.0
V
63
574004U00000G
28.0
V
63
Board
Part Number
θn
Mounting Page
Index by Device Cooled, Heat Sink Style, and Thermal Resistance
AXIAL LEAD
BRIDGE RECTIFIERS
DIPS
IC PACKAGES, BGA, PGA, QFP, LCC
MULTI-WATT
SIPS
SMT
TO-3
TO-5
TO-92
TO-126
TO-202
TO-66
Board
Part Number
θn
Mounting Page
Board
Part Number
θn
Mounting Page
KEY
H =
Horizontal mount
V =
Vertical mount
H–V =
Either horizontal or vertical
depending on device leads
θn =
Natural convection thermal resistance
based on a 75°C heat sink temperature rise


Similar Part No. - 7109D-TRG

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
7109D/TRG AAVID-7109D/TRG Datasheet
8Mb / 116P
   How to Use This Catalog
7109DG AAVID-7109DG Datasheet
8Mb / 116P
   How to Use This Catalog
7109DG AAVID-7109DG Datasheet
57Kb / 2P
   Product Change Notification
7109DG/TR AAVID-7109DG/TR Datasheet
57Kb / 2P
   Product Change Notification
7109DG/TRW/SPECLABEL AAVID-7109DG/TRW/SPECLABEL Datasheet
57Kb / 2P
   Product Change Notification
More results

Similar Description - 7109D-TRG

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB_16 Datasheet
200Kb / 1P
   Forged Heat Skins With Pin Fins
logo
Richtek Technology Corp...
RT9198T RICHTEK-RT9198T Datasheet
290Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9193T RICHTEK-RT9193T Datasheet
296Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9017 RICHTEK-RT9017 Datasheet
307Kb / 12P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
logo
Advanced Thermal Soluti...
ATS-61350W-C1-R0 ATS-ATS-61350W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61375R-C1-R0 ATS-ATS-61375R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400K-C1-R0 ATS-ATS-61400K-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400W-C1-R0 ATS-ATS-61400W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61300R-C1-R0 ATS-ATS-61300R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com