Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F28M35M52B Datasheet(PDF) 4 Page - Texas Instruments

Part # F28M35M52B
Description  C2000??Concerto??Microcontrollers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

F28M35M52B Datasheet(HTML) 4 Page - Texas Instruments

  F28M35M52B Datasheet HTML 1Page - Texas Instruments F28M35M52B Datasheet HTML 2Page - Texas Instruments F28M35M52B Datasheet HTML 3Page - Texas Instruments F28M35M52B Datasheet HTML 4Page - Texas Instruments F28M35M52B Datasheet HTML 5Page - Texas Instruments F28M35M52B Datasheet HTML 6Page - Texas Instruments F28M35M52B Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Concerto™ MCUs: Best of both worlds
With both host and control subsystems on one device, Concerto MCUs
bring you the best of both worlds:
C28x Core (control):
• Up to 150 MHz with floating point
• Sensing and DSP filtering and processing
• Firmware programmable power line modem solutions
• PWMs with unmatched flexibility, programmability, and resolution
(down to 100 picoseconds)
• Enhanced Quadrature Encoder interface (eQEP) is compatible with
almost any linear or rotary encoder for motor control applications
• Enhanced capture for precision in applications like radar and ultra-
sonic sensing
ARM® Cortex™-M3 (host):
• Up to 100 MHz
• Take advantage of Cortex-M3’s rich ecosystem
• Optimized for host communications
Shared / System:
• Up to 1MB of 65-nm Flash and 132K RAM
• Dual 12-bit ADC, 3 MSPS and 2 sample-and-holds each,
20 channels. Unique start-of-conversion triggering for intelligent
sampling.
• Error detection and correction on Flash and RAM sectors
• Redundancy for safety
Two independent cores with monitoring
Dual ADCs for speed and reliability
Built-in clock monitoring with multiple system watch dogs
• Security features for memory protection
• Inter-processing communications library for simple, no-lag informa-
tion transfer between subsystems
• On-chip analog comparators for instantaneous over-current/over-
voltage protection
• Even more integration to simplify hardware design
Integrated high-speed oscillator and real-time clock
On-chip POR/BOR
Single-rail supply, on-chip voltage regulator
• Automotive Q100
Concerto MCUs allow engineers to leverage easy-to-use software
and application libraries from the C2000™ controlSUITE™ soft-
ware platform as well as ARM Cortex-M3’s ecosystem, resulting
in an unparalleled environment of software and support. Previous
developments on C2000 can be ported to Concerto. MCUs
• Scalability between the entire C2000 portfolio – from 40 MHz to
300 MHz
• Single IDE built in functionality with dual core debugging and
programming
• Multi-OS support
• controlSUITE software
40+ man years of application software libraries and device drivers
Plethora of libraries - communication stacks (USB, Ethernet)
motor control, digital power, power line communication
Application kit software and hardware completely open source,
including schematics, bill of materials, even layouts
Focus on differentiation
controlSUITE: C2000 C28x
• Header file library
• Allows for bit-field register access or driver-based functions
• Math, DSP libraries for both fixed and floating point
• Application libraries (motor control, digital power, and more!)
• Code examples and utilities
• SYSBIOS from TI
• Complete source code available, free license and royalty-free
use
controlSUITE: ARM Cortex-M3
• Peripheral driver library
• Allows for direct register access or driver-based functions
• Display, graphics library
• Code examples
• In-system programming support
• CMSIS hardware abstraction
• Complete source code available, free license and royalty-free
use
100-ps PWM Resolution


Similar Part No. - F28M35M52B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M35M52C TI-F28M35M52C Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
F28M35M52C1RFPS TI1-F28M35M52C1RFPS Datasheet
2Mb / 235P
[Old version datasheet]   Microcontrollers
F28M35M52C1RFPS TI-F28M35M52C1RFPS Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
F28M35M52C1RFPT TI1-F28M35M52C1RFPT Datasheet
2Mb / 235P
[Old version datasheet]   Microcontrollers
F28M35M52C1RFPT TI-F28M35M52C1RFPT Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
More results

Similar Description - F28M35M52B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M36P63C2 TI1-F28M36P63C2_15 Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1 TI1-F28M35H20B1_12 Datasheet
1Mb / 192P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1_1110 TI1-F28M35H20B1_1110 Datasheet
804Kb / 104P
[Old version datasheet]   Concerto Microcontrollers
OCTOBER2011
F28M36P63B2 TI-F28M36P63B2 Datasheet
1Mb / 202P
[Old version datasheet]   Concerto Microcontrollers
F28M36P63C TI1-F28M36P63C_14 Datasheet
2Mb / 254P
[Old version datasheet]   F28M36x Concerto??Microcontrollers
F28M35H52C TI-F28M35H52C_V01 Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
F28M35H20B1 TI1-F28M35H20B1 Datasheet
336Kb / 32P
[Old version datasheet]   Concerto Microcontrollers Embedded Memory
AUGUST2012
TPS75005 TI1-TPS75005 Datasheet
904Kb / 32P
[Old version datasheet]   Integrated MCU Power Solution for C2000??Microcontrollers
TPS75005 TI1-TPS75005_14 Datasheet
1Mb / 33P
[Old version datasheet]   Integrated MCU Power Solution for C2000??Microcontrollers
C2000 TI1-C2000 Datasheet
1,013Kb / 15P
[Old version datasheet]   C2000 LED BoosterPack
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com