Electronic Components Datasheet Search |
|
F28M35E20B Datasheet(PDF) 4 Page - Texas Instruments |
|
|
F28M35E20B Datasheet(HTML) 4 Page - Texas Instruments |
4 / 7 page Concerto™ MCUs: Best of both worlds With both host and control subsystems on one device, Concerto MCUs bring you the best of both worlds: C28x Core (control): • Up to 150 MHz with floating point • Sensing and DSP filtering and processing • Firmware programmable power line modem solutions • PWMs with unmatched flexibility, programmability, and resolution (down to 100 picoseconds) • Enhanced Quadrature Encoder interface (eQEP) is compatible with almost any linear or rotary encoder for motor control applications • Enhanced capture for precision in applications like radar and ultra- sonic sensing ARM® Cortex™-M3 (host): • Up to 100 MHz • Take advantage of Cortex-M3’s rich ecosystem • Optimized for host communications Shared / System: • Up to 1MB of 65-nm Flash and 132K RAM • Dual 12-bit ADC, 3 MSPS and 2 sample-and-holds each, 20 channels. Unique start-of-conversion triggering for intelligent sampling. • Error detection and correction on Flash and RAM sectors • Redundancy for safety • • Two independent cores with monitoring • • Dual ADCs for speed and reliability • • Built-in clock monitoring with multiple system watch dogs • Security features for memory protection • Inter-processing communications library for simple, no-lag informa- tion transfer between subsystems • On-chip analog comparators for instantaneous over-current/over- voltage protection • Even more integration to simplify hardware design • • Integrated high-speed oscillator and real-time clock • • On-chip POR/BOR • • Single-rail supply, on-chip voltage regulator • Automotive Q100 Concerto MCUs allow engineers to leverage easy-to-use software and application libraries from the C2000™ controlSUITE™ soft- ware platform as well as ARM Cortex-M3’s ecosystem, resulting in an unparalleled environment of software and support. Previous developments on C2000 can be ported to Concerto. MCUs • Scalability between the entire C2000 portfolio – from 40 MHz to 300 MHz • Single IDE built in functionality with dual core debugging and programming • Multi-OS support • controlSUITE software • • 40+ man years of application software libraries and device drivers • • Plethora of libraries - communication stacks (USB, Ethernet) motor control, digital power, power line communication • • Application kit software and hardware completely open source, including schematics, bill of materials, even layouts Focus on differentiation controlSUITE: C2000 C28x • Header file library • • Allows for bit-field register access or driver-based functions • Math, DSP libraries for both fixed and floating point • Application libraries (motor control, digital power, and more!) • Code examples and utilities • SYSBIOS from TI • Complete source code available, free license and royalty-free use controlSUITE: ARM Cortex-M3 • Peripheral driver library • • Allows for direct register access or driver-based functions • Display, graphics library • Code examples • In-system programming support • CMSIS hardware abstraction • Complete source code available, free license and royalty-free use 100-ps PWM Resolution |
Similar Part No. - F28M35E20B |
|
Similar Description - F28M35E20B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |